| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DR331-9-105 Datasheet
# Example questions:
➢ How many inductors are supplied per reel when using the tape & reel packaging option?
➢ What is the maximum dc resistance (dcr) for the dr331-9-683 inductor?
➢ What is the operating temperature range specified for this dr331-9 series shielded smd inductor?
SHIELDED SMD INDUCTOR DR331-9 SERIES
Features
· Surface Mount Design
· Inductance Range: 10µH to 1000µH
· Operating Temperature: -40°C to +85°C
· Available with tinned leads and optional leaded solder finish (Sn60Pb40 or equivalent)
Electrical Specifications
| Part No. | Inductance (μH) | DCR (Ω) Max. | Irms (A) Max. | Isat (A) Max. | SRF (MHz) |
|---|---|---|---|---|---|
| DR331-9-102 | 1 | 0.009 | 8.6 | 20 | 80 |
| DR331-9-222 | 2.2 | 0.014 | 7.1 | 16 | 80 |
| DR331-9-332 | 3.3 | 0.018 | 6.2 | 14 | 60 |
| DR331-9-562 | 5.6 | 0.020 | 5.3 | 12 | 40 |
| DR331-9-103 | 10 | 0.031 | 4.3 | 10 | 30 |
| DR331-9-153 | 15 | 0.036 | 4 | 8.0 | 22 |
| DR331-9-223 | 22 | 0.047 | 3.5 | 7.0 | 20 |
| DR331-9-333 | 33 | 0.066 | 3 | 5.5 | 15 |
| DR331-9-473 | 47 | 0.086 | 2.6 | 4.5 | 9.0 |
| DR331-9-683 | 68 | 0.13 | 2.3 | 3.5 | 8.0 |
| DR331-9-104 | 100 | 0.19 | 1.8 | 3.0 | 7.0 |
| DR331-9-154 | 150 | 0.25 | 1.5 | 2.6 | 6.0 |
| DR331-9-224 | 220 | 0.38 | 1.2 | 2.4 | 5.0 |
| DR331-9-334 | 330 | 0.56 | 1.0 | 1.9 | 4.0 |
| DR331-9-474 | 470 | 0.85 | 0.82 | 1.4 | 3.0 |
| DR331-9-684 | 680 | 1.1 | 0.72 | 1.2 | 2.5 |
| DR331-9-105 | 1000 | 1.8 | 0.56 | 1.0 | 2.0 |
SHIELDED SMD INDUCTOR DR331-9 SERIES
Features
· Surface Mount Design
· Inductance Range: 10µH to 1000µH
· Operating Temperature: -40°C to +85°C
· Available with tinned leads and optional leaded solder finish (Sn60Pb40 or equivalent)
Electrical Specifications
| Part No. | Inductance (μH) | DCR (Ω) Max. | Irms (A) Max. | Isat (A) Max. | SRF (MHz) |
|---|---|---|---|---|---|
| DR331-9-102 | 1 | 0.009 | 8.6 | 20 | 80 |
| DR331-9-222 | 2.2 | 0.014 | 7.1 | 16 | 80 |
| DR331-9-332 | 3.3 | 0.018 | 6.2 | 14 | 60 |
| DR331-9-562 | 5.6 | 0.020 | 5.3 | 12 | 40 |
| DR331-9-103 | 10 | 0.031 | 4.3 | 10 | 30 |
| DR331-9-153 | 15 | 0.036 | 4 | 8.0 | 22 |
| DR331-9-223 | 22 | 0.047 | 3.5 | 7.0 | 20 |
| DR331-9-333 | 33 | 0.066 | 3 | 5.5 | 15 |
| DR331-9-473 | 47 | 0.086 | 2.6 | 4.5 | 9.0 |
| DR331-9-683 | 68 | 0.13 | 2.3 | 3.5 | 8.0 |
| DR331-9-104 | 100 | 0.19 | 1.8 | 3.0 | 7.0 |
| DR331-9-154 | 150 | 0.25 | 1.5 | 2.6 | 6.0 |
| DR331-9-224 | 220 | 0.38 | 1.2 | 2.4 | 5.0 |
| DR331-9-334 | 330 | 0.56 | 1.0 | 1.9 | 4.0 |
| DR331-9-474 | 470 | 0.85 | 0.82 | 1.4 | 3.0 |
| DR331-9-684 | 680 | 1.1 | 0.72 | 1.2 | 2.5 |
| DR331-9-105 | 1000 | 1.8 | 0.56 | 1.0 | 2.0 |
| Part No. | DR331-9-105 |
| Manufacturer | DATATRONICS |
| Size | 94 Kbytes |
| Pages | 1 page |
| Description | SHIELDED SMD INDUCTOR DR331-9 SERIES |