Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR331-7-104 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR331-7-104 Datasheet

  • # Example questions: ➢ What is the typical dcr (dc resistance) range for inductors in the dr331-7 series?
    ➢ For the dr331-7-105 inductor, what are the isat and irms values?
    ➢ What testing conditions are used to measure the inductance of these components (voltage and frequency)?

  • Part No.DR331-7-104
    ManufacturerDATATRONICS
    Size80 Kbytes
    Pages2 pages
    DescriptionSHIELDED SMD INDUCTOR DR331-7 SERIES
    Datasheet Summary with AI

    1. General Information

    ️· Product: SHIELDED SMD INDUCTOR DR331-7 SERIES
    ️· Operating Temperature: -40°C to +85°C
    ️· Inductance Range: 1.0µH to 10000µH
    ️· RoHS Compliance: Yes (but non-RoHS options are available with leaded solder)
    ️· Manufacturer Contact: Datatronic (with multiple contact locations in California and Hong Kong)
    ️· Disclaimer: Specifications are subject to change without notice.

    2. Electrical Specifications (Table Summary)

    The core of the data sheet is the table detailing electrical performance. Here's a summary of the data points for each part number. (Note: SRF = Self-Resonant Frequency; Q = Quality Factor)

    Part No. Inductance (µH) DCR (Ω) Max. Irms (A) Max. Isat (A) Max. SRF (MHz) REF. Q Min
    DR331-7-102 1.0 0.04 3.0 1.1 250 30 @ 200kHz, 0.1V
    DR331-7-152 1.5 0.045 2.8 0.90 125 30 @ 200kHz, 0.1V
    DR331-7-222 2.2 0.05 1.8 0.68 120 40 @ 200kHz, 0.1V
    DR331-7-332 3.3 0.055 1.6 0.40 120 40 @ 200kHz, 0.1V
    DR331-7-472 4.7 0.06 1.4 0.38 105 40 @ 200kHz, 0.1V
    DR331-7-682 6.8 0.065 1.2 0.36 50.0 40 @ 200kHz, 0.1V
    DR331-7-103 10 0.075 1.0 0.24 38.0 40 @ 200kHz, 0.1V
    DR331-7-153 15 0.09 0.8 0.18 33.0 40 @ 100kHz, 0.1V
    DR331-7-223 22 0.11 0.7 0.16 25 40 @ 100kHz, 0.1V
    DR331-7-333 33 0.19 0.6 0.14 20 40 @ 100kHz, 0.1V
    DR331-7-473 47 0.23 0.5 0.12 20.0 40 @ 100kHz, 0.1V
    DR331-7-683 68 0.29 0.4 0.10 15.0 40 @ 100kHz, 0.1V
    DR331-7-104 100 0.48 0.3 0.04 10 40 @ 100kHz, 0.1V
    DR331-7-154 150 0.59 0.26 0.04 9.0 40 @ 100kHz, 0.1V
    DR331-7-224 220 0.9 0.22 0.04 6.0 40 @ 100kHz, 0.1V
    DR331-7-334 330 1.4 0.2 0.04 5.0 40 @ 100kHz, 0.1V
    DR331-7-474 470 1.8 0.19 0.04 4.0 40 @ 100kHz, 0.1V
    DR331-7-684 680 2.2 0.18 0.02 3.0 40 @ 100kHz, 0.1V
    DR331-7-105 1000 3.4 0.15 0.02 2.0 40 @ 100kHz, 0.1V
    DR331-7-155 1500 4.2 0.12 0.02 2.0 50 @ 100kHz, 0.1V
    DR331-7-225 2200 8.5 0.1 0.02 2.0 50 @ 100kHz, 0.1V
    DR331-7-335 3300 11 0.08 0.02 1.0 50 @ 100kHz, 0.1V
    DR331-7-475 4700 13.9 0.06 0.02 1.0 50 @ 100kHz, 0.1V
    DR331-7-685 6800 25 0.04 0.02 1.0 50 @ 100kHz, 0.1V
    DR331-7-106 10000 32.8 0.02 0.02 0.8 50 @ 100kHz, 0.1V

    *DCR = DC Resistance
    *Irms = Root Mean Square Current (Maximum)
    *Isat = Saturation Current (Maximum)
    *SRF = Self-Resonant Frequency
    *Q = Quality Factor (at a given frequency)*

    3. Mechanical/Physical Aspects

    ️· Dimensions are specified in both inches and millimeters.
    ️· Detailed dimensional drawings are provided.

    4. Important Notes/Points

    ️· Test Conditions: Electrical specifications are measured at 25°C.
    ️· RoHS: Options are available for both RoHS-compliant and non-compliant (lead-containing solder) versions.
    ️· Packaging: Inductors are available in tape and reel packaging (2000 units per reel).
    ️· Revision: The datasheet was last updated on October 30, 2011.
    ️· Dimensional Tolerance: Specific tolerance values are stated for dimensional specifications.

    1. General Information

    ️· Product: SHIELDED SMD INDUCTOR DR331-7 SERIES
    ️· Operating Temperature: -40°C to +85°C
    ️· Inductance Range: 1.0µH to 10000µH
    ️· RoHS Compliance: Yes (but non-RoHS options are available with leaded solder)
    ️· Manufacturer Contact: Datatronic (with multiple contact locations in California and Hong Kong)
    ️· Disclaimer: Specifications are subject to change without notice.

    2. Electrical Specifications (Table Summary)

    The core of the data sheet is the table detailing electrical performance. Here's a summary of the data points for each part number. (Note: SRF = Self-Resonant Frequency; Q = Quality Factor)

    Part No. Inductance (µH) DCR (Ω) Max. Irms (A) Max. Isat (A) Max. SRF (MHz) REF. Q Min
    DR331-7-102 1.0 0.04 3.0 1.1 250 30 @ 200kHz, 0.1V
    DR331-7-152 1.5 0.045 2.8 0.90 125 30 @ 200kHz, 0.1V
    DR331-7-222 2.2 0.05 1.8 0.68 120 40 @ 200kHz, 0.1V
    DR331-7-332 3.3 0.055 1.6 0.40 120 40 @ 200kHz, 0.1V
    DR331-7-472 4.7 0.06 1.4 0.38 105 40 @ 200kHz, 0.1V
    DR331-7-682 6.8 0.065 1.2 0.36 50.0 40 @ 200kHz, 0.1V
    DR331-7-103 10 0.075 1.0 0.24 38.0 40 @ 200kHz, 0.1V
    DR331-7-153 15 0.09 0.8 0.18 33.0 40 @ 100kHz, 0.1V
    DR331-7-223 22 0.11 0.7 0.16 25 40 @ 100kHz, 0.1V
    DR331-7-333 33 0.19 0.6 0.14 20 40 @ 100kHz, 0.1V
    DR331-7-473 47 0.23 0.5 0.12 20.0 40 @ 100kHz, 0.1V
    DR331-7-683 68 0.29 0.4 0.10 15.0 40 @ 100kHz, 0.1V
    DR331-7-104 100 0.48 0.3 0.04 10 40 @ 100kHz, 0.1V
    DR331-7-154 150 0.59 0.26 0.04 9.0 40 @ 100kHz, 0.1V
    DR331-7-224 220 0.9 0.22 0.04 6.0 40 @ 100kHz, 0.1V
    DR331-7-334 330 1.4 0.2 0.04 5.0 40 @ 100kHz, 0.1V
    DR331-7-474 470 1.8 0.19 0.04 4.0 40 @ 100kHz, 0.1V
    DR331-7-684 680 2.2 0.18 0.02 3.0 40 @ 100kHz, 0.1V
    DR331-7-105 1000 3.4 0.15 0.02 2.0 40 @ 100kHz, 0.1V
    DR331-7-155 1500 4.2 0.12 0.02 2.0 50 @ 100kHz, 0.1V
    DR331-7-225 2200 8.5 0.1 0.02 2.0 50 @ 100kHz, 0.1V
    DR331-7-335 3300 11 0.08 0.02 1.0 50 @ 100kHz, 0.1V
    DR331-7-475 4700 13.9 0.06 0.02 1.0 50 @ 100kHz, 0.1V
    DR331-7-685 6800 25 0.04 0.02 1.0 50 @ 100kHz, 0.1V
    DR331-7-106 10000 32.8 0.02 0.02 0.8 50 @ 100kHz, 0.1V

    *DCR = DC Resistance
    *Irms = Root Mean Square Current (Maximum)
    *Isat = Saturation Current (Maximum)
    *SRF = Self-Resonant Frequency
    *Q = Quality Factor (at a given frequency)*

    3. Mechanical/Physical Aspects

    ️· Dimensions are specified in both inches and millimeters.
    ️· Detailed dimensional drawings are provided.

    4. Important Notes/Points

    ️· Test Conditions: Electrical specifications are measured at 25°C.
    ️· RoHS: Options are available for both RoHS-compliant and non-compliant (lead-containing solder) versions.
    ️· Packaging: Inductors are available in tape and reel packaging (2000 units per reel).
    ️· Revision: The datasheet was last updated on October 30, 2011.
    ️· Dimensional Tolerance: Specific tolerance values are stated for dimensional specifications.

    Part No.DR331-7-104
    ManufacturerDATATRONICS
    Size80 Kbytes
    Pages2 pages
    DescriptionSHIELDED SMD INDUCTOR DR331-7 SERIES