Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR331-8-103 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR331-8-103 Datasheet

  • # Example questions: ➢ What is the operating temperature range specified for these shielded smd inductors?
    ➢ What is the inductance range available for the dr331-8 series inductors?
    ➢ How does the isat value affect the performance of the inductor, according to the provided notes?

  • Part No.DR331-8-103
    ManufacturerDATATRONICS
    Size71 Kbytes
    Pages1 page
    DescriptionSHIELDED SMD INDUCTOR DR331-8 SERIES
    Datasheet Summary with AI

    SHIELDED SMD INDUCTOR DR331-8 SERIES

    Features
    ️· Low Profile Surface Mount Design
    ️· Inductance Range from 1.0µH to 47µH
    ️· Operating Temperature: -40°C to +85°C
    ️· Available with Tinned Leads and Leaded Solder (Sn60Pb40 equivalent)

    Electrical Specifications

    | Part No. | Inductance (µH)  20% | DCR () Max. | Irms (A) Max. | Isat (A) Max. | Q Min. | SRF MHz (REF.) |
    |---|---|---|---|---|---|---|
    | DR331-8-102 | 1.0 | 0.021 | 5.0 | 5.6 | 10 | 140 |
    | DR331-8-152 | 1.5 | 0.022 | 4.5 | 5.2 | 10 | 120 |
    | DR331-8-222 | 2.2 | 0.032 | 3.8 | 5.0 | 10 | 80 |
    | DR331-8-332 | 3.3 | 0.039 | 3.3 | 3.9 | 10 | 70 |
    | DR331-8-472 | 4.7 | 0.054 | 2.7 | 3.2 | 15 | 40 |
    | DR331-8-562 | 5.6 | 0.068 | 2.5 | 3.0 | 15 | 35 |
    | DR331-8-682 | 6.8 | 0.085 | 2.3 | 2.8 | 15 | 32 |
    | DR331-8-822 | 8.2 | 0.100 | 2.2 | 2.6 | 15 | 30 |

    | DR331-8-103 | 10 | 0.120 | 2.1 | 2.4 | 15 | 9.3 |
    | DR331-8-153 | 15 | 0.170 | 2.0 | 2.2 | 15 | 3.5 |
    | DR331-8-223 | 22 | 0.240 | 1.9 | 2.0 | 14 | 4.2 |
    | DR331-8-333 | 33 | 0.350 | 1.8 | 1.8 | 14 | 3.3 |
    | DR331-8-473 | 47 | 0.480 | 1.7 | 1.6 | 14 | 2.8 |



    Notes:

    ️· Irms is based on a 40°C temperature rise.
    ️· Terminal finish is RoHS compliant, with a non-RoHS option (Sn60Pb40) available.
    ️· Packaging: Tape & Reel, 500 pieces per reel.

    SHIELDED SMD INDUCTOR DR331-8 SERIES

    Features
    ️· Low Profile Surface Mount Design
    ️· Inductance Range from 1.0µH to 47µH
    ️· Operating Temperature: -40°C to +85°C
    ️· Available with Tinned Leads and Leaded Solder (Sn60Pb40 equivalent)

    Electrical Specifications

    Part No. Inductance (µH)  20% DCR () Max. Irms (A) Max. Isat (A) Max. Q Min. SRF MHz (REF.)
    DR331-8-102 1.0 0.021 5.0 5.6 10 140
    DR331-8-152 1.5 0.022 4.5 5.2 10 120
    DR331-8-222 2.2 0.032 3.8 5.0 10 80
    DR331-8-332 3.3 0.039 3.3 3.9 10 70
    DR331-8-472 4.7 0.054 2.7 3.2 15 40
    DR331-8-562 5.6 0.068 2.5 3.0 15 35
    DR331-8-682 6.8 0.085 2.3 2.8 15 32
    DR331-8-822 8.2 0.100 2.2 2.6 15 30
    DR331-8-103 10 0.120 2.1 2.4 15 9.3
    DR331-8-153 15 0.170 2.0 2.2 15 3.5
    DR331-8-223 22 0.240 1.9 2.0 14 4.2
    DR331-8-333 33 0.350 1.8 1.8 14 3.3
    DR331-8-473 47 0.480 1.7 1.6 14 2.8



    Notes:

    ️· Irms is based on a 40°C temperature rise.
    ️· Terminal finish is RoHS compliant, with a non-RoHS option (Sn60Pb40) available.
    ️· Packaging: Tape & Reel, 500 pieces per reel.

    Part No.DR331-8-103
    ManufacturerDATATRONICS
    Size71 Kbytes
    Pages1 page
    DescriptionSHIELDED SMD INDUCTOR DR331-8 SERIES