Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR331-6-105 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR331-6-105 Datasheet

  • # Example questions: ➢ What is the full operating temperature range specified for the dr331-6 series inductors?
    ➢ How many pieces per reel are available when ordering the tape and reel packaging option?
    ➢ What inductance value corresponds to a dcr of 0.22 ohms maximum?

  • Part No.DR331-6-105
    ManufacturerDATATRONICS
    Size76 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR DR331-6 SERIES
    Datasheet Summary with AI

    SMD INDUCTOR DR331-6 SERIES

    Features
    ️· Surface Mount Design
    ️· Inductance Range: 10µH to 1000µH
    ️· Operating Temperature: -40°C to +85°C
    ️· Available with Tinned or Leaded Solder (Sn60Pb40)

    Electrical Specifications (at 25°C)

    | Part No. | Inductance (µH) | DCR (Ω) | Irms (A) | Isat (A) | SRF (MHz) |
    |---|---|---|---|---|---|
    | DR331-6-103 | 10 | 0.04 | 3.5 | 8.0 | 22 |
    | DR331-6-153 | 15 | 0.05 | 3.0 | 7.0 | 18 |
    | DR331-6-223 | 22 | 0.07 | 2.5 | 5.5 | 11 |
    | DR331-6-333 | 33 | 0.08 | 2.0 | 4.0 | 9.0 |
    | DR331-6-473 | 47 | 0.11 | 1.6 | 3.8 | 8.0 |
    | DR331-6-683 | 68 | 0.17 | 1.2 | 3.0 | 7.0 |
    | DR331-6-104 | 100 | 0.22 | 1.2 | 2.5 | 5.0 |
    | DR331-6-154 | 150 | 0.34 | 0.90 | 2.0 | 4.0 |

    | DR331-6-224 | 220 | 0.44 | 0.70 | 1.6 | 3.5 |
    | DR331-6-334 | 330 | 0.70 | 0.60 | 1.2 | 2.5 |
    | DR331-6-474 | 470 | 0.95 | 0.30 | 1.0 | 2.0 |
    | DR331-6-684 | 680 | 1.2 | 0.20 | 1.0 | 2.0 |
    | DR331-6-105 | 1000 | 2.0 | 0.10 | 0.80 | 1.5 |

    Mechanical Specifications

    ️· Dimensions: Inches/millimeters
    ️· Tolerance: ±0.010 inches, ±0.30 millimeters
    ️· Packaging: Tape & Reel, 250 pcs/reel

    Notes
    ️· Isat: Inductance at 90% of initial value
    ️· Irms: Based on a 40°C temperature rise
    ️· Inductance Test: 0.1 Vrms @ 100 kHz
    ️· RoHS Compliant Terminal Finish
    ️· Non-RoHS Options: 42-331-6-XXX finished with Sn60Pb40

    SMD INDUCTOR DR331-6 SERIES

    Features
    ️· Surface Mount Design
    ️· Inductance Range: 10µH to 1000µH
    ️· Operating Temperature: -40°C to +85°C
    ️· Available with Tinned or Leaded Solder (Sn60Pb40)

    Electrical Specifications (at 25°C)

    Part No. Inductance (µH) DCR (Ω) Irms (A) Isat (A) SRF (MHz)
    DR331-6-103 10 0.04 3.5 8.0 22
    DR331-6-153 15 0.05 3.0 7.0 18
    DR331-6-223 22 0.07 2.5 5.5 11
    DR331-6-333 33 0.08 2.0 4.0 9.0
    DR331-6-473 47 0.11 1.6 3.8 8.0
    DR331-6-683 68 0.17 1.2 3.0 7.0
    DR331-6-104 100 0.22 1.2 2.5 5.0
    DR331-6-154 150 0.34 0.90 2.0 4.0
    DR331-6-224 220 0.44 0.70 1.6 3.5
    DR331-6-334 330 0.70 0.60 1.2 2.5
    DR331-6-474 470 0.95 0.30 1.0 2.0
    DR331-6-684 680 1.2 0.20 1.0 2.0
    DR331-6-105 1000 2.0 0.10 0.80 1.5

    Mechanical Specifications

    ️· Dimensions: Inches/millimeters
    ️· Tolerance: ±0.010 inches, ±0.30 millimeters
    ️· Packaging: Tape & Reel, 250 pcs/reel

    Notes
    ️· Isat: Inductance at 90% of initial value
    ️· Irms: Based on a 40°C temperature rise
    ️· Inductance Test: 0.1 Vrms @ 100 kHz
    ️· RoHS Compliant Terminal Finish
    ️· Non-RoHS Options: 42-331-6-XXX finished with Sn60Pb40

    Part No.DR331-6-105
    ManufacturerDATATRONICS
    Size76 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR DR331-6 SERIES