Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR331-4-102 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR331-4-102 Datasheet

  • # Example questions: ➢ What is the dcr value for the dr331-4-683 part number?
    ➢ How many pieces are included per reel when ordering the tape and reel packaging option?
    ➢ What is the maximum operating temperature for this dr331-4 series smd inductor?

  • Part No.DR331-4-102
    ManufacturerDATATRONICS
    Size79 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR DR331-4 SERIES
    Datasheet Summary with AI

    SMD INDUCTOR DR331-4 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Inductance Range: 1.0µH to 1000µH
    ️· Operating Temperature: -40°C to +85°C
    ️· Available with Tinned Leads and Leaded Solder (Sn60Pb40 or equivalent)

    Electrical Specifications

    Part No. Inductance (µH) DCR (Ω) Max I rms (A) Max I sat (A) Max SRF (MHz) Ref
    DR331-4-102 1 0.009 8.6 20 80
    DR331-4-222 2.2 0.014 7.1 16 80
    DR331-4-332 3.3 0.018 6.2 14 60
    DR331-4-562 5.6 0.020 5.3 12 40
    DR331-4-103 10 0.031 4.3 10 30
    DR331-4-153 15 0.036 4 8 22
    DR331-4-223 22 0.047 3.5 7 20
    DR331-4-333 33 0.066 3 5.5 15
    DR331-4-473 47 0.086 2.6 4.5 9.0
    DR331-4-683 68 0.13 2.3 3.5 8.0
    DR331-4-104 100 0.19 1.8 3 7.0
    DR331-4-154 150 0.25 1.5 2.6 6.0
    DR331-4-224 220 0.38 1.2 2.4 5.0
    DR331-4-334 330 0.56 1.0 1.9 4.0
    DR331-4-474 470 0.85 0.82 1.4 3.0
    DR331-4-684 680 1.1 0.72 1.2 2.5
    DR331-4-105 1000 1.8 0.56 1.0 2.0

    Notes

    ️· Dimensions are in inches/millimeters.
    ️· Tolerance: Inches ±0.010, Millimeters ±0.25
    ️· I sat is based on 90% inductance retention.
    ️· I rms is based on a 40°C temperature rise.
    ️· Packaging: Tape & Reel, 400 pcs/reel
    ️· Inductance tested at 0.1 Vrms @ 100 kHz
    ️· RoHS compliant terminal finish
    ️· Non-RoHS parts available with Sn60Pb40 leaded solder

    SMD INDUCTOR DR331-4 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Inductance Range: 1.0µH to 1000µH
    ️· Operating Temperature: -40°C to +85°C
    ️· Available with Tinned Leads and Leaded Solder (Sn60Pb40 or equivalent)

    Electrical Specifications

    Part No. Inductance (µH) DCR (Ω) Max I rms (A) Max I sat (A) Max SRF (MHz) Ref
    DR331-4-102 1 0.009 8.6 20 80
    DR331-4-222 2.2 0.014 7.1 16 80
    DR331-4-332 3.3 0.018 6.2 14 60
    DR331-4-562 5.6 0.020 5.3 12 40
    DR331-4-103 10 0.031 4.3 10 30
    DR331-4-153 15 0.036 4 8 22
    DR331-4-223 22 0.047 3.5 7 20
    DR331-4-333 33 0.066 3 5.5 15
    DR331-4-473 47 0.086 2.6 4.5 9.0
    DR331-4-683 68 0.13 2.3 3.5 8.0
    DR331-4-104 100 0.19 1.8 3 7.0
    DR331-4-154 150 0.25 1.5 2.6 6.0
    DR331-4-224 220 0.38 1.2 2.4 5.0
    DR331-4-334 330 0.56 1.0 1.9 4.0
    DR331-4-474 470 0.85 0.82 1.4 3.0
    DR331-4-684 680 1.1 0.72 1.2 2.5
    DR331-4-105 1000 1.8 0.56 1.0 2.0

    Notes

    ️· Dimensions are in inches/millimeters.
    ️· Tolerance: Inches ±0.010, Millimeters ±0.25
    ️· I sat is based on 90% inductance retention.
    ️· I rms is based on a 40°C temperature rise.
    ️· Packaging: Tape & Reel, 400 pcs/reel
    ️· Inductance tested at 0.1 Vrms @ 100 kHz
    ️· RoHS compliant terminal finish
    ️· Non-RoHS parts available with Sn60Pb40 leaded solder

    Part No.DR331-4-102
    ManufacturerDATATRONICS
    Size79 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR DR331-4 SERIES