| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DR331-1-105 Datasheet
# Example questions:
➢ How is the irms value defined or determined, according to the provided notes?
➢ What are the dimensional tolerances for measurements given in inches and millimeters?
➢ What is the full inductance range available for this dr331-1 series smd inductor?
SMD INDUCTOR DR331-1 SERIES
Features
️· Low Profile Surface Mount Design
️· Inductance Range: 1.0µH to 1000µH
️· Operating Temperature: -40°C to +85°C
️· Available with Tinned Leads and Leaded Solder (note 1)
Electrical Specifications
| Part No. | Inductance (µH) 20% | DCR () Max. | I rms (A) Max. (Note 1) | I sat (A) Max. (Note 2) | SRF (MHz) REF. |
|---|---|---|---|---|---|
| DR331-1-102 | 1.0 | 0.009 | 6.80 | 9.0 | 100.0 |
| DR331-1-152 | 1.5 | 0.010 | 6.40 | 8.0 | 90.0 |
| DR331-1-222 | 2.2 | 0.012 | 6.10 | 7.0 | 80.0 |
| DR331-1-332 | 3.3 | 0.015 | 5.40 | 6.4 | 65.0 |
| DR331-1-472 | 4.7 | 0.018 | 4.80 | 5.4 | 45.0 |
| DR331-1-682 | 6.8 | 0.027 | 4.40 | 4.6 | 38.0 |
| DR331-1-103 | 10 | 0.038 | 3.90 | 3.8 | 30.0 |
| DR331-1-153 | 15 | 0.046 | 3.10 | 3.0 | 27.0 |
| DR331-1-223 | 22 | 0.085 | 2.70 | 2.6 | 19.0 |
| DR331-1-333 | 33 | 0.10 | 2.10 | 2.0 | 15.0 |
| DR331-1-473 | 47 | 0.14 | 1.80 | 1.6 | 12.0 |
| DR331-1-683 | 68 | 0.20 | 1.50 | 1.4 | 10.0 |
| DR331-1-104 | 100 | 0.28 | 1.30 | 1.2 | 9.0 |
| DR331-1-154 | 150 | 0.40 | 1.00 | 1.0 | 6.0 |
| DR331-1-224 | 220 | 0.61 | 0.80 | 0.8 | 5.0 |
| DR331-1-334 | 330 | 1.02 | 0.60 | 0.6 | 4.5 |
| DR331-1-474 | 470 | 1.27 | 0.50 | 0.5 | 3.5 |
| DR331-1-684 | 680 | 2.02 | 0.40 | 0.4 | 2.5 |
| DR331-1-105 | 1000 | 3.00 | 0.30 | 0.3 | 2.0 |
SMD INDUCTOR DR331-1 SERIES
Features
️· Low Profile Surface Mount Design
️· Inductance Range: 1.0µH to 1000µH
️· Operating Temperature: -40°C to +85°C
️· Available with Tinned Leads and Leaded Solder (note 1)
Electrical Specifications
| Part No. | Inductance (µH) 20% | DCR () Max. | I rms (A) Max. (Note 1) | I sat (A) Max. (Note 2) | SRF (MHz) REF. |
|---|---|---|---|---|---|
| DR331-1-102 | 1.0 | 0.009 | 6.80 | 9.0 | 100.0 |
| DR331-1-152 | 1.5 | 0.010 | 6.40 | 8.0 | 90.0 |
| DR331-1-222 | 2.2 | 0.012 | 6.10 | 7.0 | 80.0 |
| DR331-1-332 | 3.3 | 0.015 | 5.40 | 6.4 | 65.0 |
| DR331-1-472 | 4.7 | 0.018 | 4.80 | 5.4 | 45.0 |
| DR331-1-682 | 6.8 | 0.027 | 4.40 | 4.6 | 38.0 |
| DR331-1-103 | 10 | 0.038 | 3.90 | 3.8 | 30.0 |
| DR331-1-153 | 15 | 0.046 | 3.10 | 3.0 | 27.0 |
| DR331-1-223 | 22 | 0.085 | 2.70 | 2.6 | 19.0 |
| DR331-1-333 | 33 | 0.10 | 2.10 | 2.0 | 15.0 |
| DR331-1-473 | 47 | 0.14 | 1.80 | 1.6 | 12.0 |
| DR331-1-683 | 68 | 0.20 | 1.50 | 1.4 | 10.0 |
| DR331-1-104 | 100 | 0.28 | 1.30 | 1.2 | 9.0 |
| DR331-1-154 | 150 | 0.40 | 1.00 | 1.0 | 6.0 |
| DR331-1-224 | 220 | 0.61 | 0.80 | 0.8 | 5.0 |
| DR331-1-334 | 330 | 1.02 | 0.60 | 0.6 | 4.5 |
| DR331-1-474 | 470 | 1.27 | 0.50 | 0.5 | 3.5 |
| DR331-1-684 | 680 | 2.02 | 0.40 | 0.4 | 2.5 |
| DR331-1-105 | 1000 | 3.00 | 0.30 | 0.3 | 2.0 |
| Part No. | DR331-1-105 |
| Manufacturer | DATATRONICS |
| Size | 71 Kbytes |
| Pages | 1 page |
| Description | SMD INDUCTOR DR331-1 SERIES |