| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DR331-2-104 Datasheet
# Example questions:
➢ What is the inductance range available for the dr331-2 series of inductors?
➢ How does the irms value change as the inductance value increases within the dr331-2 series?
➢ What is the operating temperature range specified for these smd inductors?
SMD INDUCTOR DR331-2 SERIES
Features
️· Low Profile Surface Mount Design
️· Inductance Range from 1.0µH to 1000µH
️· Operating Temperature: -40°C to +85°C
️· Available with Tinned Leads and Leaded Solder (Sn60Pb40 or equivalent)
Electrical Specifications
️· Inductance: 1.0 µH to 1000 µH (various part numbers available, see table)
️· DCR (Maximum): 0.05 to 13.80 (varies by part number)
️· Irms (Maximum): 0.07 A to 2.9 A (varies by part number)
️· Isat (Maximum): 0.70 A to 2.9 A (varies by part number)
️· SRF (Reference): 9.0 MHz to 130 MHz (varies by part number)
️· Tested at 0.1 Vrms @ 100 kHz
Notes
️· Dimensions are in inches/millimeters. Tolerance: ±0.010 inches, ±0.25 mm.
️· Isat is based on inductance being 90% of its initial value.
️· Irms is based on a temperature rise of 40°C.
️· Packaging: Tape & Reel, 2000 pcs/reel.
️· Terminal finish compliant with RoHS requirements.
️· Non-RoHS parts available with leaded solder.
Contact Information
️· Datatronic: 28151 Highway 74, Romoland, CA 92585, Tel: 951-928-7700
️· Hong Kong: 499 King’s Road, Tel: (852) 2562 3858
SMD INDUCTOR DR331-2 SERIES
Features
️· Low Profile Surface Mount Design
️· Inductance Range from 1.0µH to 1000µH
️· Operating Temperature: -40°C to +85°C
️· Available with Tinned Leads and Leaded Solder (Sn60Pb40 or equivalent)
Electrical Specifications
️· Inductance: 1.0 µH to 1000 µH (various part numbers available, see table)
️· DCR (Maximum): 0.05 to 13.80 (varies by part number)
️· Irms (Maximum): 0.07 A to 2.9 A (varies by part number)
️· Isat (Maximum): 0.70 A to 2.9 A (varies by part number)
️· SRF (Reference): 9.0 MHz to 130 MHz (varies by part number)
️· Tested at 0.1 Vrms @ 100 kHz
Notes
️· Dimensions are in inches/millimeters. Tolerance: ±0.010 inches, ±0.25 mm.
️· Isat is based on inductance being 90% of its initial value.
️· Irms is based on a temperature rise of 40°C.
️· Packaging: Tape & Reel, 2000 pcs/reel.
️· Terminal finish compliant with RoHS requirements.
️· Non-RoHS parts available with leaded solder.
Contact Information
️· Datatronic: 28151 Highway 74, Romoland, CA 92585, Tel: 951-928-7700
️· Hong Kong: 499 King’s Road, Tel: (852) 2562 3858
| Part No. | DR331-2-104 |
| Manufacturer | DATATRONICS |
| Size | 73 Kbytes |
| Pages | 1 page |
| Description | SMD INDUCTOR DR331-2 SERIES |