Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR331-1-104 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR331-1-104 Datasheet

  • # Example questions: ➢ How is the irms value defined or determined, according to the provided notes?
    ➢ What are the dimensional tolerances for measurements given in inches and millimeters?
    ➢ What is the full inductance range available for this dr331-1 series smd inductor?

  • Part No.DR331-1-104
    ManufacturerDATATRONICS
    Size71 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR DR331-1 SERIES
    Datasheet Summary with AI

    SMD INDUCTOR DR331-1 SERIES

    Features
    ️· Low Profile Surface Mount Design
    ️· Inductance Range: 1.0µH to 1000µH
    ️· Operating Temperature: -40°C to +85°C
    ️· Available with Tinned Leads and Leaded Solder (note 1)

    Electrical Specifications

    Part No. Inductance (µH)  20% DCR () Max. I rms (A) Max. (Note 1) I sat (A) Max. (Note 2) SRF (MHz) REF.
    DR331-1-102 1.0 0.009 6.80 9.0 100.0
    DR331-1-152 1.5 0.010 6.40 8.0 90.0
    DR331-1-222 2.2 0.012 6.10 7.0 80.0
    DR331-1-332 3.3 0.015 5.40 6.4 65.0
    DR331-1-472 4.7 0.018 4.80 5.4 45.0
    DR331-1-682 6.8 0.027 4.40 4.6 38.0
    DR331-1-103 10 0.038 3.90 3.8 30.0
    DR331-1-153 15 0.046 3.10 3.0 27.0
    DR331-1-223 22 0.085 2.70 2.6 19.0
    DR331-1-333 33 0.10 2.10 2.0 15.0
    DR331-1-473 47 0.14 1.80 1.6 12.0
    DR331-1-683 68 0.20 1.50 1.4 10.0
    DR331-1-104 100 0.28 1.30 1.2 9.0
    DR331-1-154 150 0.40 1.00 1.0 6.0
    DR331-1-224 220 0.61 0.80 0.8 5.0
    DR331-1-334 330 1.02 0.60 0.6 4.5
    DR331-1-474 470 1.27 0.50 0.5 3.5
    DR331-1-684 680 2.02 0.40 0.4 2.5
    DR331-1-105 1000 3.00 0.30 0.3 2.0

    Notes

    ️· Dimensions are shown in inches/millimeters.
    ️· Tolerance: Inches ±0.010, Millimeters ±0.30.
    ️· Isat is based on inductance being 30% of initial value.
    ️· Irms based on a temperature rise of 40°C.
    ️· Packaging: Tape & Reel, 500 pcs/reel.
    ️· Inductance tested at 0.1 Vrms @ 100 kHz.
    ️· RoHS compliant terminal finish.
    ️· Non-RoHS parts available with leaded solder Sn60Pb40.

    SMD INDUCTOR DR331-1 SERIES

    Features
    ️· Low Profile Surface Mount Design
    ️· Inductance Range: 1.0µH to 1000µH
    ️· Operating Temperature: -40°C to +85°C
    ️· Available with Tinned Leads and Leaded Solder (note 1)

    Electrical Specifications

    Part No. Inductance (µH)  20% DCR () Max. I rms (A) Max. (Note 1) I sat (A) Max. (Note 2) SRF (MHz) REF.
    DR331-1-102 1.0 0.009 6.80 9.0 100.0
    DR331-1-152 1.5 0.010 6.40 8.0 90.0
    DR331-1-222 2.2 0.012 6.10 7.0 80.0
    DR331-1-332 3.3 0.015 5.40 6.4 65.0
    DR331-1-472 4.7 0.018 4.80 5.4 45.0
    DR331-1-682 6.8 0.027 4.40 4.6 38.0
    DR331-1-103 10 0.038 3.90 3.8 30.0
    DR331-1-153 15 0.046 3.10 3.0 27.0
    DR331-1-223 22 0.085 2.70 2.6 19.0
    DR331-1-333 33 0.10 2.10 2.0 15.0
    DR331-1-473 47 0.14 1.80 1.6 12.0
    DR331-1-683 68 0.20 1.50 1.4 10.0
    DR331-1-104 100 0.28 1.30 1.2 9.0
    DR331-1-154 150 0.40 1.00 1.0 6.0
    DR331-1-224 220 0.61 0.80 0.8 5.0
    DR331-1-334 330 1.02 0.60 0.6 4.5
    DR331-1-474 470 1.27 0.50 0.5 3.5
    DR331-1-684 680 2.02 0.40 0.4 2.5
    DR331-1-105 1000 3.00 0.30 0.3 2.0

    Notes

    ️· Dimensions are shown in inches/millimeters.
    ️· Tolerance: Inches ±0.010, Millimeters ±0.30.
    ️· Isat is based on inductance being 30% of initial value.
    ️· Irms based on a temperature rise of 40°C.
    ️· Packaging: Tape & Reel, 500 pcs/reel.
    ️· Inductance tested at 0.1 Vrms @ 100 kHz.
    ️· RoHS compliant terminal finish.
    ️· Non-RoHS parts available with leaded solder Sn60Pb40.

    Part No.DR331-1-104
    ManufacturerDATATRONICS
    Size71 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR DR331-1 SERIES