Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR331-3-103 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR331-3-103 Datasheet

  • # Example questions: ➢ What is the operating temperature range for the dr331-3 series inductors?
    ➢ Which inductance value has a self resonant frequency (srf) of 35 mhz?
    ➢ How does the datasheet define the irms value for these inductors?

  • Part No.DR331-3-103
    ManufacturerDATATRONICS
    Size71 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR DR331-3 SERIES
    Datasheet Summary with AI

    SMD INDUCTOR DR331-3 SERIES

    Features
    ️· Low Profile Surface Mount Design
    ️· Inductance Range: 10µH to 1000µH
    ️· Operating Temperature: -40°C to +85°C
    ️· Available with Tinned Leads and Leaded Solder (Sn60Pb40 or equivalent)

    Electrical Specifications
    ️· Inductance: 10µH to 1000µH (±20%)
    ️· DCR (Maximum): 0.11  to 8.40  (varying by part number)
    ️· Irms (Maximum): 0.05 A to 2.0 A (varying by part number)
    ️· Isat (Maximum): 0.1 A to 2.4 A (varying by part number)
    ️· SRF (Reference): 2.5 MHz to 35 MHz (varying by part number)
    ️· See table for specific values by part number.

    Mechanical Specifications

    ️· Dimensions specified in inches and millimeters.
    ️· Tolerance: ±0.010 inches or ±0.25 mm

    ️· Packaging: Tape & Reel, 1000 pcs per reel

    Notes

    ️· Isat is based on inductance being 90% of initial value.
    ️· Irms is based on a temperature rise of 40°C.
    ️· Inductance is tested at 0.1 Vrms @ 100 kHz.
    ️· Terminal finish compliant with RoHS requirements.
    ️· Non-RoHS parts available with leaded solder.

    Contact Information

    ️· Datatronic: 28151 Highway 74, Romoland, CA 92585
    Tel: 951-928-7700, Fax: 951-928-7701, Email: ddisales@datatronics.com
    ️· Hong Kong: 499 King’s Road, Tel: (852) 2562 3858, (852) 2564 8477, Fax: (852) 2565 7214, (852) 2563 1290

    SMD INDUCTOR DR331-3 SERIES

    Features
    ️· Low Profile Surface Mount Design
    ️· Inductance Range: 10µH to 1000µH
    ️· Operating Temperature: -40°C to +85°C
    ️· Available with Tinned Leads and Leaded Solder (Sn60Pb40 or equivalent)

    Electrical Specifications
    ️· Inductance: 10µH to 1000µH (±20%)
    ️· DCR (Maximum): 0.11  to 8.40  (varying by part number)
    ️· Irms (Maximum): 0.05 A to 2.0 A (varying by part number)
    ️· Isat (Maximum): 0.1 A to 2.4 A (varying by part number)
    ️· SRF (Reference): 2.5 MHz to 35 MHz (varying by part number)
    ️· See table for specific values by part number.

    Mechanical Specifications

    ️· Dimensions specified in inches and millimeters.
    ️· Tolerance: ±0.010 inches or ±0.25 mm
    ️· Packaging: Tape & Reel, 1000 pcs per reel

    Notes

    ️· Isat is based on inductance being 90% of initial value.
    ️· Irms is based on a temperature rise of 40°C.
    ️· Inductance is tested at 0.1 Vrms @ 100 kHz.
    ️· Terminal finish compliant with RoHS requirements.
    ️· Non-RoHS parts available with leaded solder.

    Contact Information

    ️· Datatronic: 28151 Highway 74, Romoland, CA 92585
    Tel: 951-928-7700, Fax: 951-928-7701, Email: ddisales@datatronics.com
    ️· Hong Kong: 499 King’s Road, Tel: (852) 2562 3858, (852) 2564 8477, Fax: (852) 2565 7214, (852) 2563 1290

    Part No.DR331-3-103
    ManufacturerDATATRONICS
    Size71 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR DR331-3 SERIES