| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about NDP606A Datasheet
# Example questions:
➢ What is the typical drain-source breakdown voltage (bv dss) for the ndp605a transistor?
➢ What is the maximum junction temperature (tj) specified for the ndp606b transistor?
➢ What characteristic eliminates the need for an external zener diode transient suppressor?
1. Product Overview:
️· Type: MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors)
️· Function: Designed for low-voltage applications requiring fast switching and low power loss (e.g., automotive, battery-powered devices).
️· Technology: Utilizes National Semiconductor’s proprietary DMOS (Double Diffused MOS) technology.
2. Models & Key Specifications:
| Model | Vds (Max) | Id (Max) | Ros(on) (Typical) |
|---|---|---|---|
| NDP605A | 50V | 48A | ~0.025 Ohms |
| NDP605B | 50V | 42A | ~0.028 Ohms |
| NDP606A | 60V | 48A | ~0.025 Ohms |
| NDP606B | 60V | 42A | ~0.028 Ohms |
1. Product Overview:
️· Type: MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors)
️· Function: Designed for low-voltage applications requiring fast switching and low power loss (e.g., automotive, battery-powered devices).
️· Technology: Utilizes National Semiconductor’s proprietary DMOS (Double Diffused MOS) technology.
2. Models & Key Specifications:
| Model | Vds (Max) | Id (Max) | Ros(on) (Typical) |
|---|---|---|---|
| NDP605A | 50V | 48A | ~0.025 Ohms |
| NDP605B | 50V | 42A | ~0.028 Ohms |
| NDP606A | 60V | 48A | ~0.025 Ohms |
| NDP606B | 60V | 42A | ~0.028 Ohms |
| Part No. | NDP606A |
| Manufacturer | NJSEMI |
| Size | 121 Kbytes |
| Pages | 3 pages |
| Description | N-Channel Enhancement Mode Power Field Effect Transistor |