Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KBPC35005 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about KBPC35005 Datasheet

  • # Example questions: ➢ What is the typical junction capacitance, and under what conditions was it measured?
    ➢ What is the maximum recurrent peak reverse voltage for the kbpc3504 model?
    ➢ How does the maximum average forward rectified output current change as the dc blocking voltage increases from 50 to 1000 volts?

  • Part No.KBPC35005
    ManufacturerDCCOM
    Size560 Kbytes
    Pages2 pages
    DescriptionTECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
    Datasheet Summary with AI

    # KBPC/MB35005 - MB3510 Silicon Bridge Rectifier

    ## Features

    ️· Surge overload ratings: 400 Amperes
    ️· Metal case for maximum heat dissipation
    ️· Low forward voltage drop
    ️· Epoxy: UL 94V-0 rate flame retardant
    ️· Terminals: Plated .25"(6.35mm) Faston lugs, solderable
    ️· Polarity: As marked
    ️· Mounting position: Any

    ## Electrical Characteristics

    ️· Voltage Range: 50 to 1000 Volts
    ️· Current: 35 Amperes
    ️· Maximum Recurrent Peak Reverse Voltage (VRRM): 50 - 1000 Volts (depending on model)
    ️· Maximum RMS Bridge Input Voltage (VRMS): 35 - 700 Volts (depending on model)
    ️· Maximum DC Blocking Voltage (VDC): 50 - 1000 Volts (depending on model)
    ️· Maximum Average Forward Rectified Output Current (IO): 35 Amps (for all models at Tc = 55oC)

    ️· Peak Forward Surge Current (IFSM): 400 Amps (for all models)
    ️· Maximum Forward Voltage Drop (VF): 1.1 Volts
    ️· Maximum DC Reverse Current (IR): 10 uAmps @ 25oC, 500 uAmps @ 100oC
    ️· I2t Rating: 664 A²Sec
    ️· Typical Junction Capacitance (CJ): 300 pF
    ️· Typical Thermal Resistance (RθJC): 2.2 °C/W
    ️· Operating and Storage Temperature Range: -55 to +150 °C

    ## Mechanical Data

    ️· Weight: 30 grams
    ️· Dimensions: Refer to product curves - not explicitly listed.
    ️· Notes: 1. Measured at 1 MHZ and applied reverse voltage of 4.0 volts 2. Thermal Resistance from Junction to Case per leg

    # KBPC/MB35005 - MB3510 Silicon Bridge Rectifier

    ## Features

    ️· Surge overload ratings: 400 Amperes
    ️· Metal case for maximum heat dissipation
    ️· Low forward voltage drop
    ️· Epoxy: UL 94V-0 rate flame retardant
    ️· Terminals: Plated .25"(6.35mm) Faston lugs, solderable
    ️· Polarity: As marked
    ️· Mounting position: Any

    ## Electrical Characteristics

    ️· Voltage Range: 50 to 1000 Volts
    ️· Current: 35 Amperes
    ️· Maximum Recurrent Peak Reverse Voltage (VRRM): 50 - 1000 Volts (depending on model)
    ️· Maximum RMS Bridge Input Voltage (VRMS): 35 - 700 Volts (depending on model)
    ️· Maximum DC Blocking Voltage (VDC): 50 - 1000 Volts (depending on model)
    ️· Maximum Average Forward Rectified Output Current (IO): 35 Amps (for all models at Tc = 55oC)
    ️· Peak Forward Surge Current (IFSM): 400 Amps (for all models)
    ️· Maximum Forward Voltage Drop (VF): 1.1 Volts
    ️· Maximum DC Reverse Current (IR): 10 uAmps @ 25oC, 500 uAmps @ 100oC
    ️· I2t Rating: 664 A²Sec
    ️· Typical Junction Capacitance (CJ): 300 pF
    ️· Typical Thermal Resistance (RθJC): 2.2 °C/W
    ️· Operating and Storage Temperature Range: -55 to +150 °C

    ## Mechanical Data

    ️· Weight: 30 grams
    ️· Dimensions: Refer to product curves - not explicitly listed.
    ️· Notes: 1. Measured at 1 MHZ and applied reverse voltage of 4.0 volts 2. Thermal Resistance from Junction to Case per leg

    Part No.KBPC35005
    ManufacturerDCCOM
    Size560 Kbytes
    Pages2 pages
    DescriptionTECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER