Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Datasheet with Chat AI
Datasheet Details
Part No.LMV393DUAL
MfrTI
Size1Mb
Pages30 pages
DescriptionGENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
Datasheet SummaryAI
# LMV331, LMV393, LMV339 Series

## Features

️· Low Voltage Operation: 2.7V - 5.5V
️· Low Supply Current:
- LMV331: 130 µA Typ
- LMV393: 210 µA Typ
- LMV339: 410 µA Typ
️· Input Common-Mode Voltage Range Includes Ground
️· Low Output Saturation Voltage: 200 mV Typ
️· Open-Collector Output
️· Available in Single, Dual, and Quad Packages

## Ordering Information

Device Package Type Pins Reel Size
LMV331IDBVR SOT-23 5 3000
LMV331IDBVT SOT-23 5 250
LMV331IDCKR SC70 5 3000
LMV331IDCKT SC70 5 250
LMV339IDR SOIC 14 2500
LMV339IPWR TSSOP 14 2000
LMV339IRUCR QFN 14 3000
LMV393IDDUR VSSOP 8 3000
LMV393IDGKR VSSOP 8 2500
LMV393IDR SOIC 8 2500
LMV393IPWR TSSOP 8 2000

## Electrical Characteristics

️· Supply Voltage: 2.7V to 5.5V
️· Input Offset Voltage (VIO): 1.7mV to 9mV (depending on temp)
️· Supply Current (ICC): 60µA - 350µA (depending on device and temp)
️· Output Saturation Voltage: 200mV typical

## Package Options

️· SOIC
️· TSSOP
️· QFN
️· VSSOP
️· SC70
️· SOT-23
LMV393DUAL Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about LMV393DUAL Datasheet.
    Example questions: ➤ What package type is associated with the drawing 'ddu'?➤ What are the length, width, and height dimensions of the packaging for the lmv393idr (8-pin soic) in a 2500-piece quantity?➤ What is the reel diameter for the lmv331idbvr in a 3000-piece quantity?
  • Datasheet Details
    Part No.LMV393DUAL
    ManufacturerTI
    Size1Mb
    Pages30 pages
    DescriptionGENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
    Datasheet Summary AI Expand summary
    # LMV331, LMV393, LMV339 Series

    ## Features

    ️· Low Voltage Operation: 2.7V - 5.5V
    ️· Low Supply Current:
    - LMV331: 130 µA Typ
    - LMV393: 210 µA Typ
    - LMV339: 410 µA Typ
    ️· Input Common-Mode Voltage Range Includes Ground
    ️· Low Output Saturation Voltage: 200 mV Typ
    ️· Open-Collector Output
    ️· Available in Single, Dual, and Quad Packages

    ## Ordering Information

    Device Package Type Pins Reel Size
    LMV331IDBVR SOT-23 5 3000
    LMV331IDBVT SOT-23 5 250
    LMV331IDCKR SC70 5 3000
    LMV331IDCKT SC70 5 250
    LMV339IDR SOIC 14 2500
    LMV339IPWR TSSOP 14 2000
    LMV339IRUCR QFN 14 3000
    LMV393IDDUR VSSOP 8 3000
    LMV393IDGKR VSSOP 8 2500
    LMV393IDR SOIC 8 2500
    LMV393IPWR TSSOP 8 2000

    ## Electrical Characteristics

    ️· Supply Voltage: 2.7V to 5.5V
    ️· Input Offset Voltage (VIO): 1.7mV to 9mV (depending on temp)
    ️· Supply Current (ICC): 60µA - 350µA (depending on device and temp)
    ️· Output Saturation Voltage: 200mV typical

    ## Package Options

    ️· SOIC
    ️· TSSOP
    ️· QFN
    ️· VSSOP
    ️· SC70
    ️· SOT-23