| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AT002N5-11 Datasheet
# Example questions:
➢ What is the typical rise time for the switching characteristics of this attenuator?
➢ What is the maximum attenuation this device can achieve at dc-3 ghz?
➢ What control voltage is required for full attenuation?
# AT002N5-11: GaAs 50 dB Voltage Variable Dual Control Attenuator (DC–3 GHz)
## Features
️· Dual Control Voltages
️· Low Insertion Loss
️· 8 Lead Hermetic Surface Mount Package
️· Capable of meeting MIL-STD Requirements
## Description
️· GaAs IC FET absorptive attenuator
️· Provides up to 50 dB variable attenuation (DC–3 GHz)
️· Attenuation controlled by two control bias voltages (0 to -5 V)
️· Recommended for fast response AGC circuits
## Electrical Specifications
️· Frequency Range: DC – 3 GHz
️· Attenuation Range:
- DC – 1.0 GHz: 50 dB ± 4 dB
- DC – 2.0 GHz: 45 dB ± 2 dB
- DC – 3.0 GHz: 40 dB ± 2 dB
️· Insertion Loss:
- DC – 1.0 GHz: 1.2 – 1.4 dB
- DC – 2.0 GHz: 1.4 – 1.8 dB
- DC – 3.0 GHz: 1.7 – 2.0 dB
️· VSWR (I/O):
- DC – 1.0 GHz: 1.2:1 – 1.3:1
- DC – 2.0 GHz: 1.4:1 – 1.5:1
- DC – 3.0 GHz: 1.6:1 – 1.8:1
️· Control Voltages: VLow = 0 to -0.2 V @ 20 µA; VHigh = -5 V @ 100 µA
️· Input Power for 1 dB Compression:
- 0 - 3 GHz: 0 dBm
- 0.05 GHz: -3 dBm
## Typical Performance
️· Insertion Loss vs. Frequency: Depicts insertion loss across the frequency range.
️· Relative Attenuation vs. Control Voltages: Shows attenuation based on control voltage levels.
️· Attenuation vs. 1.0 dB Compression Point: Illustrates attenuation relative to 1 dB compression.
## Absolute Maximum Ratings
️· V1 = 0, V2 = -5: Insertion Loss
️· V1 = -5, V2 = 0: Full Attenuation
## Characteristics
️· RF Input Power: 10 mW > 500 MHz, 4 mW 50 MHz
️· Operating Temperature: -55°C to +125°C
️· Storage Temperature: -65°C to +150°C
️· Thermal Resistance: 25°C/W
# AT002N5-11: GaAs 50 dB Voltage Variable Dual Control Attenuator (DC–3 GHz)
## Features
️· Dual Control Voltages
️· Low Insertion Loss
️· 8 Lead Hermetic Surface Mount Package
️· Capable of meeting MIL-STD Requirements
## Description
️· GaAs IC FET absorptive attenuator
️· Provides up to 50 dB variable attenuation (DC–3 GHz)
️· Attenuation controlled by two control bias voltages (0 to -5 V)
️· Recommended for fast response AGC circuits
## Electrical Specifications
️· Frequency Range: DC – 3 GHz
️· Attenuation Range:
- DC – 1.0 GHz: 50 dB ± 4 dB
- DC – 2.0 GHz: 45 dB ± 2 dB
- DC – 3.0 GHz: 40 dB ± 2 dB
️· Insertion Loss:
- DC – 1.0 GHz: 1.2 – 1.4 dB
- DC – 2.0 GHz: 1.4 – 1.8 dB
- DC – 3.0 GHz: 1.7 – 2.0 dB
️· VSWR (I/O):
- DC – 1.0 GHz: 1.2:1 – 1.3:1
- DC – 2.0 GHz: 1.4:1 – 1.5:1
- DC – 3.0 GHz: 1.6:1 – 1.8:1
️· Control Voltages: VLow = 0 to -0.2 V @ 20 µA; VHigh = -5 V @ 100 µA
️· Input Power for 1 dB Compression:
- 0 - 3 GHz: 0 dBm
- 0.05 GHz: -3 dBm
## Typical Performance
️· Insertion Loss vs. Frequency: Depicts insertion loss across the frequency range.
️· Relative Attenuation vs. Control Voltages: Shows attenuation based on control voltage levels.
️· Attenuation vs. 1.0 dB Compression Point: Illustrates attenuation relative to 1 dB compression.
## Absolute Maximum Ratings
️· V1 = 0, V2 = -5: Insertion Loss
️· V1 = -5, V2 = 0: Full Attenuation
## Characteristics
️· RF Input Power: 10 mW > 500 MHz, 4 mW 50 MHz
️· Operating Temperature: -55°C to +125°C
️· Storage Temperature: -65°C to +150°C
️· Thermal Resistance: 25°C/W
| Part No. | AT002N5-11 |
| Manufacturer | ALPHA |
| Size | 46 Kbytes |
| Pages | 2 pages |
| Description | GaAs 50 dB IC Voltage Variable Dual Control Attenuator DC-3 GHz |