| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 24LC256ISN Datasheet
# Example questions:
➢ What happens if the master device does *not* generate an acknowledge bit on the last byte received during a read operation, and how does the slave device respond?
➢ Describe the bus protocol requirement concerning data line stability during the high period of the clock signal and explain why this is important.
➢ What are the primary functions of the a0, a1, and a2 chip address inputs?
1. Device Overview:
️· What it is: A serial EEPROM (Electrically Erasable Programmable Read-Only Memory). This means it's non-volatile memory (retains data when power is off) accessed via a 2-wire serial interface.
️· Function: Used to store data that needs to be persistent, and can be written to and read from electrically.
️· Variants: Three versions, 24AA256, 24LC256 and 24FC256. The 24LC256 is probably the most common and appears to have a different operating voltage than the other two.
️· Package Options: Available in 8-pin PDIP, SOIC, TSSOP, MSOP, and DFN/TDFN packages. The MSOP package doesn't use the A0 and A1 chip select pins.
2. Pin Descriptions:
️· A0, A1, A2 (Chip Select Inputs): Used for multiple device addressing on the bus. Must be driven high or low (connected to VCC or VSS).
️· SDA (Serial Data): Bidirectional data line. Requires a pull-up resistor.
️· SCL (Serial Clock): Clock signal for data transfer.
️· WP (Write-Protect): Controls write operations. Connected to VSS for writes enabled, VCC for writes inhibited.
️· VCC: Power Supply Voltage (see specific model's voltage range)
️· VSS: Ground
3. Functional Description and Bus Characteristics:
️· Serial Interface: Uses the standard I2C (Inter-Integrated Circuit) protocol.
️· Master/Slave Relationship: Requires a master device (like a microcontroller) to control the bus, generate clock signals, and initiate commands. The EEPROM acts as a slave.
️· Data Transfer Sequence: Starts with a Start condition (SDA low while SCL is high), proceeds with data bytes, and ends with a Stop condition (SDA high while SCL is high).
️· Acknowledge (ACK): A confirmation signal from the receiving device after each byte is received.
️· Data Transfer Timing: Timing diagrams show setup and hold times for SDA and SCL signals.
4. Key Technical Specifications & Characteristics:
️· Operating Voltages: This varies by model
- 24AA256: +1.7V to 5.5V
- 24LC256: +2.5V to 5.5V
- 24FC256: +1.7V to 5.5V
️· Write Cycle Time: 5 milliseconds
️· Endurance: 1,000,000 write cycles (page mode, 25°C, 5.5V)
5. Important Considerations:
️· Pull-up Resistors: The SDA line *must* have a pull-up resistor (typically 2kΩ - 10kΩ) to VCC.
️· Chip Addressing: Careful consideration must be given to how multiple EEPROMs are addressed on the bus.
️· Write Protection: Make sure you understand how the WP pin affects write operations.
1. Device Overview:
️· What it is: A serial EEPROM (Electrically Erasable Programmable Read-Only Memory). This means it's non-volatile memory (retains data when power is off) accessed via a 2-wire serial interface.
️· Function: Used to store data that needs to be persistent, and can be written to and read from electrically.
️· Variants: Three versions, 24AA256, 24LC256 and 24FC256. The 24LC256 is probably the most common and appears to have a different operating voltage than the other two.
️· Package Options: Available in 8-pin PDIP, SOIC, TSSOP, MSOP, and DFN/TDFN packages. The MSOP package doesn't use the A0 and A1 chip select pins.
2. Pin Descriptions:
️· A0, A1, A2 (Chip Select Inputs): Used for multiple device addressing on the bus. Must be driven high or low (connected to VCC or VSS).
️· SDA (Serial Data): Bidirectional data line. Requires a pull-up resistor.
️· SCL (Serial Clock): Clock signal for data transfer.
️· WP (Write-Protect): Controls write operations. Connected to VSS for writes enabled, VCC for writes inhibited.
️· VCC: Power Supply Voltage (see specific model's voltage range)
️· VSS: Ground
3. Functional Description and Bus Characteristics:
️· Serial Interface: Uses the standard I2C (Inter-Integrated Circuit) protocol.
️· Master/Slave Relationship: Requires a master device (like a microcontroller) to control the bus, generate clock signals, and initiate commands. The EEPROM acts as a slave.
️· Data Transfer Sequence: Starts with a Start condition (SDA low while SCL is high), proceeds with data bytes, and ends with a Stop condition (SDA high while SCL is high).
️· Acknowledge (ACK): A confirmation signal from the receiving device after each byte is received.
️· Data Transfer Timing: Timing diagrams show setup and hold times for SDA and SCL signals.
4. Key Technical Specifications & Characteristics:
️· Operating Voltages: This varies by model
- 24AA256: +1.7V to 5.5V
- 24LC256: +2.5V to 5.5V
- 24FC256: +1.7V to 5.5V
️· Write Cycle Time: 5 milliseconds
️· Endurance: 1,000,000 write cycles (page mode, 25°C, 5.5V)
5. Important Considerations:
️· Pull-up Resistors: The SDA line *must* have a pull-up resistor (typically 2kΩ - 10kΩ) to VCC.
️· Chip Addressing: Careful consideration must be given to how multiple EEPROMs are addressed on the bus.
️· Write Protection: Make sure you understand how the WP pin affects write operations.
| Part No. | 24LC256ISN |
| Manufacturer | MICROCHIP |
| Size | 1Mb |
| Pages | 42 pages |
| Description | 256K IC CMOS Serial EEPROM |