Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2902HDT Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LM2902HDT Datasheet

  • # Example questions: ➢ What type of applications are explicitly stated as not being recommended for st products without express written approval?
    ➢ What temperature range is specified for the lm2902h in the ordering information table?
    ➢ What is the purpose of ecopack®?

  • Part No.LM2902HDT
    ManufacturerSTMICROELECTRONICS
    Size441 Kbytes
    Pages13 pages
    DescriptionLow power quad operational amplifier
    Datasheet Summary with AI

    ️· Device: LM2902H is a dual, low-power operational amplifier.
    ️· Key Features: It’s designed for single-supply or dual-supply operation, has common-mode input voltage range including ground, and is internally current limited and short-circuit protected.
    ️· Applications: General-purpose amplification, comparators, voltage followers, current sources, active filters.
    ️· Electrical Characteristics: Details provided on input bias current, input offset voltage, open-loop gain, slew rate, input impedance, output voltage swing, and supply voltage rejection ratio.
    ️· Package: Available in SO-14 package.
    ️· Operating Temperature: -40°C to +150°C
    ️· Ordering Information: Includes order codes and packing options (tube/tape & reel).
    ️· Revision History: Details changes made in each revision of the document.

    Essentially, this document provides all the technical specifications and information needed to use and integrate the LM2902H operational amplifier into a circuit design. It's a comprehensive reference for engineers and hobbyists working with this component.

    ️· Device: LM2902H is a dual, low-power operational amplifier.
    ️· Key Features: It’s designed for single-supply or dual-supply operation, has common-mode input voltage range including ground, and is internally current limited and short-circuit protected.
    ️· Applications: General-purpose amplification, comparators, voltage followers, current sources, active filters.
    ️· Electrical Characteristics: Details provided on input bias current, input offset voltage, open-loop gain, slew rate, input impedance, output voltage swing, and supply voltage rejection ratio.
    ️· Package: Available in SO-14 package.
    ️· Operating Temperature: -40°C to +150°C
    ️· Ordering Information: Includes order codes and packing options (tube/tape & reel).
    ️· Revision History: Details changes made in each revision of the document.

    Essentially, this document provides all the technical specifications and information needed to use and integrate the LM2902H operational amplifier into a circuit design. It's a comprehensive reference for engineers and hobbyists working with this component.

    Part No.LM2902HDT
    ManufacturerSTMICROELECTRONICS
    Size441 Kbytes
    Pages13 pages
    DescriptionLow power quad operational amplifier