| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about FSOC290PB Datasheet
# Example questions:
➢ What are the specified lead lengths (t2, t3, and t4)?
➢ What is the specified carrier tape width?
➢ What is the maximum permissible deviation along the tape (left or right)?
Okay, here's a breakdown of the information presented in the provided text. It appears to be a technical datasheet or specification sheet for a type of surface mount resistor (likely in tape and reel packaging). I'm organizing this into categories for better clarity. I will also make some assumptions based on the context.
1. Series & Types:
️· Axial Lead Type: Refers to BL01RN1-A62T5/A63T6.
️· Radial Lead Type: Refers to BL02RN1-R62T4/BL03RN2-R62T4.
2. Key Dimensions and Tolerances (with Units, assumed to be millimeters unless otherwise noted):
I'm organizing these by parameter, noting the applicable series (A or R) where relevant. Please be aware that without knowing the specific overall component size, some dimensions are relative.
️· Carrier Tape Width (W): 18.0 ± 0.5
️· Sprocket Hole Position (W1): 9.0 +0 –0.5
️· Lead Length (H1): T2 = 16.5 ± 0.5, T3 = 20.0 ± 0.5, T4 = 18.5 ± 0.5. (These "T" values likely refer to different tape lengths or positions).
️· Lead Protrusion (¬): +0.5 to –1.0
️· Deviation along Tape (¬S): ±1.0
️· Body Dimensions & Tolerances: Not explicitly listed. The dimensional specifications listed are more related to the tape and reel packaging rather than the components themselves.
3. Notes & Explanations:
️· A62T5 & A63T6: These are likely part numbers indicating specific variations within the axial lead type series.
️· R62T4 & R63T6: Similar to the above, these are likely part numbers for the radial lead type series.
️· "T" Values for H1: These likely indicate a measurement on the tape itself, used in automated placement equipment.
️· '¬' symbol: used to represent a measurement
4. Assumptions & Missing Information:
️· Overall Component Dimensions: The datasheet doesn't provide overall dimensions of the resistors (e.g., length, width, height).
️· Resistance Values: The specific resistance values are *not* mentioned in this excerpt.
️· Tolerance (Resistance): The resistance tolerance (e.g., ±1%, ±5%) is not listed.
️· Temperature Coefficient: The temperature coefficient of resistance (TCR) is not specified.
️· Packaging: While it is evident that these components are supplied on tape and reel, more details about the reel (diameter, material) may be present in a more complete datasheet.
️· Material: The datasheet does not specify the material of the resistor body.
To get a more complete understanding, you would need to consult the full datasheet or contact the manufacturer.
1. Series & Types:
️· Axial Lead Type: Refers to BL01RN1-A62T5/A63T6.
️· Radial Lead Type: Refers to BL02RN1-R62T4/BL03RN2-R62T4.
2. Key Dimensions and Tolerances (with Units, assumed to be millimeters unless otherwise noted):
I'm organizing these by parameter, noting the applicable series (A or R) where relevant. Please be aware that without knowing the specific overall component size, some dimensions are relative.
️· Carrier Tape Width (W): 18.0 ± 0.5
️· Sprocket Hole Position (W1): 9.0 +0 –0.5
️· Lead Length (H1): T2 = 16.5 ± 0.5, T3 = 20.0 ± 0.5, T4 = 18.5 ± 0.5. (These "T" values likely refer to different tape lengths or positions).
️· Lead Protrusion (¬): +0.5 to –1.0
️· Deviation along Tape (¬S): ±1.0
️· Body Dimensions & Tolerances: Not explicitly listed. The dimensional specifications listed are more related to the tape and reel packaging rather than the components themselves.
3. Notes & Explanations:
️· A62T5 & A63T6: These are likely part numbers indicating specific variations within the axial lead type series.
️· R62T4 & R63T6: Similar to the above, these are likely part numbers for the radial lead type series.
️· "T" Values for H1: These likely indicate a measurement on the tape itself, used in automated placement equipment.
️· '¬' symbol: used to represent a measurement
4. Assumptions & Missing Information:
️· Overall Component Dimensions: The datasheet doesn't provide overall dimensions of the resistors (e.g., length, width, height).
️· Resistance Values: The specific resistance values are *not* mentioned in this excerpt.
️· Tolerance (Resistance): The resistance tolerance (e.g., ±1%, ±5%) is not listed.
️· Temperature Coefficient: The temperature coefficient of resistance (TCR) is not specified.
️· Packaging: While it is evident that these components are supplied on tape and reel, more details about the reel (diameter, material) may be present in a more complete datasheet.
️· Material: The datasheet does not specify the material of the resistor body.
| Part No. | FSOC290PB |
| Manufacturer | MURATA |
| Size | 840 Kbytes |
| Pages | 22 pages |
| Description | FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE |