Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS8024 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DS8024 Datasheet

  • # Example questions: ➢ What is the typical slew rate for the vcc pin when transitioning up or down with a capacitance of 300nf?
    ➢ What is the typical value range for the integrated pullup resistor on the i/o, aux1, and aux2 pins?
    ➢ What is the maximum frequency for the i/o lines?

  • Part No.DS8024
    ManufacturerMAXIM
    Size356 Kbytes
    Pages15 pages
    DescriptionSmart Card Interface
    Datasheet Summary with AI

    1. General DC Operating Conditions (VDD = 3.3V, TA = +25°C)

    ️· Supply Voltage (VDD): Not explicitly stated, but the conditions assume 3.3V.
    ️· Operating Temperature (TA): +25°C (standard temperature for testing)

    2. Clock and Data Signal Parameters

    ️· Maximum Clock Frequency (fIOMAX): 1 MHz
    ️· I/O Falling Edge Delay (tD(IO-IOIN)): 200 ns
    ️· Pullup Pulse Active Time (tPU): 100 ns
    ️· Input Capacitance (CI): 10 pF

    3. I/O, AUX1, AUX2 Pins (Active & Inactive)

    ️· Output Low Voltage (VOL): 0V to 0.3V
    ️· Output High Voltage (VOH): 0.75 x VDD up to VDD + 0.1V. (So, roughly 2.475V to 3.43V)
    ️· Output Rise/Fall Time (tOT): 0.1 μs
    ️· Input Low Voltage (VIL): -0.3V to +0.8VDD
    ️· Input High Voltage (VIH): 1.5VDD
    ️· Input Low Current (IIL): 700 μA (at VIL = 0V)
    ️· Input High Current (IIH): 20 μA (at VIH = VDD)
    ️· Integrated Pullup Resistor (RPU): 9-11 kΩ (19 kΩ in one instance)
    ️· Current When Pullup Active (IPU): -1 mA

    4. I/OIN, AUX1IN, AUX2IN Pins (General)

    ️· Output Low Voltage (VOL): 0V to 0.3V
    ️· Output High Voltage (VOH): 0.75 x VDD up to VDD + 0.1V.
    ️· Output Rise/Fall Time (tOT): 0.1 μs
    ️· Input Low Voltage (VIL): -0.3V to +0.8VDD
    ️· Input High Voltage (VIH): 1.5VDD
    ️· Input Low Current (IIL): 600 μA (at VIL = 0V)
    ️· Input High Current (IIH): 10 μA (at VIH = VDD)
    ️· Integrated Pullup Resistor (RPU): 9-11 kΩ
    ️· Current When Pullup Active (IPU): -1 mA

    Key Takeaways and Observations:

    ️· Pullup Resistors: These pins have integrated pullup resistors, which is important for signal integrity and power saving when the pins are not actively driven.
    ️· Voltage Levels: The input/output voltage levels are tightly coupled to the supply voltage (VDD), making the interface relatively straightforward to interface with.
    ️· Timing Requirements: The timing specifications (tD(IO-IOIN), tPU, tIT) are critical for ensuring reliable communication.
    ️· Input Currents: The specified input currents, both high and low, define how much current the interface is consuming.
    ️· Note 3: Keep in mind that "Note 3" will clarify some of the testing and operational conditions.

    1. General DC Operating Conditions (VDD = 3.3V, TA = +25°C)

    ️· Supply Voltage (VDD): Not explicitly stated, but the conditions assume 3.3V.
    ️· Operating Temperature (TA): +25°C (standard temperature for testing)

    2. Clock and Data Signal Parameters

    ️· Maximum Clock Frequency (fIOMAX): 1 MHz
    ️· I/O Falling Edge Delay (tD(IO-IOIN)): 200 ns
    ️· Pullup Pulse Active Time (tPU): 100 ns
    ️· Input Capacitance (CI): 10 pF

    3. I/O, AUX1, AUX2 Pins (Active & Inactive)

    ️· Output Low Voltage (VOL): 0V to 0.3V
    ️· Output High Voltage (VOH): 0.75 x VDD up to VDD + 0.1V. (So, roughly 2.475V to 3.43V)
    ️· Output Rise/Fall Time (tOT): 0.1 μs
    ️· Input Low Voltage (VIL): -0.3V to +0.8VDD
    ️· Input High Voltage (VIH): 1.5VDD
    ️· Input Low Current (IIL): 700 μA (at VIL = 0V)
    ️· Input High Current (IIH): 20 μA (at VIH = VDD)
    ️· Integrated Pullup Resistor (RPU): 9-11 kΩ (19 kΩ in one instance)
    ️· Current When Pullup Active (IPU): -1 mA

    4. I/OIN, AUX1IN, AUX2IN Pins (General)

    ️· Output Low Voltage (VOL): 0V to 0.3V
    ️· Output High Voltage (VOH): 0.75 x VDD up to VDD + 0.1V.
    ️· Output Rise/Fall Time (tOT): 0.1 μs
    ️· Input Low Voltage (VIL): -0.3V to +0.8VDD
    ️· Input High Voltage (VIH): 1.5VDD
    ️· Input Low Current (IIL): 600 μA (at VIL = 0V)
    ️· Input High Current (IIH): 10 μA (at VIH = VDD)
    ️· Integrated Pullup Resistor (RPU): 9-11 kΩ
    ️· Current When Pullup Active (IPU): -1 mA

    Key Takeaways and Observations:

    ️· Pullup Resistors: These pins have integrated pullup resistors, which is important for signal integrity and power saving when the pins are not actively driven.
    ️· Voltage Levels: The input/output voltage levels are tightly coupled to the supply voltage (VDD), making the interface relatively straightforward to interface with.
    ️· Timing Requirements: The timing specifications (tD(IO-IOIN), tPU, tIT) are critical for ensuring reliable communication.
    ️· Input Currents: The specified input currents, both high and low, define how much current the interface is consuming.
    ️· Note 3: Keep in mind that "Note 3" will clarify some of the testing and operational conditions.

    Part No.DS8024
    ManufacturerMAXIM
    Size356 Kbytes
    Pages15 pages
    DescriptionSmart Card Interface