# SL393 Low Power Dual Comparators
## Overview
The SL393 is a dual precision voltage comparator designed for single or split power supplies, offering low offset voltage and current consumption. It's suitable for applications like limit comparators, analog-to-digital conversion, and pulse/squarewave generation.
## Features
· Low power consumption
· Low offset voltage (2.0mV max)
· Single or split supply operation
· Low input bias and offset current
· Wide input common mode voltage range
· TTL and CMOS compatible
· Low output saturation voltage
## Electrical Characteristics
· Supply Voltage (VCC): 36V (single), ±18V (split)
· Input Offset Voltage (VIO): 9.0mV max
· Input Bias Current (IIB): 400nA max
· Supply Current (ICC): 1.0mA (VCC=5V), 2.5mA (VCC=30V)
· Voltage Gain (AVOL): 200 V/mV
· Response Time (t1): 300ns
· Saturation Voltage (Vsat): 700mV
## Operating Conditions
· DC Supply Voltage (VCC): ±2.5 to ±15V or 5.0 to 30V
· Operating Temperature (TA): 0 to +70°C
## Maximum Ratings
· Junction Temperature (TJ): 150°C
· Storage Temperature (Tstg): -65 to +150°C
· Lead Temperature (TL): 260°C (10 seconds)
· Power Dissipation (PD): 570µW (plastic package)
## Pin Assignments
· Pin 8: VCC
· Pin 4: GND