| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LT3476 Datasheet
# Example questions:
➢ Explain the role of the ctrl pin in an led driver application and how it affects the led current.
➢ What is the primary function of the shdn pin, and what voltage levels are required to enable or disable the device?
➢ Describe the purpose of the rt pin and how it influences the switching frequency, including its interaction with the sync pin if used.
1. Overview & Function
️· What it is: The LT3517 is a synchronous step-down DC/DC converter specifically designed for driving multiple high-power LEDs in series. It's a versatile solution for LED lighting applications. It can also function as a general-purpose synchronous buck converter.
️· Key Features:
- Synchronous rectification for higher efficiency.
- Adjustable switching frequency.
- Synchronous and asynchronous modes
- Current-sense amplifier with adjustable threshold.
- Soft-start functionality to minimize inrush current.
- PMOS gate driver for external PMOS devices.
- Shutdown capability.
- Frequency synchronization (SYNC) input.
️· Target Applications:
- LED lighting (high-power, series strings)
- General-purpose synchronous buck converters
2. Key Specifications (Typical Values)
️· Input Voltage Range: 3.3V to 40V
️· Output Voltage Range: Typically adjustable based on LED string voltage, but can output up to 36V
️· Output Current: Up to 3A (maximum depends on application and external components)
️· Switching Frequency: Adjustable, typically between 100kHz and 2MHz (set by external resistor)
️· Efficiency: Typically >90% (depends on application conditions and component selection)
️· Shutdown Voltage (SHDN): 0.4V (Low), 1.5V (High)
️· Reference Voltage (VREF): 1.024V
️· FB pin threshold typically 1V.
️· Soft-Start Time: Adjustable with external capacitor.
3. Pin Functions
️· SW: Switching output. Minimize trace area.
️· VIN: Input supply. Requires local bypass capacitor.
️· SHDN: Shutdown. Logic-level control of the converter.
️· VREF: Reference output. Can supply up to 0.1mA.
️· RT: Switching frequency adjustment. Connect to ground via a resistor.
️· SYNC: Frequency synchronization. Connect an external clock signal here.
️· SS: Soft-start capacitor connection.
️· PWM: PWM input. Signal low turns off channel, disables main switch.
️· CTRL: LED current adjustment.
️· VC: Error amplifier output. Stabilization network is often needed.
️· FB: Voltage loop feedback. Overvoltage protection.
️· TGEN: Top gate enable.
️· ISN: Current sense (-) input.
️· ISP: Current sense (+) input and positive rail for TG pin driver.
️· TG: Top gate driver output.
️· GND: Exposed pad (QFN package). Solder to ground plane.
4. Operational Highlights & Design Considerations
️· Frequency Adjustment: The switching frequency is determined by the resistor connected between the RT pin and ground. Careful selection is crucial for efficiency and EMI performance.
️· Synchronization: The SYNC input allows the LT3517 to be synchronized to an external clock signal. This is useful for applications where precise timing is required.
️· Soft-Start: The SS pin requires a capacitor to control the soft-start time. This limits the inrush current when the converter starts up.
️· Feedback Loop Stability: The VC pin output needs to be stabilized with an RC network or compensating capacitor to ensure stable operation.
️· Current Sensing: The ISP and ISN pins are used for current sensing and are essential for controlling the LED current.
️· Synchronous Rectification: The integrated PMOS transistors provide synchronous rectification for increased efficiency.
️· Exposed Pad: The exposed pad (GND) on the QFN package should be soldered directly to the ground plane for optimal thermal performance.
5. Operational Modes
️· Synchronous Mode: Uses both NMOS and PMOS devices for efficiency.
️· Asynchronous Mode: Uses a diode instead of a PMOS.
Important Notes:
️· This summary is based on the extensive datasheet you provided. Always refer to the complete datasheet for detailed specifications, application circuits, and layout guidelines.
️· Proper component selection and layout are critical for optimal performance and reliability.
️· Consider thermal management, as high-power LEDs can generate significant heat.
1. Overview & Function
️· What it is: The LT3517 is a synchronous step-down DC/DC converter specifically designed for driving multiple high-power LEDs in series. It's a versatile solution for LED lighting applications. It can also function as a general-purpose synchronous buck converter.
️· Key Features:
- Synchronous rectification for higher efficiency.
- Adjustable switching frequency.
- Synchronous and asynchronous modes
- Current-sense amplifier with adjustable threshold.
- Soft-start functionality to minimize inrush current.
- PMOS gate driver for external PMOS devices.
- Shutdown capability.
- Frequency synchronization (SYNC) input.
️· Target Applications:
- LED lighting (high-power, series strings)
- General-purpose synchronous buck converters
2. Key Specifications (Typical Values)
️· Input Voltage Range: 3.3V to 40V
️· Output Voltage Range: Typically adjustable based on LED string voltage, but can output up to 36V
️· Output Current: Up to 3A (maximum depends on application and external components)
️· Switching Frequency: Adjustable, typically between 100kHz and 2MHz (set by external resistor)
️· Efficiency: Typically >90% (depends on application conditions and component selection)
️· Shutdown Voltage (SHDN): 0.4V (Low), 1.5V (High)
️· Reference Voltage (VREF): 1.024V
️· FB pin threshold typically 1V.
️· Soft-Start Time: Adjustable with external capacitor.
3. Pin Functions
️· SW: Switching output. Minimize trace area.
️· VIN: Input supply. Requires local bypass capacitor.
️· SHDN: Shutdown. Logic-level control of the converter.
️· VREF: Reference output. Can supply up to 0.1mA.
️· RT: Switching frequency adjustment. Connect to ground via a resistor.
️· SYNC: Frequency synchronization. Connect an external clock signal here.
️· SS: Soft-start capacitor connection.
️· PWM: PWM input. Signal low turns off channel, disables main switch.
️· CTRL: LED current adjustment.
️· VC: Error amplifier output. Stabilization network is often needed.
️· FB: Voltage loop feedback. Overvoltage protection.
️· TGEN: Top gate enable.
️· ISN: Current sense (-) input.
️· ISP: Current sense (+) input and positive rail for TG pin driver.
️· TG: Top gate driver output.
️· GND: Exposed pad (QFN package). Solder to ground plane.
4. Operational Highlights & Design Considerations
️· Frequency Adjustment: The switching frequency is determined by the resistor connected between the RT pin and ground. Careful selection is crucial for efficiency and EMI performance.
️· Synchronization: The SYNC input allows the LT3517 to be synchronized to an external clock signal. This is useful for applications where precise timing is required.
️· Soft-Start: The SS pin requires a capacitor to control the soft-start time. This limits the inrush current when the converter starts up.
️· Feedback Loop Stability: The VC pin output needs to be stabilized with an RC network or compensating capacitor to ensure stable operation.
️· Current Sensing: The ISP and ISN pins are used for current sensing and are essential for controlling the LED current.
️· Synchronous Rectification: The integrated PMOS transistors provide synchronous rectification for increased efficiency.
️· Exposed Pad: The exposed pad (GND) on the QFN package should be soldered directly to the ground plane for optimal thermal performance.
5. Operational Modes
️· Synchronous Mode: Uses both NMOS and PMOS devices for efficiency.
️· Asynchronous Mode: Uses a diode instead of a PMOS.
Important Notes:
️· This summary is based on the extensive datasheet you provided. Always refer to the complete datasheet for detailed specifications, application circuits, and layout guidelines.
️· Proper component selection and layout are critical for optimal performance and reliability.
️· Consider thermal management, as high-power LEDs can generate significant heat.
| Part No. | LT3476 |
| Manufacturer | LINER |
| Size | 294 Kbytes |
| Pages | 20 pages |
| Description | Full-Featured LED Driver with 1.5A Switch Current |