| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 9013-X-T92-R Datasheet
# Example questions:
➢ What are the pin assignments for the to-92 package?
➢ What is the typical collector-emitter saturation voltage when the collector current is -500ma and the base current is -50ma?
➢ What is the maximum collector current this transistor can handle?
# UNISONIC 9013 NPN Epitaxial Silicon Transistor
## Features
· High power dissipation: 625mW
· High collector current: 500mA
· Excellent hFE linearity
· Complementary to UTC 9012
## Ordering Information
· Package: TO-92
· Pin Assignment:
- 1: Emitter (E)
- 2: Base (B)
- 3: Collector (C)
· Packing Options: Tape Box, Bulk, Tape Reel
· Note: "xx" in the ordering number refers to Output Voltage (refer to Marking Information)
## Absolute Maximum Ratings (Ta=25°C)
· Collector-base voltage (VCBO): 40V
· Collector-emitter voltage (VCEO): 20V
· Emitter-base voltage (VEBO): 5V
· Collector current (IC): 500mA
· Collector dissipation (PC): 625mW
· Junction Temperature (TJ): 125°C
· Storage Temperature (TSTG): -55 ~ +150°C
## Electrical Characteristics (Ta=25°C)
· Collector-base breakdown voltage (BVCBO): 40V
· Collector-emitter breakdown voltage (BVCEO): 20V
· Emitter-base breakdown voltage (BVEBO): 5V
· Collector cutoff current (ICBO): 100nA
· Emitter cutoff current (IEBO): 100nA
· DC Current Gain (hFE):
- hFE1 (VCE=1V, IC=50mA): 64-120
- hFE2 (VCE=1V, IC=500mA): 40-300
· Collector-emitter saturation voltage (VCE(sat)): 0.16-0.6V
· Base-emitter saturation voltage (VBE(sat)): 0.91-1.2V
· Base-emitter on voltage (VBE(on)): 0.6-0.7V
## hFE1 Classification
· Rank D: 64-91
· Rank E: 78-112
· Rank F: 96-135
· Rank G: 112-166
· Rank H: 144-202
· Rank I: 190-300
# UNISONIC 9013 NPN Epitaxial Silicon Transistor
## Features
· High power dissipation: 625mW
· High collector current: 500mA
· Excellent hFE linearity
· Complementary to UTC 9012
## Ordering Information
· Package: TO-92
· Pin Assignment:
- 1: Emitter (E)
- 2: Base (B)
- 3: Collector (C)
· Packing Options: Tape Box, Bulk, Tape Reel
· Note: "xx" in the ordering number refers to Output Voltage (refer to Marking Information)
## Absolute Maximum Ratings (Ta=25°C)
· Collector-base voltage (VCBO): 40V
· Collector-emitter voltage (VCEO): 20V
· Emitter-base voltage (VEBO): 5V
· Collector current (IC): 500mA
· Collector dissipation (PC): 625mW
· Junction Temperature (TJ): 125°C
· Storage Temperature (TSTG): -55 ~ +150°C
## Electrical Characteristics (Ta=25°C)
· Collector-base breakdown voltage (BVCBO): 40V
· Collector-emitter breakdown voltage (BVCEO): 20V
· Emitter-base breakdown voltage (BVEBO): 5V
· Collector cutoff current (ICBO): 100nA
· Emitter cutoff current (IEBO): 100nA
· DC Current Gain (hFE):
- hFE1 (VCE=1V, IC=50mA): 64-120
- hFE2 (VCE=1V, IC=500mA): 40-300
· Collector-emitter saturation voltage (VCE(sat)): 0.16-0.6V
· Base-emitter saturation voltage (VBE(sat)): 0.91-1.2V
· Base-emitter on voltage (VBE(on)): 0.6-0.7V
## hFE1 Classification
· Rank D: 64-91
· Rank E: 78-112
· Rank F: 96-135
· Rank G: 112-166
· Rank H: 144-202
· Rank I: 190-300
| Part No. | 9013-X-T92-R |
| Manufacturer | UTC |
| Size | 94 Kbytes |
| Pages | 2 pages |
| Description | 1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION |