Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM5954 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LM5954 Datasheet

  • # Example questions: ➢ What is the purpose of the 'adj' pin on the lm5954?
    ➢ What is the typical input voltage range for the lm5954?
    ➢ What is the maximum short circuit current (ishort) specified for the lm5954?

  • Part No.LM5954
    ManufacturerUTC
    Size158 Kbytes
    Pages5 pages
    DescriptionHIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 300mA LDO REGULATOR
    Datasheet Summary with AI

    # LM5954 LDO Regulator

    ## Description
    · Low ground current linear regulator.
    · Operates with input voltage from 6.5V to 25V.
    · Delivers output current up to 300mA.
    · Typical dropout voltage: 450mV @ 300mA.
    · Includes over-temperature and current limit protection.

    ## Features
    · Wide Operating Voltage: 6.5V~25V
    · Ultra Low Ground Current: 120μA
    · High Output Accuracy: ±2% over temperature
    · Low Dropout Voltage: 450mV @ 300mA
    · Built-in Current Limit Protection
    · Built-in Over Temperature Protection
    · Zero Shutdown Current

    ## Ordering Information
    · Package: HSOP-8
    · Packing: Tape Reel (-R) or Tube (-T)
    · Lead Finish: Lead Free (L) or Halogen Free (G)
    · Output Voltage: Specified by “xx” in the ordering number (refer to Marking Information).

    ## Pin Configuration
    · Pin 1: VOUT (Output)
    · Pins 2, 3, 6: NC (No Connection)
    · Pin 4: ADJ (Output Feedback)
    · Pin 5: EN (Enable - Low=ON, High=OFF)
    · Pin 7: GND (Ground)
    · Pin 8: VIN (Input)

    ## Electrical Characteristics
    · Input Voltage (VIN): 6.5V - 25V
    · Output Voltage Accuracy: ±2%
    · Quiescent Current (IQ): 75μA (IOUT = 0.1mA), 8-22mA (IOUT = 300mA)
    · Dropout Voltage (VD): 50-150mV (IOUT = 0.1mA), 380-600mV (IOUT = 300mA)
    · Current Limit (ILIMIT): 350-500mA
    · Short Circuit Current (ISHORT): 50mA

    ## Thermal Characteristics
    · Junction to Ambient (θJA): 50°C/W
    · Junction to Case (θJC): 20°C/W

    ## Absolute Maximum Ratings
    · Supply Voltage (VCC): -0.3V to +27V
    · Feedback Voltage (VFB): -1.5V to +27V
    · Junction Temperature (TJ): +125°C
    · Storage Temperature (TSTG): -65°C to +150°C

    # LM5954 LDO Regulator

    ## Description
    · Low ground current linear regulator.
    · Operates with input voltage from 6.5V to 25V.
    · Delivers output current up to 300mA.
    · Typical dropout voltage: 450mV @ 300mA.
    · Includes over-temperature and current limit protection.

    ## Features
    · Wide Operating Voltage: 6.5V~25V
    · Ultra Low Ground Current: 120μA
    · High Output Accuracy: ±2% over temperature
    · Low Dropout Voltage: 450mV @ 300mA
    · Built-in Current Limit Protection
    · Built-in Over Temperature Protection
    · Zero Shutdown Current

    ## Ordering Information
    · Package: HSOP-8
    · Packing: Tape Reel (-R) or Tube (-T)
    · Lead Finish: Lead Free (L) or Halogen Free (G)
    · Output Voltage: Specified by “xx” in the ordering number (refer to Marking Information).

    ## Pin Configuration
    · Pin 1: VOUT (Output)
    · Pins 2, 3, 6: NC (No Connection)
    · Pin 4: ADJ (Output Feedback)
    · Pin 5: EN (Enable - Low=ON, High=OFF)
    · Pin 7: GND (Ground)
    · Pin 8: VIN (Input)

    ## Electrical Characteristics
    · Input Voltage (VIN): 6.5V - 25V
    · Output Voltage Accuracy: ±2%
    · Quiescent Current (IQ): 75μA (IOUT = 0.1mA), 8-22mA (IOUT = 300mA)
    · Dropout Voltage (VD): 50-150mV (IOUT = 0.1mA), 380-600mV (IOUT = 300mA)
    · Current Limit (ILIMIT): 350-500mA
    · Short Circuit Current (ISHORT): 50mA

    ## Thermal Characteristics
    · Junction to Ambient (θJA): 50°C/W
    · Junction to Case (θJC): 20°C/W

    ## Absolute Maximum Ratings
    · Supply Voltage (VCC): -0.3V to +27V
    · Feedback Voltage (VFB): -1.5V to +27V
    · Junction Temperature (TJ): +125°C
    · Storage Temperature (TSTG): -65°C to +150°C

    Part No.LM5954
    ManufacturerUTC
    Size158 Kbytes
    Pages5 pages
    DescriptionHIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 300mA LDO REGULATOR