| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SD103AX Datasheet
# Example questions:
➢ What is the maximum reverse voltage that can be applied to this diode without breakdown?
➢ What is the maximum allowable forward continuous current this diode can handle?
➢ What is the typical junction-to-ambient thermal resistance (rθja) value for this component?
# SD103AX Schottky Diode
## Features
· Low Forward Voltage Drop
· Guard Ring for Transient Protection
· Low Reverse Recovery Time
· Low Reverse Capacitance
## Absolute Maximum Ratings (TA=25°C)
· Peak Repetitive Peak Reverse Voltage (VRRM): 40V
· Working Peak Reverse Voltage (VRWM): 40V
· DC Blocking Voltage (VR): 40V
· RMS Reverse Voltage (VR(RMS)): 28V
· Forward Continuous Current (IFM): 350mA
· Repetitive Peak Forward Current (IFRM): 1A
· Power Dissipation (PD): 150mW
· Thermal Resistance (RθJA): 667 °C/W
· Storage Temperature (TSTG): -55 to 150 °C
## Electrical Characteristics (TA=25°C)
· Reverse Breakdown Voltage (V(BR)R): 40V @ IR=100µA
· Reverse Current (IRM): 5µA @ VR=30V
· Forward Voltage (VF): 0.6V @ IF=200mA
· Capacitance (CT): 50pF @ VR=0, f=1MHz
· Reverse Recovery Time (trr): 10nS @ IF=IR=50-200mA
## Package Information
· Package: SOD-523
· MPQ: 3K
· Leader Size: 7 inch
## Dimensions (SOD-523 - Millimeters)
· A: 1.50 - 1.70
· B: 0.70 - 0.90
· C: 0.50 - 0.77
· D: 1.10 - 1.30
· E: 0.25 - 0.35
· F: 0.07 - 0.20
# SD103AX Schottky Diode
## Features
· Low Forward Voltage Drop
· Guard Ring for Transient Protection
· Low Reverse Recovery Time
· Low Reverse Capacitance
## Absolute Maximum Ratings (TA=25°C)
· Peak Repetitive Peak Reverse Voltage (VRRM): 40V
· Working Peak Reverse Voltage (VRWM): 40V
· DC Blocking Voltage (VR): 40V
· RMS Reverse Voltage (VR(RMS)): 28V
· Forward Continuous Current (IFM): 350mA
· Repetitive Peak Forward Current (IFRM): 1A
· Power Dissipation (PD): 150mW
· Thermal Resistance (RθJA): 667 °C/W
· Storage Temperature (TSTG): -55 to 150 °C
## Electrical Characteristics (TA=25°C)
· Reverse Breakdown Voltage (V(BR)R): 40V @ IR=100µA
· Reverse Current (IRM): 5µA @ VR=30V
· Forward Voltage (VF): 0.6V @ IF=200mA
· Capacitance (CT): 50pF @ VR=0, f=1MHz
· Reverse Recovery Time (trr): 10nS @ IF=IR=50-200mA
## Package Information
· Package: SOD-523
· MPQ: 3K
· Leader Size: 7 inch
## Dimensions (SOD-523 - Millimeters)
· A: 1.50 - 1.70
· B: 0.70 - 0.90
· C: 0.50 - 0.77
· D: 1.10 - 1.30
· E: 0.25 - 0.35
· F: 0.07 - 0.20
| Part No. | SD103AX |
| Manufacturer | SECOS |
| Size | 167 Kbytes |
| Pages | 2 pages |
| Description | 40V , 0.35A Schottky Plastic-Encapsulated Diode |