Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N6109 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2N6109 Datasheet

  • # Example questions: ➢ What are the different collector-base voltage (vcbo) ratings for the 2n6107, 2n6109, and 2n6111 transistors?
    ➢ What is the maximum collector current (ic) that the 2n6109 transistor can handle?
    ➢ How does the thermal resistance from junction to case (rth j-c) affect the power dissipation of these transistors?

  • Part No.2N6109
    ManufacturerISC
    Size135 Kbytes
    Pages3 pages
    DescriptionSilicon PNP Power Transistors
    Datasheet Summary with AI

    # Silicon PNP Power Transistors 2N6107 2N6109 2N6111

    ## Description

    · TO-220 package
    · Complement to NPN types: 2N6288, 2N6290, 2N6292
    · Applications: Power amplifier and switching circuits

    ## Pinning

    PIN DESCRIPTION
    1 Emitter
    2 Collector (connected to mounting base)
    3 Base

    ## Absolute Maximum Ratings (Ta=25℃)

    SYMBOL PARAMETER 2N6107 2N6109 2N6111 UNIT
    VCBO Collector-base voltage -40 -60 -80 V
    VCEO Collector-emitter voltage -30 -50 -70 V
    VEBO Emitter-base voltage Open collector -5 V
    IC Collector current -7 A
    ICM Collector current-peak -10 A
    IB Base current -3 A
    PT Total power dissipation (TC=25℃) 40 W
    Tj Junction temperature 150
    Tstg Storage temperature -65~150

    ## Thermal Characteristics

    SYMBOL PARAMETER MAX UNIT
    Rth j-c Thermal resistance from junction to case 3.125 ℃/W

    ## Characteristics (Tj=25℃ unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN TYP. MAX UNIT
    VCEO(SUS) Collector-emitter sustaining voltage IC=-0.1A ;IB=0 -30 V
    VCEsat Collector-emitter saturation voltage IC=-7A;IB=-3A -3.5 V
    VBE Base-emitter on voltage IC=-7A ; VCE=-4V -3.0 V
    ICEO Collector cut-off current VCE=-20V; IB=0 -1.0 mA
    ICEX Collector cut-off current VCE=-40V; VBE=-1.5V,TC=125℃ -0.1<br>-2.0 mA
    IEBO Emitter cut-off current V EB=-5V; IC=0 -1.0 mA
    hFE-1 DC current gain IC=-2A ; VCE=-4V 30 150
    hFE-2 DC current gain IC=-7A ; VCE=-4V 2.3
    fT Transition frequency IC=-0.5A ; VCE=-4V;f=1MHz 10 MHz

    ## Package Outline

    · Figure 2 depicts outline dimensions (tolerance: ±0.10 mm)

    # Silicon PNP Power Transistors 2N6107 2N6109 2N6111

    ## Description

    · TO-220 package
    · Complement to NPN types: 2N6288, 2N6290, 2N6292
    · Applications: Power amplifier and switching circuits

    ## Pinning

    PIN DESCRIPTION
    1 Emitter
    2 Collector (connected to mounting base)
    3 Base

    ## Absolute Maximum Ratings (Ta=25℃)

    SYMBOL PARAMETER 2N6107 2N6109 2N6111 UNIT
    VCBO Collector-base voltage -40 -60 -80 V
    VCEO Collector-emitter voltage -30 -50 -70 V
    VEBO Emitter-base voltage Open collector -5 V
    IC Collector current -7 A
    ICM Collector current-peak -10 A
    IB Base current -3 A
    PT Total power dissipation (TC=25℃) 40 W
    Tj Junction temperature 150
    Tstg Storage temperature -65~150

    ## Thermal Characteristics

    SYMBOL PARAMETER MAX UNIT
    Rth j-c Thermal resistance from junction to case 3.125 ℃/W

    ## Characteristics (Tj=25℃ unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN TYP. MAX UNIT
    VCEO(SUS) Collector-emitter sustaining voltage IC=-0.1A ;IB=0 -30 V
    VCEsat Collector-emitter saturation voltage IC=-7A;IB=-3A -3.5 V
    VBE Base-emitter on voltage IC=-7A ; VCE=-4V -3.0 V
    ICEO Collector cut-off current VCE=-20V; IB=0 -1.0 mA
    ICEX Collector cut-off current VCE=-40V; VBE=-1.5V,TC=125℃ -0.1<br>-2.0 mA
    IEBO Emitter cut-off current V EB=-5V; IC=0 -1.0 mA
    hFE-1 DC current gain IC=-2A ; VCE=-4V 30 150
    hFE-2 DC current gain IC=-7A ; VCE=-4V 2.3
    fT Transition frequency IC=-0.5A ; VCE=-4V;f=1MHz 10 MHz

    ## Package Outline

    · Figure 2 depicts outline dimensions (tolerance: ±0.10 mm)

    Part No.2N6109
    ManufacturerISC
    Size135 Kbytes
    Pages3 pages
    DescriptionSilicon PNP Power Transistors