followed. Here's a breakdown of the content, organized for clarity and usefulness:
1. Product Overview:
️· Product: LM393 Dual Voltage Comparator
️· Type: Dual (two independent comparators in a single package)
2. Electrical Characteristics (Key Values - See full datasheet for comprehensive data):
️· Supply Voltage (VCC): Not explicitly stated, but common values are 3V to 15V.
️· Common-Mode Input Voltage Range: 0V to VCC - 1.5V (may be limited by specific application)
️· Differential Input Voltage Amplification (AVD): 50 to 200 V/mV (typical)
️· Input Bias Current (IIB): -25 to -250 nA (typical)
️· Input Offset Current (IIO): 5 to 50 nA (typical)
️· Output Current (IOH): 0.1 to 50 mA
️· Response Time: 0.3 μs (with specific conditions)
️· Quiescent Current: 0.8 - 2.5mA (dependent on supply voltage)
3. Key Features Highlighted:
️· Dual Comparators: Two independent comparators in a single package, saving space.
️· Wide Supply Voltage Range: Compatible with a variety of power supplies.
️· High Gain: Amplification provides sensitivity.
️· Fast Response Time: Suitable for timing and switching applications.
4. Typical Applications (Illustrations with some descriptions)
️· Voltage Comparators: The primary function – comparing two voltages.
️· Voltage Detectors: Detecting a specific voltage threshold.
️· Zero-Crossing Detectors: Identifying when a signal crosses zero volts.
️· Sample and Hold Circuits: Acquiring and holding voltage samples.
️· Timing Circuits: Creating precise timing intervals.
️· Current-to-Voltage Converters.
️· Wind Speed Indicator
️· Low Battery Warning
5. Important Notes and Warnings (from the provided text):
️· Common-Mode Voltage Limits: The common-mode voltage at the inputs should not be negative by more than 0.3V.
️· Input Voltage Limits: Inputs can tolerate voltages up to VCC - 1.5V (but check application-specific requirements).
Improvements for Use:
️· Full Datasheet: This summary is NOT a replacement for the full, official LM393 datasheet from Texas Instruments or a comparable manufacturer. You should consult the full datasheet for detailed specifications, absolute maximum ratings, application circuits, and other important information.
️· Specific Conditions: Many values are dependent on specific conditions (temperature, supply voltage, load resistance). Pay attention to these conditions when using the values provided in the summary.
️· Package Information: The summary doesn't specify the package type (e.g., DIP, SOIC).
This refined version combines the information effectively while highlighting the vital elements. Remember to use the full datasheet for all critical design decisions.