Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMAD1103E3 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MMAD1103E3 Datasheet

  • # Example questions: ➢ What is the maximum forward surge current the mmad1103 can withstand for an 8.3ms duration?
    ➢ What is the typical capacitance of a single diode in the mmad1103?
    ➢ What esd protection levels (in kv) does the mmad1103 offer for air and contact discharge according to iec 61000-4?

  • Part No.MMAD1103E3
    ManufacturerMICROSEMI
    Size91 Kbytes
    Pages2 pages
    DescriptionSwitching Diode Array Steering Diode TVS ArrayTM
    Datasheet Summary with AI

    1. Product Overview

    ️· Part Number: MMAD1103 / MMAD1103e3 (RoHS compliant version)
    ️· Type: Steering Diode Array
    ️· Function: Protects data lines by steering excess voltage away from sensitive circuitry.
    ️· Number of Diodes: 16 (protects 8 lines)

    2. Key Features

    ️· Package: 14-Pin SOIC
    ️· Flammability Rating: UL 94V-0
    ️· Low Capacitance: Approximately 1.5 pF per diode.
    ️· Fast Switching: Less than 5 ns switching speed.
    ️· Robust Protection:
    - ESD Protection: Air discharge 15kV.
    - EFT (Electrical Fast Transient) Protection: 40A at 5/50ns pulse width.
    - Surge Protection: 12A at 8/20µs pulse width.
    ️· Compliance: RoHS compliant (MMAD1103e3).

    3. Absolute Maximum Ratings

    ️· Breakdown Voltage (VBR): 75V - 90V (Varies depending on the specific model; it’s crucial to check the datasheet for the exact breakdown voltage for your application)
    ️· Working Peak Reverse Voltage (VRWM): 20V
    ️· Continuous Forward Current: 400mA per diode
    ️· Operating Temperature: -55°C to +150°C
    ️· Storage Temperature: -55°C to +150°C

    4. Electrical Characteristics (Typical Values)

    ️· Leakage Current (IR):
    - 20 µA @ VR = 20V and Ta = 25°C.
    - 300 µA @ VR = 20V and Ta = 25°C
    ️· Capacitance: ~1.5 pF
    ️· Reverse Recovery Time: ~5 ns
    ️· Forward Voltage:
    - ~1.00V @ IF = 10mA
    - ~1.20V @ IF = 100mA

    5. Mechanical Dimensions (in inches and millimeters)

    ️· Dimensions are provided for the SOIC package (length, width, pin spacing, etc.)

    6. Applications

    ️· RS-232/RS-422 Interface Protection
    ️· Ethernet Data Line Protection (10BASE-T)
    ️· Computer I/O Port Protection
    ️· LAN (Local Area Network) Protection
    ️· Switching Core Driver Protection

    7. Symbols and Definitions

    ️· Clearly defines the terminology used in the datasheet (VBR, VRWM, IF, etc.).

    Important Notes:

    ️· Datasheet Variability: Pay attention to the specific ratings and characteristics in the datasheet, as there can be slight variations even within the same part number (e.g., MMAD1103 vs. MMAD1103e3).
    ️· Application Suitability: Verify that the device's voltage and current ratings are appropriate for your specific application.

    1. Product Overview

    ️· Part Number: MMAD1103 / MMAD1103e3 (RoHS compliant version)
    ️· Type: Steering Diode Array
    ️· Function: Protects data lines by steering excess voltage away from sensitive circuitry.
    ️· Number of Diodes: 16 (protects 8 lines)

    2. Key Features

    ️· Package: 14-Pin SOIC
    ️· Flammability Rating: UL 94V-0
    ️· Low Capacitance: Approximately 1.5 pF per diode.
    ️· Fast Switching: Less than 5 ns switching speed.
    ️· Robust Protection:
    - ESD Protection: Air discharge 15kV.
    - EFT (Electrical Fast Transient) Protection: 40A at 5/50ns pulse width.
    - Surge Protection: 12A at 8/20µs pulse width.
    ️· Compliance: RoHS compliant (MMAD1103e3).

    3. Absolute Maximum Ratings

    ️· Breakdown Voltage (VBR): 75V - 90V (Varies depending on the specific model; it’s crucial to check the datasheet for the exact breakdown voltage for your application)
    ️· Working Peak Reverse Voltage (VRWM): 20V
    ️· Continuous Forward Current: 400mA per diode
    ️· Operating Temperature: -55°C to +150°C
    ️· Storage Temperature: -55°C to +150°C

    4. Electrical Characteristics (Typical Values)

    ️· Leakage Current (IR):
    - 20 µA @ VR = 20V and Ta = 25°C.
    - 300 µA @ VR = 20V and Ta = 25°C
    ️· Capacitance: ~1.5 pF
    ️· Reverse Recovery Time: ~5 ns
    ️· Forward Voltage:
    - ~1.00V @ IF = 10mA
    - ~1.20V @ IF = 100mA

    5. Mechanical Dimensions (in inches and millimeters)

    ️· Dimensions are provided for the SOIC package (length, width, pin spacing, etc.)

    6. Applications

    ️· RS-232/RS-422 Interface Protection
    ️· Ethernet Data Line Protection (10BASE-T)
    ️· Computer I/O Port Protection
    ️· LAN (Local Area Network) Protection
    ️· Switching Core Driver Protection

    7. Symbols and Definitions

    ️· Clearly defines the terminology used in the datasheet (VBR, VRWM, IF, etc.).

    Important Notes:

    ️· Datasheet Variability: Pay attention to the specific ratings and characteristics in the datasheet, as there can be slight variations even within the same part number (e.g., MMAD1103 vs. MMAD1103e3).
    ️· Application Suitability: Verify that the device's voltage and current ratings are appropriate for your specific application.

    Part No.MMAD1103E3
    ManufacturerMICROSEMI
    Size91 Kbytes
    Pages2 pages
    DescriptionSwitching Diode Array Steering Diode TVS ArrayTM