| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LS3550B_SOIC Datasheet
# Example questions:
➢ What is the typical value for the vbe1 - vbe2 matching characteristic at 25°c?
➢ What is the maximum collector current (ic) specified for the ls3550b?
➢ What is the maximum reverse base-to-emitter voltage that should not be exceeded for the ls3550b?
1. General Description:
️· The LS3550B is a PNP transistor designed for applications needing tight matching and low output capacitance.
️· It's housed in a SOIC package and is also available as a bare die.
2. Key Features:
️· Excellent Thermal Tracking: ≤5 µV/°C. This means the VBE values of the two transistors in the dual package change consistently with temperature.
️· Tight VBE Matching: VBE1 – VBE2 ≤ 5 mV. The base-emitter voltages are very close.
️· Low Output Capacitance: Beneficial for high-frequency applications.
3. Absolute Maximum Ratings:
️· Storage Temperature: -65°C to +150°C
️· Operating Junction Temperature: -55°C to +150°C
️· Continuous Power Dissipation: TBD (To Be Determined)
️· Collector Current: 10 mA
️· Collector to Collector Voltage: 80 V
4. Electrical Characteristics (at 25°C unless noted):
️· VBE Matching:
- VBE1 – VBE2 ≤ 5 mV (Base-Emitter Voltage differential)
- ∆(VBE1–VBE2)/∆T ≤ 5 µV/°C (Rate of change with temperature)
️· Base Current Matching:
* IB1 – IB2 ≤ 10 nA
* ∆(IB1–IB2)/∆T ≤ 0.5 nA/°C
️· Current Gain (hFE): A range of values are given based on collector current:
- 100 for IC = -1 mA
- 80 for IC = -10 mA
- 80 for IC = -100 mA
️· Saturation Voltage (VCE(sat)): 0.25 V
️· Cutoff Currents (IEBO, ICBO): Small values, indicating good cutoff characteristics.
️· Capacitances (COBO, CC1C2): Indicate the low output capacitance.
️· Frequency Response: fT (Current Gain Bandwidth Product) = 600 MHz
️· Noise Figure: 3 dB at f=1kHz
5. Important Notes:
️· The reverse base-emitter voltage should not exceed 6.2 V.
️· The reverse base-emitter current should not exceed 10 µA.
This provides a comprehensive overview of the LS3550B's specifications and features, based on the provided information.
1. General Description:
️· The LS3550B is a PNP transistor designed for applications needing tight matching and low output capacitance.
️· It's housed in a SOIC package and is also available as a bare die.
2. Key Features:
️· Excellent Thermal Tracking: ≤5 µV/°C. This means the VBE values of the two transistors in the dual package change consistently with temperature.
️· Tight VBE Matching: VBE1 – VBE2 ≤ 5 mV. The base-emitter voltages are very close.
️· Low Output Capacitance: Beneficial for high-frequency applications.
3. Absolute Maximum Ratings:
️· Storage Temperature: -65°C to +150°C
️· Operating Junction Temperature: -55°C to +150°C
️· Continuous Power Dissipation: TBD (To Be Determined)
️· Collector Current: 10 mA
️· Collector to Collector Voltage: 80 V
4. Electrical Characteristics (at 25°C unless noted):
️· VBE Matching:
- VBE1 – VBE2 ≤ 5 mV (Base-Emitter Voltage differential)
- ∆(VBE1–VBE2)/∆T ≤ 5 µV/°C (Rate of change with temperature)
️· Base Current Matching:
* IB1 – IB2 ≤ 10 nA
* ∆(IB1–IB2)/∆T ≤ 0.5 nA/°C
️· Current Gain (hFE): A range of values are given based on collector current:
- 100 for IC = -1 mA
- 80 for IC = -10 mA
- 80 for IC = -100 mA
️· Saturation Voltage (VCE(sat)): 0.25 V
️· Cutoff Currents (IEBO, ICBO): Small values, indicating good cutoff characteristics.
️· Capacitances (COBO, CC1C2): Indicate the low output capacitance.
️· Frequency Response: fT (Current Gain Bandwidth Product) = 600 MHz
️· Noise Figure: 3 dB at f=1kHz
5. Important Notes:
️· The reverse base-emitter voltage should not exceed 6.2 V.
️· The reverse base-emitter current should not exceed 10 µA.
This provides a comprehensive overview of the LS3550B's specifications and features, based on the provided information.
| Part No. | LS3550B_SOIC |
| Manufacturer | MICROSS |
| Size | 277 Kbytes |
| Pages | 1 page |
| Description | MONOLITHIC DUAL NPN TRANSISTOR |