| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LSID101_TO-71 Datasheet
# Example questions:
➢ What is the maximum allowable storage temperature for the id101 diode?
➢ What package options are available for the id101 diode?
➢ How does the reverse leakage current (ir) change when the reverse voltage (vr) is increased from 1v to 10v?
# ID101 Low Leakage Pico-Amp Dual Diode
## Features
️· Direct replacement for Intersil ID101
️· Low reverse leakage current: 0.1 pA
️· Reverse breakdown voltage: ≥ 30V
️· Reverse capacitance: 0.75 pF
️· Available Packages: TO-71, Bare Die (contact Micross for dimensions)
## Absolute Maximum Ratings
️· Storage Temperature: -65°C to +200°C
️· Operating Junction Temperature: -55°C to +150°C
️· Maximum Power Dissipation: 300mW
️· Forward Current: 20mA
️· Reverse Current: 100µA
️· Reverse Voltage: 30V
️· Diode-to-Diode Voltage: ±50V
## Electrical Characteristics
️· Reverse Breakdown Voltage (BVR): 30V (at IR=1µA)
️· Forward Voltage (VF): 0.8 - 1.1V (at IF=10mA)
️· Reverse Leakage Current (IR): 0.1 pA (at VR=1V)
️· Differential Leakage Current (|IR1-IR2|): ≤ 3
️· Total Reverse Capacitance (Crss): 0.75 - 1pF (at VR=10V, f=1MHz)
## Benefits & Applications
️· Benefits: Negligible circuit leakage contribution, circuit transparency, simplicity of operation.
️· Applications:
- Op Amp Input Protection
- Multiplexer Overvoltage Protection
- Sample & Hold Circuits (offset voltage reduction)
## Important Notes
️· Pins 3 & 5 of the TO-71 package must not be connected to any circuit node.
️· Contact Micross for full package and die dimensions.
# ID101 Low Leakage Pico-Amp Dual Diode
## Features
️· Direct replacement for Intersil ID101
️· Low reverse leakage current: 0.1 pA
️· Reverse breakdown voltage: ≥ 30V
️· Reverse capacitance: 0.75 pF
️· Available Packages: TO-71, Bare Die (contact Micross for dimensions)
## Absolute Maximum Ratings
️· Storage Temperature: -65°C to +200°C
️· Operating Junction Temperature: -55°C to +150°C
️· Maximum Power Dissipation: 300mW
️· Forward Current: 20mA
️· Reverse Current: 100µA
️· Reverse Voltage: 30V
️· Diode-to-Diode Voltage: ±50V
## Electrical Characteristics
️· Reverse Breakdown Voltage (BVR): 30V (at IR=1µA)
️· Forward Voltage (VF): 0.8 - 1.1V (at IF=10mA)
️· Reverse Leakage Current (IR): 0.1 pA (at VR=1V)
️· Differential Leakage Current (|IR1-IR2|): ≤ 3
️· Total Reverse Capacitance (Crss): 0.75 - 1pF (at VR=10V, f=1MHz)
## Benefits & Applications
️· Benefits: Negligible circuit leakage contribution, circuit transparency, simplicity of operation.
️· Applications:
- Op Amp Input Protection
- Multiplexer Overvoltage Protection
- Sample & Hold Circuits (offset voltage reduction)
## Important Notes
️· Pins 3 & 5 of the TO-71 package must not be connected to any circuit node.
️· Contact Micross for full package and die dimensions.
| Part No. | LSID101_TO-71 |
| Manufacturer | MICROSS |
| Size | 314 Kbytes |
| Pages | 1 page |
| Description | PICO-AMP DUAL DIODE |