Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSDPAD100 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LSDPAD100 Datasheet

  • # Example questions: ➢ What is the maximum forward current that the lsdpad100 can handle?
    ➢ How does the differential capacitance (∆cr) between the two diodes compare under the conditions of vr1 = vr2 = -5v and f = 1mhz?
    ➢ What is the maximum allowable storage temperature for the lsdpad100?

  • Part No.LSDPAD100
    ManufacturerMICROSS
    Size276 Kbytes
    Pages1 page
    DescriptionPICO-AMP DUAL DIODE
    Datasheet Summary with AI

    # LSDPAD100 Low Leakage Pico-Amp Dual Diode

    ## Product Description

    The LSDPAD100 is a low-leakage monolithic dual pico-amp diode, designed as a direct replacement for the Siliconix LSDPAD100. It provides excellent capacitance matching and is well-suited for applications requiring minimized reverse current leakage.

    ## Key Features

    · Direct replacement for Siliconix LSDPAD100
    · High isolation (20fA)
    · Excellent capacitance matching (∆CR ≤ 0.5pF)
    · Ultralow leakage (≤ 100 pA)
    · Reverse breakdown voltage (BVR) ≥ -45V
    · Low reverse capacitance (Crss ≤ 2.0pF)

    ## Absolute Maximum Ratings

    · Storage Temperature: -65°C to +150°C
    · Operating Junction Temperature: -55°C to +135°C
    · Continuous Power Dissipation: 500mW
    · Forward Current: 50mA

    ## Electrical Characteristics

    · Reverse Breakdown Voltage (BVR): -45V (at IR = -1µA)
    · Forward Voltage (VF): 0.8 - 1.5V (at IF = 1mA)
    · Total Reverse Capacitance (CrSS): ≤ 2.0pF (at VR = -5V, f = 1MHz)
    · Differential Capacitance (∆CR): ≤ 0.5pF (at VR1 = VR2 = -5V, f = 1MHz)
    · Maximum Reverse Leakage Current (IR): ≤ 100 pA (at VR = -20V)

    ## Applications

    · Op Amp Input Protection
    · Multiplexer Overvoltage Protection

    ## Packages

    · TO-72
    · Bare Die (contact Micross for dimensions)



    Contact Micross for more information and full specifications:
    ️· Tel: +44 1603 788967
    ️· Email: baredie@micross.com
    ️· Web: www.micross.com/distribution.aspx

    # LSDPAD100 Low Leakage Pico-Amp Dual Diode

    ## Product Description

    The LSDPAD100 is a low-leakage monolithic dual pico-amp diode, designed as a direct replacement for the Siliconix LSDPAD100. It provides excellent capacitance matching and is well-suited for applications requiring minimized reverse current leakage.

    ## Key Features

    · Direct replacement for Siliconix LSDPAD100
    · High isolation (20fA)
    · Excellent capacitance matching (∆CR ≤ 0.5pF)
    · Ultralow leakage (≤ 100 pA)
    · Reverse breakdown voltage (BVR) ≥ -45V
    · Low reverse capacitance (Crss ≤ 2.0pF)

    ## Absolute Maximum Ratings

    · Storage Temperature: -65°C to +150°C
    · Operating Junction Temperature: -55°C to +135°C
    · Continuous Power Dissipation: 500mW
    · Forward Current: 50mA

    ## Electrical Characteristics

    · Reverse Breakdown Voltage (BVR): -45V (at IR = -1µA)
    · Forward Voltage (VF): 0.8 - 1.5V (at IF = 1mA)
    · Total Reverse Capacitance (CrSS): ≤ 2.0pF (at VR = -5V, f = 1MHz)
    · Differential Capacitance (∆CR): ≤ 0.5pF (at VR1 = VR2 = -5V, f = 1MHz)
    · Maximum Reverse Leakage Current (IR): ≤ 100 pA (at VR = -20V)

    ## Applications

    · Op Amp Input Protection
    · Multiplexer Overvoltage Protection

    ## Packages

    · TO-72
    · Bare Die (contact Micross for dimensions)



    Contact Micross for more information and full specifications:
    ️· Tel: +44 1603 788967
    ️· Email: baredie@micross.com
    ️· Web: www.micross.com/distribution.aspx

    Part No.LSDPAD100
    ManufacturerMICROSS
    Size276 Kbytes
    Pages1 page
    DescriptionPICO-AMP DUAL DIODE