Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSDPAD20_TO-72 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LSDPAD20_TO-72 Datasheet

  • # Example questions: ➢ How does the differential capacitance (∆cr) between the two diodes compare, according to the datasheet?
    ➢ What is the maximum forward current that the lsdpad20 can handle?
    ➢ What is the maximum operating junction temperature specified for the lsdpad20?

  • Part No.LSDPAD20_TO-72
    ManufacturerMICROSS
    Size276 Kbytes
    Pages1 page
    DescriptionPICO-AMP DUAL DIODE
    Datasheet Summary with AI

    # LSDPAD20 Low Leakage Pico-Amp Dual Diode

    ## General Description

    ️· Replaces Siliconix LSDPAD20.
    ️· Monolithic dual diode with low leakage.
    ️· Excellent capacitance matching.
    ️· Available in TO-72 package and as bare die (contact Micross for dimensions).

    ## Features

    ️· High Isolation: 20fA
    ️· Differential Capacitance (∆CR): ≤ 0.5pF
    ️· Ultralow Leakage: ≤ 20 pA
    ️· Reverse Breakdown Voltage (BVR): ≥ -45V
    ️· Reverse Capacitance (Crss): ≤ 2.0pF

    ## Absolute Maximum Ratings (@ 25°C)

    ️· Storage Temperature: -65°C to +150°C
    ️· Operating Junction Temperature: -55°C to +135°C
    ️· Continuous Power Dissipation: 500mW
    ️· Forward Current: 50mA

    ## Electrical Characteristics (@ 25°C)

    ️· Reverse Breakdown Voltage (BVR): -45 V (IR = -1µA)
    ️· Forward Voltage (VF): 0.8 – 1.5 V (IF = 1mA)
    ️· Total Reverse Capacitance (Crss): ≤ 2.0 pF (VR = -5V, f = 1MHz)
    ️· Differential Capacitance (∆CR): ≤ 0.5 pF (VR1 = VR2 = -5V, f = 1MHz)
    ️· Maximum Reverse Leakage Current (IR): ≤ -20 pA (VR = -20V)

    ## Benefits & Applications

    ️· Benefits:
    - Negligible Circuit Leakage
    - Circuit "Transparent" (except to high-frequency spikes)
    - Simplicity of Operation
    ️· Applications:
    - Op Amp Input Protection
    - Multiplexer Overvoltage Protection

    ## Contact Information

    ️· Micross Components Ltd: +44 1603 788967, baredie@micross.com, www.micross.com/distribution.aspx

    # LSDPAD20 Low Leakage Pico-Amp Dual Diode

    ## General Description

    ️· Replaces Siliconix LSDPAD20.
    ️· Monolithic dual diode with low leakage.
    ️· Excellent capacitance matching.
    ️· Available in TO-72 package and as bare die (contact Micross for dimensions).

    ## Features

    ️· High Isolation: 20fA
    ️· Differential Capacitance (∆CR): ≤ 0.5pF
    ️· Ultralow Leakage: ≤ 20 pA
    ️· Reverse Breakdown Voltage (BVR): ≥ -45V
    ️· Reverse Capacitance (Crss): ≤ 2.0pF

    ## Absolute Maximum Ratings (@ 25°C)

    ️· Storage Temperature: -65°C to +150°C
    ️· Operating Junction Temperature: -55°C to +135°C
    ️· Continuous Power Dissipation: 500mW
    ️· Forward Current: 50mA

    ## Electrical Characteristics (@ 25°C)

    ️· Reverse Breakdown Voltage (BVR): -45 V (IR = -1µA)
    ️· Forward Voltage (VF): 0.8 – 1.5 V (IF = 1mA)
    ️· Total Reverse Capacitance (Crss): ≤ 2.0 pF (VR = -5V, f = 1MHz)
    ️· Differential Capacitance (∆CR): ≤ 0.5 pF (VR1 = VR2 = -5V, f = 1MHz)
    ️· Maximum Reverse Leakage Current (IR): ≤ -20 pA (VR = -20V)

    ## Benefits & Applications

    ️· Benefits:
    - Negligible Circuit Leakage
    - Circuit "Transparent" (except to high-frequency spikes)
    - Simplicity of Operation
    ️· Applications:
    - Op Amp Input Protection
    - Multiplexer Overvoltage Protection

    ## Contact Information

    ️· Micross Components Ltd: +44 1603 788967, baredie@micross.com, www.micross.com/distribution.aspx

    Part No.LSDPAD20_TO-72
    ManufacturerMICROSS
    Size276 Kbytes
    Pages1 page
    DescriptionPICO-AMP DUAL DIODE