Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSDPAD10 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LSDPAD10 Datasheet

  • # Example questions: ➢ What is the maximum differential capacitance (∆cr) specified for the lsdpad10 at a reverse voltage of -5v and a frequency of 1mhz?
    ➢ Within what temperature range can the lsdpad10 safely operate?
    ➢ What is the maximum forward current the lsdpad10 can handle?

  • Part No.LSDPAD10
    ManufacturerMICROSS
    Size276 Kbytes
    Pages1 page
    DescriptionPICO-AMP DUAL DIODE
    Datasheet Summary with AI

    # LSDPAD10 Low Leakage Pico-Amp Dual Diode

    ## Product Overview

    The LSDPAD10 is a low leakage monolithic dual pico-amp diode, replacing the discontinued Siliconix LSDPAD10. It's designed for applications requiring minimized reverse current leakage and provides excellent capacitance matching.

    ## Features

    ️· Direct replacement for Siliconix LSDPAD10
    ️· High Isolation: 20fA
    ️· Excellent Capacitance Matching: ∆CR ≤ 0.5pF
    ️· Ultralow Leakage: ≤ 10 pA
    ️· Reverse Breakdown Voltage (BVR): ≥ -45V
    ️· Reverse Capacitance (Crss): ≤ 2.0pF

    ## Absolute Maximum Ratings

    ️· Storage Temperature: -65°C to +150°C
    ️· Operating Junction Temperature: -55°C to +135°C
    ️· Continuous Power Dissipation: 500mW
    ️· Forward Current: 50mA

    ## Electrical Characteristics

    Symbol Characteristic Min Typ Max Units Conditions
    BVR Reverse Breakdown Voltage -45 - - V IR = -1µA
    VF Forward Voltage - 0.8 1.5 V IF = 1mA
    CrSS Total Reverse Capacitance - - 2.0 pF VR = -5V, f = 1MHz
    ΔCR Differential Capacitance - - 0.5 pF VR1 = VR2 = -5V, f = 1MHz
    IR Maximum Reverse Leakage Current - - -10 pA VR = -20V

    ## Benefits

    ️· Negligible Circuit Leakage Contribution
    ️· Circuit “Transparent” (except to shunt high-frequency spikes)
    ️· Simplicity of Operation

    ## Applications

    ️· Op Amp Input Protection
    ️· Multiplexer Overvoltage Protection

    ## Packages

    ️· TO-72
    ️· Bare Die (contact Micross for dimensions)

    ## Contact

    ️· Micross Components Europe: +44 1603 788967, chipcomponents@micross.com, http://www.micross.com/distribution

    # LSDPAD10 Low Leakage Pico-Amp Dual Diode

    ## Product Overview

    The LSDPAD10 is a low leakage monolithic dual pico-amp diode, replacing the discontinued Siliconix LSDPAD10. It's designed for applications requiring minimized reverse current leakage and provides excellent capacitance matching.

    ## Features

    ️· Direct replacement for Siliconix LSDPAD10
    ️· High Isolation: 20fA
    ️· Excellent Capacitance Matching: ∆CR ≤ 0.5pF
    ️· Ultralow Leakage: ≤ 10 pA
    ️· Reverse Breakdown Voltage (BVR): ≥ -45V
    ️· Reverse Capacitance (Crss): ≤ 2.0pF

    ## Absolute Maximum Ratings

    ️· Storage Temperature: -65°C to +150°C
    ️· Operating Junction Temperature: -55°C to +135°C
    ️· Continuous Power Dissipation: 500mW
    ️· Forward Current: 50mA

    ## Electrical Characteristics

    Symbol Characteristic Min Typ Max Units Conditions
    BVR Reverse Breakdown Voltage -45 - - V IR = -1µA
    VF Forward Voltage - 0.8 1.5 V IF = 1mA
    CrSS Total Reverse Capacitance - - 2.0 pF VR = -5V, f = 1MHz
    ΔCR Differential Capacitance - - 0.5 pF VR1 = VR2 = -5V, f = 1MHz
    IR Maximum Reverse Leakage Current - - -10 pA VR = -20V

    ## Benefits

    ️· Negligible Circuit Leakage Contribution
    ️· Circuit “Transparent” (except to shunt high-frequency spikes)
    ️· Simplicity of Operation

    ## Applications

    ️· Op Amp Input Protection
    ️· Multiplexer Overvoltage Protection

    ## Packages

    ️· TO-72
    ️· Bare Die (contact Micross for dimensions)

    ## Contact

    ️· Micross Components Europe: +44 1603 788967, chipcomponents@micross.com, http://www.micross.com/distribution

    Part No.LSDPAD10
    ManufacturerMICROSS
    Size276 Kbytes
    Pages1 page
    DescriptionPICO-AMP DUAL DIODE