Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS3550SC Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LS3550SC Datasheet

  • # Example questions: ➢ What is the maximum allowable storage temperature for this transistor?
    ➢ How does the collector current (ic) affect the dc current gain (hfe) as indicated in the electrical characteristics table?
    ➢ What package options are available for the ls3550sc, and where can detailed dimensional information be found?

  • Part No.LS3550SC
    ManufacturerMICROSS
    Size277 Kbytes
    Pages1 page
    DescriptionLinear Systems PNP Transistor
    Datasheet Summary with AI

    # LS3550SC PNP Transistor

    ## Features

    · 3-lead SOT-23 package
    · Low output capacitance
    · Available as bare die and in SOT-23 package
    · Ease of manufacturing with SOT-23 package

    ## Absolute Maximum Ratings

    · Storage Temperature: -65°C to +150°C
    · Operating Junction Temperature: -55°C to +150°C
    · Continuous Power Dissipation: TBD
    · Collector Current: 10mA
    · Collector to Collector Voltage: 80V

    ## Electrical Characteristics (@ 25°C)

    · BVCBO (Collector-Base Voltage): -20V

    · BVCEO (Collector-Emitter Voltage): -20V
    · BVEBO (Emitter-Base Breakdown Voltage): -6.2V
    · BVCCO (Collector-Collector Voltage): -80V
    · hFE (DC Current Gain): 40-50 (varying with collector current and VCE)
    · VCE(SAT) (Collector Saturation Voltage): ≤ 1.2V
    · IEBO (Emitter Cutoff Current): ≤ 0.2 nA
    · ICBO (Collector Cutoff Current): ≤ 0.2 nA
    · COBO (Output Capacitance): ≤ 2 pF
    · fT (Current Gain Bandwidth Product): 600 MHz
    · NF (Narrow Band Noise Figure): 3 dB

    ## Notes

    · Absolute maximum ratings are limiting values.
    · Reverse base-to-emitter voltage must not exceed 6.2V.
    · Reverse base-to-emitter current must not exceed 10µA.

    # LS3550SC PNP Transistor

    ## Features

    · 3-lead SOT-23 package
    · Low output capacitance
    · Available as bare die and in SOT-23 package
    · Ease of manufacturing with SOT-23 package

    ## Absolute Maximum Ratings

    · Storage Temperature: -65°C to +150°C
    · Operating Junction Temperature: -55°C to +150°C
    · Continuous Power Dissipation: TBD
    · Collector Current: 10mA
    · Collector to Collector Voltage: 80V

    ## Electrical Characteristics (@ 25°C)

    · BVCBO (Collector-Base Voltage): -20V
    · BVCEO (Collector-Emitter Voltage): -20V
    · BVEBO (Emitter-Base Breakdown Voltage): -6.2V
    · BVCCO (Collector-Collector Voltage): -80V
    · hFE (DC Current Gain): 40-50 (varying with collector current and VCE)
    · VCE(SAT) (Collector Saturation Voltage): ≤ 1.2V
    · IEBO (Emitter Cutoff Current): ≤ 0.2 nA
    · ICBO (Collector Cutoff Current): ≤ 0.2 nA
    · COBO (Output Capacitance): ≤ 2 pF
    · fT (Current Gain Bandwidth Product): 600 MHz
    · NF (Narrow Band Noise Figure): 3 dB

    ## Notes

    · Absolute maximum ratings are limiting values.
    · Reverse base-to-emitter voltage must not exceed 6.2V.
    · Reverse base-to-emitter current must not exceed 10µA.

    Part No.LS3550SC
    ManufacturerMICROSS
    Size277 Kbytes
    Pages1 page
    DescriptionLinear Systems PNP Transistor