| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SDA41AUF Datasheet
# Example questions:
➢ How does the peak inverse voltage (piv) change across the different rectifier assemblies, from sda41auf to sda41guf?
➢ What screening levels are available for these rectifier assemblies, and where can i find the screening flows?
➢ What is the maximum average dc output current for the sda41guf rectifier assembly at a case temperature of 50°c?
# SDA41AUF thru SDA41GUF 14.5A Rectifier Assembly
## Specifications
️· Current: 14.5 Amps
️· Voltage: 50 - 600 Volts
️· Recovery: Ultra Fast Recovery
️· Type: Single Phase Bridge Rectifier
## Features
️· Ultra Fast Reverse Recovery Time: 70 ns Max
️· Average Output Current: 14.5 Amps @ 50°C
️· Peak Inverse Voltage (PIV): 50 to 600 Volts Per Leg
️· Thermal Resistance: 1.5°C/W Max
️· All Welded Interconnects
️· Hermetically Sealed
️· Universal 3-Way Terminals
️· Aluminum Case
️· Available in Higher Voltages
️· TX, TXV, and S-Level Screening Available
## Electrical Characteristics
| Part Number | PIV (Volts) | Vr (Volts) | Trr (ns) | IF (AV) @ 50°C (Amps) | IF (AV) @ 100°C (Amps) | IFSM (Amps) | IFRM (Amps) | VF @ 3ADC (Volts) | IR @ PIV (μA) |
|---|---|---|---|---|---|---|---|---|---|
| SDA41AUF | 50 | 35 | 70 | 14.5 | 10.5 | 75 | 25 | 1.35 | 20 |
| SDA41BUF | 100 | 70 | 70 | 14.5 | 10.5 | 75 | 25 | 1.35 | 20 |
| SDA41CUF | 200 | 140 | 70 | 14.5 | 10.5 | 75 | 25 | 1.35 | 20 |
| SDA41DUF | 300 | 210 | 70 | 14.5 | 10.5 | 75 | 25 | 1.35 | 20 |
| SDA41EUF | 400 | 280 | 70 | 14.5 | 10.5 | 75 | 25 | 1.35 | 20 |
| SDA41FUF | 500 | 350 | 70 | 14.5 | 10.5 | 75 | 25 | 1.35 | 20 |
| SDA41GUF | 600 | 420 | 70 | 14.5 | 10.5 | 75 | 25 | 1.35 | 20 |
# SDA41AUF thru SDA41GUF 14.5A Rectifier Assembly
## Specifications
️· Current: 14.5 Amps
️· Voltage: 50 - 600 Volts
️· Recovery: Ultra Fast Recovery
️· Type: Single Phase Bridge Rectifier
## Features
️· Ultra Fast Reverse Recovery Time: 70 ns Max
️· Average Output Current: 14.5 Amps @ 50°C
️· Peak Inverse Voltage (PIV): 50 to 600 Volts Per Leg
️· Thermal Resistance: 1.5°C/W Max
️· All Welded Interconnects
️· Hermetically Sealed
️· Universal 3-Way Terminals
️· Aluminum Case
️· Available in Higher Voltages
️· TX, TXV, and S-Level Screening Available
## Electrical Characteristics
| Part Number | PIV (Volts) | Vr (Volts) | Trr (ns) | IF (AV) @ 50°C (Amps) | IF (AV) @ 100°C (Amps) | IFSM (Amps) | IFRM (Amps) | VF @ 3ADC (Volts) | IR @ PIV (μA) |
|---|---|---|---|---|---|---|---|---|---|
| SDA41AUF | 50 | 35 | 70 | 14.5 | 10.5 | 75 | 25 | 1.35 | 20 |
| SDA41BUF | 100 | 70 | 70 | 14.5 | 10.5 | 75 | 25 | 1.35 | 20 |
| SDA41CUF | 200 | 140 | 70 | 14.5 | 10.5 | 75 | 25 | 1.35 | 20 |
| SDA41DUF | 300 | 210 | 70 | 14.5 | 10.5 | 75 | 25 | 1.35 | 20 |
| SDA41EUF | 400 | 280 | 70 | 14.5 | 10.5 | 75 | 25 | 1.35 | 20 |
| SDA41FUF | 500 | 350 | 70 | 14.5 | 10.5 | 75 | 25 | 1.35 | 20 |
| SDA41GUF | 600 | 420 | 70 | 14.5 | 10.5 | 75 | 25 | 1.35 | 20 |
| Part No. | SDA41AUF |
| Manufacturer | SSDI |
| Size | 309 Kbytes |
| Pages | 2 pages |
| Description | ULTRA FAST RECOVERY SINGLE PHASE BRIDGE RECTIFIER |