Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MA4AGSW4_V4 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MA4AGSW4_V4 Datasheet

  • # Example questions: ➢ What is the typical switching speed of this component?
    ➢ What is the range of frequencies for which the specifications are valid?
    ➢ What is the typical insertion loss at 18 ghz?

  • Part No.MA4AGSW4_V4
    ManufacturerMA-COM
    Size124 Kbytes
    Pages7 pages
    DescriptionSP4T AlGaAs PIN Diode Switch
    Datasheet Summary with AI

    Okay, I've analyzed the provided text. Here's a summary of the data presented, broken down by parameter:

    Overall Description:

    This appears to be a datasheet or technical specification sheet for an RF switch or similar device. It lists key performance characteristics at different frequency ranges. The specifications are measured at a temperature of 25°C, and with a bias current of +/- 10mA.

    Here's a breakdown of the specifications:

    ️· Frequency Range: The device is characterized for two frequency ranges:
    - 0.05 GHz - 18 GHz
    - 18 GHz - 50 GHz
    ️· Insertion Loss:
    - 0.05 GHz - 18 GHz: 0.7 dB (typical) to 0.8 dB (typical)
    - 18 GHz - 50 GHz: 1.0 dB (typical) to 1.4 dB (typical)
    ️· Isolation:
    - 0.05 GHz - 18 GHz: 25 dB (minimum) to 41 dB (typical)
    - 18 GHz - 50 GHz: 25 dB (minimum) to 32 dB (typical)
    ️· Input Return Loss:
    - 0.05 GHz - 18 GHz: 10 dB (minimum) to 21 dB (typical)
    - 18 GHz - 50 GHz: 10 dB (minimum) to 22 dB (typical)

    ️· Output Return Loss:
    - 0.05 GHz - 18 GHz: 10 dB (minimum) to 26 dB (typical)
    - 18 GHz - 50 GHz: 10 dB (minimum) to 17 dB (typical)
    ️· Switching Speed: 10 GHz to 20 GHz

    Important Notes:

    ️· "Typical" vs. "Minimum": Specifications listed as "typical" values represent a common or expected performance level. "Minimum" values represent the worst-case performance that the device is guaranteed to meet.
    ️· Units: All values are expressed in the units indicated (dB for loss/return loss/isolation, GHz for frequency, etc.)
    ️· Conditions: These specifications are valid under the stated measurement conditions (25°C and +/- 10mA bias current). Performance might vary under different conditions.

    Overall Description:

    This appears to be a datasheet or technical specification sheet for an RF switch or similar device. It lists key performance characteristics at different frequency ranges. The specifications are measured at a temperature of 25°C, and with a bias current of +/- 10mA.

    Here's a breakdown of the specifications:

    ️· Frequency Range: The device is characterized for two frequency ranges:
    - 0.05 GHz - 18 GHz
    - 18 GHz - 50 GHz
    ️· Insertion Loss:
    - 0.05 GHz - 18 GHz: 0.7 dB (typical) to 0.8 dB (typical)
    - 18 GHz - 50 GHz: 1.0 dB (typical) to 1.4 dB (typical)
    ️· Isolation:
    - 0.05 GHz - 18 GHz: 25 dB (minimum) to 41 dB (typical)
    - 18 GHz - 50 GHz: 25 dB (minimum) to 32 dB (typical)
    ️· Input Return Loss:
    - 0.05 GHz - 18 GHz: 10 dB (minimum) to 21 dB (typical)
    - 18 GHz - 50 GHz: 10 dB (minimum) to 22 dB (typical)
    ️· Output Return Loss:
    - 0.05 GHz - 18 GHz: 10 dB (minimum) to 26 dB (typical)
    - 18 GHz - 50 GHz: 10 dB (minimum) to 17 dB (typical)
    ️· Switching Speed: 10 GHz to 20 GHz

    Important Notes:

    ️· "Typical" vs. "Minimum": Specifications listed as "typical" values represent a common or expected performance level. "Minimum" values represent the worst-case performance that the device is guaranteed to meet.
    ️· Units: All values are expressed in the units indicated (dB for loss/return loss/isolation, GHz for frequency, etc.)
    ️· Conditions: These specifications are valid under the stated measurement conditions (25°C and +/- 10mA bias current). Performance might vary under different conditions.

    Part No.MA4AGSW4_V4
    ManufacturerMA-COM
    Size124 Kbytes
    Pages7 pages
    DescriptionSP4T AlGaAs PIN Diode Switch