Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VC-708 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about VC-708 Datasheet

  • # Example questions: ➢ What is the maximum supply voltage allowed for the vc-708, and what are the potential consequences of exceeding this limit?
    ➢ The datasheet references mil-std-883 testing. what types of environmental compliance tests are performed based on this standard, and what do they indicate about the reliability of the vc-708?
    ➢ What are the key differences between the lvpecl and lvds output options available with the vc-708, and what applications might benefit from each?

  • Part No.VC-708
    ManufacturerVECTRON
    Size279 Kbytes
    Pages7 pages
    DescriptionUltra Low Phase Noise
    Datasheet Summary with AI

    # VC-708 Crystal Oscillator

    ## Description
    · Quartz stabilized, low phase noise, differential output oscillator.
    · Hermetically sealed in a 5x7 ceramic package.
    · RoHS compliant and lead-free assembly compatible.

    ## Features
    · Ultra Low Phase Noise: 47 fs RMS jitter typical (12kHz-20MHz).
    · Differential Output.
    · Low Current Consumption.
    · Operating Temperatures: -10/70°C or -40/85°C.
    · Applications: Ethernet, GbE, Fiber Channel, PON, A/D/D/A drivers, FPGA, Test & Measurement, Medical, Storage Area Networking, Telecom, COTS.

    ## Performance Specifications (LVPECL)
    · Supply Voltage (VDD): 3.135-3.465V / 2.375-2.625V
    · Supply Current (IDD): 50-65 mA
    · Nominal Frequency (fN): 125.000, 156.250, 160.000, 161.132812, 200.000 MHz
    · Stability: ±25, ±50, ±100 ppm
    · Output Logic High (VOH): VDD-1.025/VDD-1.085V (-10/70°C / -40/85°C)
    · Output Logic Low (VOL): VDD-1.810/VDD-1.830V (-10/70°C / -40/85°C)
    · Rise/Fall Time: 1.0 ns
    · Duty Cycle: 45-55%
    · Jitter: 47-100 fs
    · Start-Up Time: 10 ms

    ## Performance Specifications (LVDS)
    · Supply Voltage (VDD): 3.135-3.465V / 2.375-2.625V
    · Supply Current (IDD): 37-48 mA
    · Nominal Frequency (fN): 156.250 MHz
    · Stability: ±25, ±50, ±100 ppm
    · Differential Output Amplitude: 247-454 mV
    · Differential Output Error: -50 to 50 mV
    · Offset Voltage: 1.125-1.375V
    · Offset Voltage Error: -50 to 50 mV
    · Rise/Fall Time: 1.0 ns
    · Duty Cycle: 45-55%
    · Jitter: 65-130 fs
    · Start-Up Time: 10 ms

    ## Pinout (Table 3)
    · Pin 1 & 2: NC (No Connection)
    · Pin 3: GND (Ground)
    · Pin 4: fO (Output Frequency)
    · Pin 5: CfO (Complementary Output Frequency)
    · Pin 6: VDD (Supply Voltage)

    ## Package Information
    · Size: 5.0 x 7.0 x 1.8 mm

    ## Ordering Information
    · VC-708- E C E - K N X N - 156M250000 (Example)
    - E/H: Voltage option (+3.3V / +2.5V)
    - C/D: Output type (LVPECL / LVDS)
    - W/E: Temperature Range (-10/70°C / -40/85°C)
    - F/K/S: Stability (±25ppm / ±50ppm / ±100ppm)
    - Frequency: Specified in MHz.

    ## Environmental & Compliance
    · Meets MIL-STD-883 standards for shock, vibration, temperature cycle, solderability, leak tests, and solvent resistance.
    · Moisture Sensitivity Level: MSL1
    · Lead-free epoxy and compatible with standard lead-free IR reflow.

    # VC-708 Crystal Oscillator

    ## Description
    · Quartz stabilized, low phase noise, differential output oscillator.
    · Hermetically sealed in a 5x7 ceramic package.
    · RoHS compliant and lead-free assembly compatible.

    ## Features
    · Ultra Low Phase Noise: 47 fs RMS jitter typical (12kHz-20MHz).
    · Differential Output.
    · Low Current Consumption.
    · Operating Temperatures: -10/70°C or -40/85°C.
    · Applications: Ethernet, GbE, Fiber Channel, PON, A/D/D/A drivers, FPGA, Test & Measurement, Medical, Storage Area Networking, Telecom, COTS.

    ## Performance Specifications (LVPECL)
    · Supply Voltage (VDD): 3.135-3.465V / 2.375-2.625V
    · Supply Current (IDD): 50-65 mA
    · Nominal Frequency (fN): 125.000, 156.250, 160.000, 161.132812, 200.000 MHz
    · Stability: ±25, ±50, ±100 ppm
    · Output Logic High (VOH): VDD-1.025/VDD-1.085V (-10/70°C / -40/85°C)
    · Output Logic Low (VOL): VDD-1.810/VDD-1.830V (-10/70°C / -40/85°C)
    · Rise/Fall Time: 1.0 ns
    · Duty Cycle: 45-55%
    · Jitter: 47-100 fs
    · Start-Up Time: 10 ms

    ## Performance Specifications (LVDS)
    · Supply Voltage (VDD): 3.135-3.465V / 2.375-2.625V
    · Supply Current (IDD): 37-48 mA
    · Nominal Frequency (fN): 156.250 MHz
    · Stability: ±25, ±50, ±100 ppm
    · Differential Output Amplitude: 247-454 mV
    · Differential Output Error: -50 to 50 mV
    · Offset Voltage: 1.125-1.375V
    · Offset Voltage Error: -50 to 50 mV
    · Rise/Fall Time: 1.0 ns
    · Duty Cycle: 45-55%
    · Jitter: 65-130 fs
    · Start-Up Time: 10 ms

    ## Pinout (Table 3)
    · Pin 1 & 2: NC (No Connection)
    · Pin 3: GND (Ground)
    · Pin 4: fO (Output Frequency)
    · Pin 5: CfO (Complementary Output Frequency)
    · Pin 6: VDD (Supply Voltage)

    ## Package Information
    · Size: 5.0 x 7.0 x 1.8 mm

    ## Ordering Information
    · VC-708- E C E - K N X N - 156M250000 (Example)
    - E/H: Voltage option (+3.3V / +2.5V)
    - C/D: Output type (LVPECL / LVDS)
    - W/E: Temperature Range (-10/70°C / -40/85°C)
    - F/K/S: Stability (±25ppm / ±50ppm / ±100ppm)
    - Frequency: Specified in MHz.

    ## Environmental & Compliance
    · Meets MIL-STD-883 standards for shock, vibration, temperature cycle, solderability, leak tests, and solvent resistance.
    · Moisture Sensitivity Level: MSL1
    · Lead-free epoxy and compatible with standard lead-free IR reflow.

    Part No.VC-708
    ManufacturerVECTRON
    Size279 Kbytes
    Pages7 pages
    DescriptionUltra Low Phase Noise