| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LB1825 Datasheet
# Example questions:
➢ Describe the three different methods for inputting the speed signal (fg) to the ic, and what configuration (if any) is required for each method.
➢ What are the recommended input signal characteristics (minimum peak-to-peak voltage) for the position detection circuit (hall element inputs)?
➢ What formula is used to calculate the output current limit, and what are the variables in that formula?
This document is a datasheet for the SANYO LB1825 motor driver IC, primarily designed for applications like polygon mirror motors and optical disk spindle motors. Here’s a breakdown of the key information:
Core Functionality:
️· Brushless DC (BLDC) Motor Driver: The LB1825 controls BLDC motors, using Hall effect sensors for position feedback.
️· PLL Servo Control: It utilizes a Phase-Locked Loop (PLL) to precisely control motor speed.
️· FG (Frequency Generator) Input: Speed information can be provided through an external FG signal or via the Hall sensors.
️· Current Limiter: Built-in current limiting protects the IC and the motor.
Key Features and Specifications:
️· Clock Modes: Supports both internal crystal oscillator and external clock input.
️· Speed Control: Achieved through PLL and FG signal.
️· Hall Sensor Inputs: Accepts signals from three Hall effect sensors.
️· Braking Control: Includes a brake command input (S/B) and offers a controlled braking scheme for applications like optical disk drives.
️· Open Collector Outputs: Features open-collector outputs for motor drive and FG/Hall FG signals.
️· Applications: Specifically aimed at polygon mirror motors and optical disk spindle motors.
Important Sections:
️· Pin Descriptions: Detailed explanations of each pin’s function.
️· Functional Block Diagram: Shows the internal architecture of the IC.
️· Sample Application Circuits: Provides examples of how to connect the IC in typical applications.
️· Usage Notes: Important guidelines for designing with the IC, including component selection, speed control methods, and braking control.
️· Clock Divisor Switching: Table that controls the PLL servo frequency depending on the clock input and divisor settings.
Overall, this datasheet provides a comprehensive guide for engineers designing motor control systems using the SANYO LB1825 IC. It includes detailed technical information, application examples, and important design considerations.
Core Functionality:
️· Brushless DC (BLDC) Motor Driver: The LB1825 controls BLDC motors, using Hall effect sensors for position feedback.
️· PLL Servo Control: It utilizes a Phase-Locked Loop (PLL) to precisely control motor speed.
️· FG (Frequency Generator) Input: Speed information can be provided through an external FG signal or via the Hall sensors.
️· Current Limiter: Built-in current limiting protects the IC and the motor.
Key Features and Specifications:
️· Clock Modes: Supports both internal crystal oscillator and external clock input.
️· Speed Control: Achieved through PLL and FG signal.
️· Hall Sensor Inputs: Accepts signals from three Hall effect sensors.
️· Braking Control: Includes a brake command input (S/B) and offers a controlled braking scheme for applications like optical disk drives.
️· Open Collector Outputs: Features open-collector outputs for motor drive and FG/Hall FG signals.
️· Applications: Specifically aimed at polygon mirror motors and optical disk spindle motors.
Important Sections:
️· Pin Descriptions: Detailed explanations of each pin’s function.
️· Functional Block Diagram: Shows the internal architecture of the IC.
️· Sample Application Circuits: Provides examples of how to connect the IC in typical applications.
️· Usage Notes: Important guidelines for designing with the IC, including component selection, speed control methods, and braking control.
️· Clock Divisor Switching: Table that controls the PLL servo frequency depending on the clock input and divisor settings.
Overall, this datasheet provides a comprehensive guide for engineers designing motor control systems using the SANYO LB1825 IC. It includes detailed technical information, application examples, and important design considerations.
| Part No. | LB1825 |
| Manufacturer | SANYO |
| Size | 140 Kbytes |
| Pages | 9 pages |
| Description | Three-Phase Brushless Motor Driver |