![]() |
Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about IPP048N12N3G Datasheet
Example questions:
1. What is the maximum continuous drain current for the IPP048N12N3 G transistor at a temperature of 25 °C?
2. What is the maximum power dissipation for the IPP048N12N3 G transistor at a temperature of 25 °C?
3. What is the maximum gate-source voltage for the IPP048N12N3 G transistor?
The IPP048N12N3 G OptiMOS™ 3 Power-Transistor is an N-channel, normal level power transistor with excellent gate charge x RDS(on) product, very low on-resistance, and a 175 °C operating temperature.
It is ideal for high-frequency switching and synchronous rectification and is halogen-free and RoHS compliant.
The maximum ratings include a continuous drain current of 100A at 25 °C, a pulsed drain current of 400A, and a reverse diode d v/dt of 6 kV/µs.
The transistor is qualified according to JEDEC for target applications and is Pb-free.
It also has thermal resistance, thermal characteristics, electrical characteristics, dynamic characteristics, and avalanche characteristics.
The component is available in a PG-TO220-3 package and is marked with 048N12N.
The document also includes warnings and legal disclaimers regarding the use of Infineon Technologies components.
Part No. | IPP048N12N3G |
Manufacturer | INFINEON |
Size | 334 Kbytes |
Pages | 9 pages |
Description | OptiMOS?? Power-Transistor |