![]() |
Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 74ALVC164245 Datasheet
Example questions:
1. What is the main function of the 74ALVC164245 device?
2. What are the supply voltage ranges for the 3 V and 5 V ports of the 74ALVC164245?
3. What temperature range is the 74ALVC164245 specified for?
The 74ALVC164245 is a high-performance, low-power, low-voltage, Si-gate CMOS device that is designed to interface between a 3 V and 5 V bus in a mixed 3 V and 5 V supply environment.
It is a 16-bit (dual octal) dual supply translating transceiver featuring non-inverting 3-state bus compatible outputs in both send and receive directions.
The device can be used as two 8-bit transceivers or one 16-bit transceiver.
It has 5 V tolerant inputs/outputs for interfacing with 5 V logic and a wide supply voltage range.
The device also complies with JEDEC standard JESD8-B/JESD36 and has ESD protection.
It is specified for operation from −40 °C to +125 °C and −40 °C to +125 °C.
The device is available in different package versions and has various pin configurations.
It has recommended operating conditions and limiting values for supply voltage, input/output voltage, and ambient temperature.
Part No. | 74ALVC164245 |
Manufacturer | NXP |
Size | 181 Kbytes |
Pages | 20 pages |
Description | 16-bit dual supply translating transceiver; 3-state |