Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCM-3240 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PCM-3240 Datasheet

  • # Example questions: ➢ What types of encoder input are supported by the pcm-3240?
    ➢ What is the maximum power consumption of the pcm-3240 card?
    ➢ What interpolation functions does the pcm-3240 support?

  • Part No.PCM-3240
    ManufacturerADVANTECH
    Size543 Kbytes
    Pages1 page
    Description4-axis Stepping and Servo Motor Control PC/104 Card
    Datasheet Summary with AI

    # PCM-3240 - 4-axis Stepping & Servo Motor Control PC/104 Card

    ## Features

    ️· PC/104 interface
    ️· Independent 4-axis motion control
    ️· Hand wheel and jog function
    ️· 2/3-axis linear interpolation function
    ️· 2-axis circular interpolation function
    ️· Continuous interpolation function
    ️· Programmable T/S-curve acceleration/deceleration
    ️· Up to 4 Mpps pulse output per axis
    ️· Pulse output types: CW/CCW or pulse/direction
    ️· Up to 1 MHz encoder input per axis
    ️· Encoder input types: A/B phase or up/down
    ️· Constant speed control
    ️· Position management & software limit switch
    ️· BoardID™ switch

    ## Introduction

    A 4-axis stepping/pulse-type servo motor control card for general-purpose motion applications. Utilizes NOVA® MCX314-motion ASIC for motion control functions. Includes Windows DLL drivers, user-friendly examples & a bundled motion utility.

    ## Specifications

    ️· Motor Driver Support: Pulse-type servo/stepping
    ️· Number of Axes: 4
    ️· Interpolation: 2-axis linear, 3-axis linear, 2-axis circular
    ️· Max. Output Speed: 4 Mpps
    ️· Step Count Range: ±2, 147, 483, 646
    ️· Pulse Output Type: Pulse/direction or CW/CCW
    ️· Position Counters: Range of command, range of actual position
    ️· Velocity Profiles: T-Curve, S-Curve
    ️· Local I/O:
    - Machine Interfaces: PEL x 4, MEL x 4, ORG x 4
    - Servo Driver Interfaces: ALM x 4, RDY x 4, SVON x 4, INP x 4
    - Position Compare I/O: CMP x 4
    - General Inputs: 12
    - General Outputs: 16
    ️· Encoder Interface:
    - Input Type: Quadrature (A/B phase or up/down)
    - Counts per Enc. Cycle: x1, x2, x4 (A/B phase only)
    - Input Range: 5 ~ 25 V
    - Isolation Protection: 2,500 VDC
    - Max. Input Frequency: 1 MHz
    ️· Bus Type: PC/104
    ️· Certifications: CE
    ️· Connectors: 2 x IDC 50-pin male connector
    ️· Dimensions: 96 x 91 mm (3.8" x 3.6")
    ️· Power Consumption: Typical: 5 V @ 850 mA, Max.: 5 V @ 1 A
    ️· Humidity: 5 ~ 95% RH (non-condensing)
    ️· Operating Temperature: 0 ~ 60° C (32 ~ 140° F)
    ️· Storage Temperature: -20 ~ 85° C (-4 ~ 185° F)
    ️· Online Download: [www.advantech.com/products](http://www.advantech.com/products)

    ## Ordering Information

    ️· PCM-3240: 4-axis Stepping/Servo Motor Control PC/104 Card
    ️· PCL-10150-1.2: 50-pin Flat Cable, 1.2 m
    ️· ADAM-3950: 50-pin DIN-rail Flat Cable Wiring Board
    ️· ADAM-3952: 50-pin DIN-rail SCSI Wiring Board

    # PCM-3240 - 4-axis Stepping & Servo Motor Control PC/104 Card

    ## Features

    ️· PC/104 interface
    ️· Independent 4-axis motion control
    ️· Hand wheel and jog function
    ️· 2/3-axis linear interpolation function
    ️· 2-axis circular interpolation function
    ️· Continuous interpolation function
    ️· Programmable T/S-curve acceleration/deceleration
    ️· Up to 4 Mpps pulse output per axis
    ️· Pulse output types: CW/CCW or pulse/direction
    ️· Up to 1 MHz encoder input per axis
    ️· Encoder input types: A/B phase or up/down
    ️· Constant speed control
    ️· Position management & software limit switch
    ️· BoardID™ switch

    ## Introduction

    A 4-axis stepping/pulse-type servo motor control card for general-purpose motion applications. Utilizes NOVA® MCX314-motion ASIC for motion control functions. Includes Windows DLL drivers, user-friendly examples & a bundled motion utility.

    ## Specifications

    ️· Motor Driver Support: Pulse-type servo/stepping
    ️· Number of Axes: 4
    ️· Interpolation: 2-axis linear, 3-axis linear, 2-axis circular
    ️· Max. Output Speed: 4 Mpps
    ️· Step Count Range: ±2, 147, 483, 646
    ️· Pulse Output Type: Pulse/direction or CW/CCW
    ️· Position Counters: Range of command, range of actual position
    ️· Velocity Profiles: T-Curve, S-Curve
    ️· Local I/O:
    - Machine Interfaces: PEL x 4, MEL x 4, ORG x 4
    - Servo Driver Interfaces: ALM x 4, RDY x 4, SVON x 4, INP x 4
    - Position Compare I/O: CMP x 4
    - General Inputs: 12
    - General Outputs: 16
    ️· Encoder Interface:
    - Input Type: Quadrature (A/B phase or up/down)
    - Counts per Enc. Cycle: x1, x2, x4 (A/B phase only)
    - Input Range: 5 ~ 25 V
    - Isolation Protection: 2,500 VDC
    - Max. Input Frequency: 1 MHz
    ️· Bus Type: PC/104
    ️· Certifications: CE
    ️· Connectors: 2 x IDC 50-pin male connector
    ️· Dimensions: 96 x 91 mm (3.8" x 3.6")
    ️· Power Consumption: Typical: 5 V @ 850 mA, Max.: 5 V @ 1 A
    ️· Humidity: 5 ~ 95% RH (non-condensing)
    ️· Operating Temperature: 0 ~ 60° C (32 ~ 140° F)
    ️· Storage Temperature: -20 ~ 85° C (-4 ~ 185° F)
    ️· Online Download: [www.advantech.com/products](http://www.advantech.com/products)

    ## Ordering Information

    ️· PCM-3240: 4-axis Stepping/Servo Motor Control PC/104 Card
    ️· PCL-10150-1.2: 50-pin Flat Cable, 1.2 m
    ️· ADAM-3950: 50-pin DIN-rail Flat Cable Wiring Board
    ️· ADAM-3952: 50-pin DIN-rail SCSI Wiring Board

    Part No.PCM-3240
    ManufacturerADVANTECH
    Size543 Kbytes
    Pages1 page
    Description4-axis Stepping and Servo Motor Control PC/104 Card