| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SW640_3 Datasheet
# Example questions:
➢ How does the capacity of the battery change when operating at 0°c (32°f) compared to its capacity at 25°c (77°f)?
➢ What is the recommended initial charging current and voltage range for cycling this battery?
➢ What is the approximate weight of the sw640 battery in both kilograms and pounds?
# SW640 (6V 4.0AH) Lead Acid Battery
## Specifications
️· Nominal Voltage: 6V
️· Rated Capacity (20hr): 4.0 Ah
️· Dimensions: 70mm (L) x 47mm (W) x 106mm (H)
️· Weight: 0.72 Kg (1.59 lbs)
️· Internal Resistance: 30 mΩ (at full charge, 25°C)
️· Terminal Type: T1
## Performance Characteristics
️· Capacity at Different Discharge Rates (25°C):
- 20hr (0.20A): 4.00 Ah
- 10hr (0.37A): 3.70 Ah
- 5hr (0.68A): 3.40 Ah
- 1hr (2.40A): 2.40 Ah
️· Capacity Affected by Temperature (20hr rate):
- 40°C (104°F): 102%
- 25°C (77°F): 100%
- 0°C (32°F): 85%
- -15°C (5°F): 65%
️· Self-Discharge (at 25°C):
- After 3 months: 91%
- After 6 months: 82%
- After 12 months: 64%
## Charging Instructions
️· Cycle Charging:
- Initial Current: Less than 1.6A
- Voltage: 7.20-7.35V
️· Float Charging:
- Voltage: 6.75-6.90V
# SW640 (6V 4.0AH) Lead Acid Battery
## Specifications
️· Nominal Voltage: 6V
️· Rated Capacity (20hr): 4.0 Ah
️· Dimensions: 70mm (L) x 47mm (W) x 106mm (H)
️· Weight: 0.72 Kg (1.59 lbs)
️· Internal Resistance: 30 mΩ (at full charge, 25°C)
️· Terminal Type: T1
## Performance Characteristics
️· Capacity at Different Discharge Rates (25°C):
- 20hr (0.20A): 4.00 Ah
- 10hr (0.37A): 3.70 Ah
- 5hr (0.68A): 3.40 Ah
- 1hr (2.40A): 2.40 Ah
️· Capacity Affected by Temperature (20hr rate):
- 40°C (104°F): 102%
- 25°C (77°F): 100%
- 0°C (32°F): 85%
- -15°C (5°F): 65%
️· Self-Discharge (at 25°C):
- After 3 months: 91%
- After 6 months: 82%
- After 12 months: 64%
## Charging Instructions
️· Cycle Charging:
- Initial Current: Less than 1.6A
- Voltage: 7.20-7.35V
️· Float Charging:
- Voltage: 6.75-6.90V
| Part No. | SW640_3 |
| Manufacturer | SUNNYWAY |
| Size | 319 Kbytes |
| Pages | 1 page |
| Description | General Battery |