Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR78097 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR78097 Datasheet

  • # Example questions: ➢ What is the maximum allowable dc resistance for the dr334-104 inductor?
    ➢ How many inductors are supplied per reel?
    ➢ Within what temperature range can this smd inductor safely operate?

  • Part No.DR78097
    ManufacturerDATATRONICS
    Size129 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR
    Datasheet Summary with AI

    SMD INDUCTOR DR78097

    ## Features
    · Low Profile Surface Mount Design
    · Flat Top for Pick and Place
    · Tape & Reel Packing
    · Materials meet UL94V-0
    · Operating Temperature: -40°C to +130°C

    ## Electrical Specifications (at 25°C)
    · Part Number: DR334-104
    - Inductance: 100 µH ± 10% @ 1KHz, 0.1V
    - DCR: 0.70 Ω (Max)
    - Rated Current: 0.52 A (Max)

    ## Notes
    · Full rated current is based on an ambient operating temperature of 85°C with a 45°C maximum temperature rise in free air.
    · All materials are rated at 155°C or higher.
    · The DR78097 will be marked DR334-104 or 104 on the part. Packaging will be labeled Dr334-104.

    ## Mechanical Outline
    · Dimensions shown in millimeters (inches).
    · General Tolerance: ±0.15mm (0.006 IN) unless otherwise specified.
    · Reel Quantity: 1500/Reel

    ## Contact Information
    · Datatronic: 28151 Highway 74, Romoland, CA 92585, Tel: 951-928-7700, Toll Free Tel: 888-889-5391, Fax: 951-928-7701, Email: ddisales@datatronics.com
    · Hong Kong: 499 King’s Road, Tel: (852) 2562 3858, (852) 2564 8477, Fax: (852) 2565 7214, (852) 2563 1290

    SMD INDUCTOR DR78097

    ## Features
    · Low Profile Surface Mount Design
    · Flat Top for Pick and Place
    · Tape & Reel Packing
    · Materials meet UL94V-0
    · Operating Temperature: -40°C to +130°C

    ## Electrical Specifications (at 25°C)
    · Part Number: DR334-104
    - Inductance: 100 µH ± 10% @ 1KHz, 0.1V
    - DCR: 0.70 Ω (Max)
    - Rated Current: 0.52 A (Max)

    ## Notes
    · Full rated current is based on an ambient operating temperature of 85°C with a 45°C maximum temperature rise in free air.
    · All materials are rated at 155°C or higher.
    · The DR78097 will be marked DR334-104 or 104 on the part. Packaging will be labeled Dr334-104.

    ## Mechanical Outline
    · Dimensions shown in millimeters (inches).
    · General Tolerance: ±0.15mm (0.006 IN) unless otherwise specified.
    · Reel Quantity: 1500/Reel

    ## Contact Information
    · Datatronic: 28151 Highway 74, Romoland, CA 92585, Tel: 951-928-7700, Toll Free Tel: 888-889-5391, Fax: 951-928-7701, Email: ddisales@datatronics.com
    · Hong Kong: 499 King’s Road, Tel: (852) 2562 3858, (852) 2564 8477, Fax: (852) 2565 7214, (852) 2563 1290

    Part No.DR78097
    ManufacturerDATATRONICS
    Size129 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR