| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DR355-4-114 Datasheet
# Example questions:
➢ How many pieces per reel are provided for tape and reel packaging?
➢ What is the typical maximum rated current for the dr355-4-214 inductor?
➢ What should i do to order a non-rohs compliant version of the dr355-4-134 inductor?
SMD INDUCTOR DR355-4 SERIES
Features
️· Low Profile Surface Mount Design
️· Suitable for Reflow soldering
️· Inductance Range: 90nH to 538nH
️· Operating Temperature: -40°C to +125°C
️· Tinned Leads with Leaded Solder Available (note 3)
Electrical Specifications (at 25°C)
| Part No. | Inductance (nH) @ 0A | DCR (mΩ) Max. | Max. Rated Current (A) (Typ.) |
|---|---|---|---|
| DR355-4-903 | 90 ± 5% @ 50MHz | 15.0 | 3.5 |
| DR355-4-114 | 111 ± 5% @ 50MHz | 15.0 | 3.5 |
| DR355-4-134 | 130 ± 5% @ 50MHz | 20.0 | 3.0 |
| DR355-4-174 | 169 ± 5% @ 50MHz | 25.0 | 3.0 |
| DR355-4-214 | 206 ± 5% @ 50MHz | 30.0 | 3.0 |
| DR355-4-224 | 222 ± 5% @ 50MHz | 35.0 | 3.0 |
| DR355-4-254 | 246 ± 5% @ 50MHz | 35.0 | 3.0 |
| DR355-4-314 | 307 ± 5% @ 50MHz | 35.0 | 3.0 |
| DR355-4-384 | 380 ± 5% @ 50MHz | 50.0 | 2.5 |
| DR355-4-424 | 422 ± 5% @ 50MHz | 60.0 | 2.5 |
| DR355-4-494 | 491 ± 5% @ 50MHz | 65.0 | 2.0 |
| DR355-4-544 | 538 ± 5% @ 50MHz | 90.0 | 2.0 |
Notes
️· All dimensions are in millimeters.
️· Tape and reel quantity: 2000 pcs/reel
️· For non-RoHS parts, replace "DR" prefix with "42-" (e.g., DR355-4 becomes 42-355-4)
️· Terminal finish is RoHS compliant. Solder in accordance with J-STD-020C
Contact Information
️· Datatronic: 28151 Highway 74, Romoland, CA 92585
️· Hong Kong: 499 King’s Road
SMD INDUCTOR DR355-4 SERIES
Features
️· Low Profile Surface Mount Design
️· Suitable for Reflow soldering
️· Inductance Range: 90nH to 538nH
️· Operating Temperature: -40°C to +125°C
️· Tinned Leads with Leaded Solder Available (note 3)
Electrical Specifications (at 25°C)
| Part No. | Inductance (nH) @ 0A | DCR (mΩ) Max. | Max. Rated Current (A) (Typ.) |
|---|---|---|---|
| DR355-4-903 | 90 ± 5% @ 50MHz | 15.0 | 3.5 |
| DR355-4-114 | 111 ± 5% @ 50MHz | 15.0 | 3.5 |
| DR355-4-134 | 130 ± 5% @ 50MHz | 20.0 | 3.0 |
| DR355-4-174 | 169 ± 5% @ 50MHz | 25.0 | 3.0 |
| DR355-4-214 | 206 ± 5% @ 50MHz | 30.0 | 3.0 |
| DR355-4-224 | 222 ± 5% @ 50MHz | 35.0 | 3.0 |
| DR355-4-254 | 246 ± 5% @ 50MHz | 35.0 | 3.0 |
| DR355-4-314 | 307 ± 5% @ 50MHz | 35.0 | 3.0 |
| DR355-4-384 | 380 ± 5% @ 50MHz | 50.0 | 2.5 |
| DR355-4-424 | 422 ± 5% @ 50MHz | 60.0 | 2.5 |
| DR355-4-494 | 491 ± 5% @ 50MHz | 65.0 | 2.0 |
| DR355-4-544 | 538 ± 5% @ 50MHz | 90.0 | 2.0 |
| Part No. | DR355-4-114 |
| Manufacturer | DATATRONICS |
| Size | 76 Kbytes |
| Pages | 1 page |
| Description | SMD INDUCTOR |