| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DR353-6-104 Datasheet
# Example questions:
➢ How many pieces per reel are available for the dr353-6 series when ordering?
➢ What is the operating temperature range for the dr353-6 series inductors?
➢ What is the maximum dc resistance (dcr) for the dr353-6-223 inductor?
SMD INDUCTOR DR353-6 SERIES
Features
· Low Profile Surface Mount Design
· Flat Top for Pick and Place
· Inductance Range: 0.12µH to 100.0µH
· Operating Temperature: -25°C to +85°C
· Availability of Tinned Leads with Leaded Solder (Note 1)
Electrical Specifications (at 25ºC)
| Part No. | Inductance (µH) | DCR (Ω) Max. | I rated (mA) Max. | SRF (MHz) Min. |
|---|---|---|---|---|
| DR353-6-121 | 0.12±20% @1MHz | 0.112 | 970 | 250 |
| DR353-6-221 | 0.22±20% @1MHz | 0.140 | 850 | 250 |
| DR353-6-471 | 0.47±20% @1MHz | 0.210 | 700 | 180 |
| DR353-6-102 | 1.0±20% @1MHz | 0.364 | 510 | 100 |
| DR353-6-222 | 2.2±20% @1MHz | 0.533 | 430 | 50 |
| DR353-6-472 | 4.7±20% @1MHz | 0.845 | 340 | 31 |
| DR353-6-103 | 10±10% @1MHz | 1.690 | 230 | 20 |
| DR353-6-223 | 22±10% @1MHz | 3.900 | 160 | 14 |
| DR353-6-473 | 47±10% @1MHz | 10.40 | 100 | 10 |
| DR353-6-104 | 100±10% @1MHz | 15.60 | 80 | 7 |
Notes
· All dimensions are in millimeters (mm).
· General tolerance is ±0.2mm.
· *I*<sub>rated</sub> is based on a 40°C temperature rise.
· *I*<sub>rated</sub> allows for a maximum 20% drop in initial inductance value.
· Tape and reel quantity: 2000 pcs/reel.
· For non-RoHS parts, replace "DR" prefix with "42-" (e.g., 42-353-6).
· Terminal finish complies with RoHS requirements; solder according to J-STD-020C.
SMD INDUCTOR DR353-6 SERIES
Features
· Low Profile Surface Mount Design
· Flat Top for Pick and Place
· Inductance Range: 0.12µH to 100.0µH
· Operating Temperature: -25°C to +85°C
· Availability of Tinned Leads with Leaded Solder (Note 1)
Electrical Specifications (at 25ºC)
| Part No. | Inductance (µH) | DCR (Ω) Max. | I rated (mA) Max. | SRF (MHz) Min. |
|---|---|---|---|---|
| DR353-6-121 | 0.12±20% @1MHz | 0.112 | 970 | 250 |
| DR353-6-221 | 0.22±20% @1MHz | 0.140 | 850 | 250 |
| DR353-6-471 | 0.47±20% @1MHz | 0.210 | 700 | 180 |
| DR353-6-102 | 1.0±20% @1MHz | 0.364 | 510 | 100 |
| DR353-6-222 | 2.2±20% @1MHz | 0.533 | 430 | 50 |
| DR353-6-472 | 4.7±20% @1MHz | 0.845 | 340 | 31 |
| DR353-6-103 | 10±10% @1MHz | 1.690 | 230 | 20 |
| DR353-6-223 | 22±10% @1MHz | 3.900 | 160 | 14 |
| DR353-6-473 | 47±10% @1MHz | 10.40 | 100 | 10 |
| DR353-6-104 | 100±10% @1MHz | 15.60 | 80 | 7 |
| Part No. | DR353-6-104 |
| Manufacturer | DATATRONICS |
| Size | 87 Kbytes |
| Pages | 1 page |
| Description | SMD INDUCTOR |