| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DR353-4-102 Datasheet
# Example questions:
➢ How many pieces are included on each tape and reel for this product?
➢ What is the operating temperature range for this smd inductor series?
➢ What is the maximum dcr value for the dr353-4-223 part number?
SMD INDUCTOR DR353-4 SERIES
Features
️· Low Profile Surface Mount Design
️· Flat Top for Pick and Place
️· Inductance Range: 1.0µH to 33.0µH
️· Operating Temperature: -25°C to +85°C
️· Tinned Leads with Leaded Solder Available (Note 6)
Electrical Specifications (at 25°C)
| Part No. | Inductance (µH) | DCR (Ω) Max. | I<sub>rated</sub> (mA) Max. | SRF (MHz) Min. |
| :---------- | :--------------- | :------------ | :---------------------- | :-------------- |
| DR353-4-102 | 1.0±20% | 0.08 | 1080 | 100 |
| DR353-4-152 | 1.5±20% | 0.09 | 1000 | 85 |
| DR353-4-222 | 2.2±20% | 0.11 | 900 | 60 |
| DR353-4-332 | 3.3±20% | 0.13 | 800 | 47 |
| DR353-4-472 | 4.7±20% | 0.15 | 750 | 35 |
| DR353-4-682 | 6.8±20% | 0.20 | 720 | 30 |
| DR353-4-103 | 10±10% | 0.24 | 650 | 23 |
| DR353-4-153 | 15±10% | 0.32 | 570 | 20 |
| DR353-4-223 | 22±10% | 0.60 | 420 | 15 |
| DR353-4-333 | 33±10% | 1.00 | 310 | 12 |
Notes
️· All dimensions in millimeter (mm).
️· General tolerance: ±0.2mm (unless otherwise specified).
️· I<sub>rated</sub>: Approximate 40°C temperature rise
️· I<sub>rated</sub>: Maximum 20% drop from initial value
️· Tape and reel quantity: 500 pcs/reel
️· Non-RoHS parts: Replace "DR" prefix with "42-" (e.g., DR353-4 becomes 42-353-4)
️· Terminal finish compliant with RoHS requirements; solder according to J-STD-020C
SMD INDUCTOR DR353-4 SERIES
Features
️· Low Profile Surface Mount Design
️· Flat Top for Pick and Place
️· Inductance Range: 1.0µH to 33.0µH
️· Operating Temperature: -25°C to +85°C
️· Tinned Leads with Leaded Solder Available (Note 6)
Electrical Specifications (at 25°C)
| Part No. | Inductance (µH) | DCR (Ω) Max. | I<sub>rated</sub> (mA) Max. | SRF (MHz) Min. |
|---|---|---|---|---|
| DR353-4-102 | 1.0±20% | 0.08 | 1080 | 100 |
| DR353-4-152 | 1.5±20% | 0.09 | 1000 | 85 |
| DR353-4-222 | 2.2±20% | 0.11 | 900 | 60 |
| DR353-4-332 | 3.3±20% | 0.13 | 800 | 47 |
| DR353-4-472 | 4.7±20% | 0.15 | 750 | 35 |
| DR353-4-682 | 6.8±20% | 0.20 | 720 | 30 |
| DR353-4-103 | 10±10% | 0.24 | 650 | 23 |
| DR353-4-153 | 15±10% | 0.32 | 570 | 20 |
| DR353-4-223 | 22±10% | 0.60 | 420 | 15 |
| DR353-4-333 | 33±10% | 1.00 | 310 | 12 |
| Part No. | DR353-4-102 |
| Manufacturer | DATATRONICS |
| Size | 86 Kbytes |
| Pages | 1 page |
| Description | SMD INDUCTOR |