| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DR353-1-101 Datasheet
# Example questions:
➢ What is the typical quantity of pieces per reel for the inductors described in the datasheet?
➢ What changes in the test frequency when moving from the 100µh (dr353-1-104) to the 560µh (dr353-1-564) inductor?
➢ What prefix should be used to identify a non-rohs compliant version of the dr353-1-223 inductor?
Okay, I'm summarizing the provided datasheet for the Datatronic DR353-1 series of SMD inductors.
Overall Description:
️· Product: Datatronic DR353-1 series SMD (Surface Mount Device) Inductors.
️· Type: Shielded, Monolithic Ferrite Core.
️· Application: General purpose, suitable for a wide range of electronic circuits.
️· Date: March 6, 2007
Key Features/Specifications (from the provided table):
️· Size: Not explicitly stated in the provided document, but implied to be a standard SMD size suitable for automated placement.
️· Inductance Range: 0.82µH to 560µH
️· Tolerance: 10% or 20% (specified for individual values)
️· DC Resistance (DCR): Ranges from 0.5 Ohms to 28 Ohms (values given in the table)
️· Rated Current (I): Ranges from 240mA to 7.0A (values given in the table) - *Important Note: The datasheet refers to "I" as the rated current, but doesn't specify its definition - saturation current, acceptable current for specific performance, etc.*
️· Self-Resonant Frequency (SRF): Ranges from 7 MHz to 796 kHz(values given in the table) - *Note that the frequency is specified at 796kHz for some inductors, indicating a lower SRF. This impacts performance at higher frequencies.*
️· Operating Temperature: Not specified in this extract.
️· Packaging: Available in tape and reel, 2000 pieces per reel.
️· RoHS Compliance: Yes
Important Notes/Details:
️· Non-RoHS Options: Parts can be ordered without RoHS compliance by replacing "DR" with "42" in the part number (e.g., 42353-1).
️· Solderability: Terminals are RoHS compliant and must be soldered according to J-STD-020C.
️· Datasheet Revision: The datasheet information may have been updated since its original release.
To get a full understanding, a complete datasheet would be preferable, including:
* Physical dimensions
* Mechanical drawing
* Detailed operating conditions
* Additional performance graphs/charts.
Overall Description:
️· Product: Datatronic DR353-1 series SMD (Surface Mount Device) Inductors.
️· Type: Shielded, Monolithic Ferrite Core.
️· Application: General purpose, suitable for a wide range of electronic circuits.
️· Date: March 6, 2007
Key Features/Specifications (from the provided table):
️· Size: Not explicitly stated in the provided document, but implied to be a standard SMD size suitable for automated placement.
️· Inductance Range: 0.82µH to 560µH
️· Tolerance: 10% or 20% (specified for individual values)
️· DC Resistance (DCR): Ranges from 0.5 Ohms to 28 Ohms (values given in the table)
️· Rated Current (I): Ranges from 240mA to 7.0A (values given in the table) - *Important Note: The datasheet refers to "I" as the rated current, but doesn't specify its definition - saturation current, acceptable current for specific performance, etc.*
️· Self-Resonant Frequency (SRF): Ranges from 7 MHz to 796 kHz(values given in the table) - *Note that the frequency is specified at 796kHz for some inductors, indicating a lower SRF. This impacts performance at higher frequencies.*
️· Operating Temperature: Not specified in this extract.
️· Packaging: Available in tape and reel, 2000 pieces per reel.
️· RoHS Compliance: Yes
Important Notes/Details:
️· Non-RoHS Options: Parts can be ordered without RoHS compliance by replacing "DR" with "42" in the part number (e.g., 42353-1).
️· Solderability: Terminals are RoHS compliant and must be soldered according to J-STD-020C.
️· Datasheet Revision: The datasheet information may have been updated since its original release.
| Part No. | DR353-1-101 |
| Manufacturer | DATATRONICS |
| Size | 94 Kbytes |
| Pages | 2 pages |
| Description | SMD INDUCTOR |