Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR334-124 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR334-124 Datasheet

  • # Example questions: ➢ What is the quantity of inductors supplied per reel?
    ➢ What is the operating temperature range for the dr334 series inductors?
    ➢ How does the dcr value change as the inductance value increases from 4.7µh to 1000µh?

  • Part No.DR334-124
    ManufacturerDATATRONICS
    Size106 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR
    Datasheet Summary with AI

    SMD INDUCTOR DR334 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Inductance Range: 4.7µH to 1000µH
    ️· Operating Temperature: -20°C to +80°C
    ️· Available with Tinned Leads and Leaded Solder (Note 4)

    Electrical Specifications

    Part No. Inductance (μH) DCR (Ω) Max. Rated Current (A) Max.
    DR334-472 4.7 ± 20% @ 7.96MHz, 0.1V 0.043 1.50
    DR334-103 10 ± 20% @ 2.52MHz, 0.1V 0.10 1.44
    DR334-123 12 ± 20% @ 2.52MHz, 0.1V 0.12 1.35
    DR334-153 15 ± 20% @ 2.52MHz, 0.1V 0.14 1.30
    DR334-183 18 ± 20% @ 2.52MHz, 0.1V 0.15 1.23
    DR334-223 22 ± 20% @ 2.52MHz, 0.1V 0.18 1.11
    DR334-273 27 ± 20% @ 2.52MHz, 0.1V 0.20 0.97
    DR334-333 33 ± 20% @ 2.52MHz, 0.1V 0.23 0.88
    DR334-393 39 ± 20% @ 2.52MHz, 0.1V 0.32 0.80
    DR334-473 47 ± 20% @ 2.52MHz, 0.1V 0.37 0.72
    DR334-563 56 ± 10% @ 2.52MHz, 0.1V 0.42 0.68
    DR334-683 68 ± 10% @ 2.52MHz, 0.1V 0.46 0.61
    DR334-823 82 ± 10% @ 2.52MHz, 0.1V 0.60 0.58
    DR334-104 100 ± 10% @ 1kHz, 0.1V 0.70 0.52
    DR334-124 120 ± 10% @ 1kHz, 0.1V 0.93 0.48
    DR334-154 150 ± 10% @ 1kHz, 0.1V 1.10 0.40
    DR334-184 180 ± 10% @ 1kHz, 0.1V 1.38 0.38
    DR334-224 220 ± 10% @ 1kHz, 0.1V 1.57 0.35
    DR334-334 330 ± 10% @ 1kHz, 0.1V 1.80 0.28
    DR334-474 470 ± 10% @ 1kHz, 0.1V 2.90 0.25
    DR334-684 680 ± 10% @ 1kHz, 0.1V 4.20 0.22
    DR334-105 1000 ± 10% @ 1kHz, 0.1V 5.70 0.18

    Notes:

    ️· All dimensions are shown in millimeters.
    ️· General tolerance: ±0.25mm.
    ️· Reel quantity: 1500.
    ️· For non-RoHS parts, replace "DR" with "42-" in the part number.
    ️· Terminal finish compliant with RoHS requirements.

    SMD INDUCTOR DR334 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Inductance Range: 4.7µH to 1000µH
    ️· Operating Temperature: -20°C to +80°C
    ️· Available with Tinned Leads and Leaded Solder (Note 4)

    Electrical Specifications

    Part No. Inductance (μH) DCR (Ω) Max. Rated Current (A) Max.
    DR334-472 4.7 ± 20% @ 7.96MHz, 0.1V 0.043 1.50
    DR334-103 10 ± 20% @ 2.52MHz, 0.1V 0.10 1.44
    DR334-123 12 ± 20% @ 2.52MHz, 0.1V 0.12 1.35
    DR334-153 15 ± 20% @ 2.52MHz, 0.1V 0.14 1.30
    DR334-183 18 ± 20% @ 2.52MHz, 0.1V 0.15 1.23
    DR334-223 22 ± 20% @ 2.52MHz, 0.1V 0.18 1.11
    DR334-273 27 ± 20% @ 2.52MHz, 0.1V 0.20 0.97
    DR334-333 33 ± 20% @ 2.52MHz, 0.1V 0.23 0.88
    DR334-393 39 ± 20% @ 2.52MHz, 0.1V 0.32 0.80
    DR334-473 47 ± 20% @ 2.52MHz, 0.1V 0.37 0.72
    DR334-563 56 ± 10% @ 2.52MHz, 0.1V 0.42 0.68
    DR334-683 68 ± 10% @ 2.52MHz, 0.1V 0.46 0.61
    DR334-823 82 ± 10% @ 2.52MHz, 0.1V 0.60 0.58
    DR334-104 100 ± 10% @ 1kHz, 0.1V 0.70 0.52
    DR334-124 120 ± 10% @ 1kHz, 0.1V 0.93 0.48
    DR334-154 150 ± 10% @ 1kHz, 0.1V 1.10 0.40
    DR334-184 180 ± 10% @ 1kHz, 0.1V 1.38 0.38
    DR334-224 220 ± 10% @ 1kHz, 0.1V 1.57 0.35
    DR334-334 330 ± 10% @ 1kHz, 0.1V 1.80 0.28
    DR334-474 470 ± 10% @ 1kHz, 0.1V 2.90 0.25
    DR334-684 680 ± 10% @ 1kHz, 0.1V 4.20 0.22
    DR334-105 1000 ± 10% @ 1kHz, 0.1V 5.70 0.18

    Notes:

    ️· All dimensions are shown in millimeters.
    ️· General tolerance: ±0.25mm.
    ️· Reel quantity: 1500.
    ️· For non-RoHS parts, replace "DR" with "42-" in the part number.
    ️· Terminal finish compliant with RoHS requirements.

    Part No.DR334-124
    ManufacturerDATATRONICS
    Size106 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR