Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR331-8-152 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR331-8-152 Datasheet

  • # Example questions: ➢ Which part number offers an inductance of 3µh and what is its dcr value?
    ➢ What is the operating temperature range for this shielded smd inductor series?
    ➢ How does the isat value affect the inductor's performance, as described in the notes?

  • Part No.DR331-8-152
    ManufacturerDATATRONICS
    Size76 Kbytes
    Pages1 page
    DescriptionSHIELDED SMD INDUCTOR
    Datasheet Summary with AI

    SHIELDED SMD INDUCTOR DR331-8 SERIES

    Features
    · Low Profile Surface Mount Design
    · Inductance Range from 1.0µH to 47µH
    · Operating Temperature: -40°C to +85°C
    · Tinned Leads with Leaded Solder Available

    Electrical Specifications

    |Part No.|Inductance (µH) ± 20%|DCR (Ω) Max.|I rms (A) Max.|I sat (A) Max.|Q Min.|SRF MHz (REF.)|
    |---|---|---|---|---|---|---|
    |DR331-8-102|1.0|0.021|5.0|5.6|10|140|
    |DR331-8-152|1.5|0.022|4.5|5.2|10|120|
    |DR331-8-222|2.2|0.032|3.8|5.0|10|80|
    |DR331-8-332|3.3|0.039|3.3|3.9|10|70|
    |DR331-8-472|4.7|0.054|2.7|3.2|15|40|
    |DR331-8-682|6.8|0.075|2.2|2.5|12|26|
    |DR331-8-103|10.3|0.12|1.8|2.0|8|16|
    |DR331-8-153|15.3|0.17|1.6|1.8|7|14|

    |DR331-8-223|22.3|0.22|1.5|1.7|6|12|
    |DR331-8-333|33.3|0.28|1.4|1.6|5|10|
    |DR331-8-473|47.3|0.36|1.3|1.5|4|8|

    Notes
    · Isat: Based on inductance being 90% of its initial value.
    · Irms: Based on a temperature rise of 40°C.
    · Inductance Tested at 0.1Vrms @ 100kHz.
    · For non-RoHS parts, replace "DR" prefix with "42-".
    · Terminal Finish Complies with RoHS.

    Packaging
    · Tape and Reel: 500 pcs / reel.

    Contact Information
    · Datatronic: 28151 Highway 74, Romoland, CA 92585, Phone: 951-928-7700, Toll-Free: 888-889-5391, Fax: 951-928-7701
    · Hong Kong Office: 499 King’s Road, Phone: (852) 2562-3858, (852) 2564-8477, Fax: (852) 2565-7214, (852) 2563-1290.
    · All Specifications Subject to Change.

    SHIELDED SMD INDUCTOR DR331-8 SERIES

    Features
    · Low Profile Surface Mount Design
    · Inductance Range from 1.0µH to 47µH
    · Operating Temperature: -40°C to +85°C
    · Tinned Leads with Leaded Solder Available

    Electrical Specifications

    Part No. Inductance (µH) ± 20% DCR (Ω) Max. I rms (A) Max. I sat (A) Max. Q Min. SRF MHz (REF.)
    DR331-8-102 1.0 0.021 5.0 5.6 10 140
    DR331-8-152 1.5 0.022 4.5 5.2 10 120
    DR331-8-222 2.2 0.032 3.8 5.0 10 80
    DR331-8-332 3.3 0.039 3.3 3.9 10 70
    DR331-8-472 4.7 0.054 2.7 3.2 15 40
    DR331-8-682 6.8 0.075 2.2 2.5 12 26
    DR331-8-103 10.3 0.12 1.8 2.0 8 16
    DR331-8-153 15.3 0.17 1.6 1.8 7 14
    DR331-8-223 22.3 0.22 1.5 1.7 6 12
    DR331-8-333 33.3 0.28 1.4 1.6 5 10
    DR331-8-473 47.3 0.36 1.3 1.5 4 8

    Notes
    · Isat: Based on inductance being 90% of its initial value.
    · Irms: Based on a temperature rise of 40°C.
    · Inductance Tested at 0.1Vrms @ 100kHz.
    · For non-RoHS parts, replace "DR" prefix with "42-".
    · Terminal Finish Complies with RoHS.

    Packaging
    · Tape and Reel: 500 pcs / reel.

    Contact Information
    · Datatronic: 28151 Highway 74, Romoland, CA 92585, Phone: 951-928-7700, Toll-Free: 888-889-5391, Fax: 951-928-7701
    · Hong Kong Office: 499 King’s Road, Phone: (852) 2562-3858, (852) 2564-8477, Fax: (852) 2565-7214, (852) 2563-1290.
    · All Specifications Subject to Change.

    Part No.DR331-8-152
    ManufacturerDATATRONICS
    Size76 Kbytes
    Pages1 page
    DescriptionSHIELDED SMD INDUCTOR