| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PSM-4E-10B Datasheet
# Example questions:
➢ How does the device achieve a total phase shift range of 360°?
➢ What is the maximum vswr specified for the psm-4e series phase shifters?
➢ What is the nominal weight of the psm-4e series phase shifters in both ounces and grams?
# PSM-4E Series PHASE SHIFTERS, MANUAL
## Overview
· Frequency Range: 10 to 100 MHz
· Phase Shift: 0° to 180° continuous, plus an additional 180° switchable. Total range of 360°.
· Bandwidth: ±5%
· Connectors: SMA
## Principal Specifications
· Model Number Format: PSM-4E-* (Replace * with desired center frequency in MHz)
· Center Phase Shift: 360° min.
## General Specifications
· Insertion Loss: 1.75 dB max.
· Impedance: 50 Ω nominal
· VSWR: 2.0:1 max
· CW Power: 1 Watt max
· Screw Drive: 32 turns nominal, plus toggle switch
· Control Direction (Increasing Phase Shift): Clockwise
· Weight: 1.5 oz (42 g)
· Operating Temperature: -55°C to +85°C
## Design & Notes
· Utilizes a lumped element quadrature hybrid with L-C networks acting as sliding short circuits.
· Designed for high reliability.
· Screening available for specific applications.
· Tolerance on 3 place decimals ±.020(.51) except as noted.
· Dimensions in inches over millimeters.
# PSM-4E Series PHASE SHIFTERS, MANUAL
## Overview
· Frequency Range: 10 to 100 MHz
· Phase Shift: 0° to 180° continuous, plus an additional 180° switchable. Total range of 360°.
· Bandwidth: ±5%
· Connectors: SMA
## Principal Specifications
· Model Number Format: PSM-4E-* (Replace * with desired center frequency in MHz)
· Center Phase Shift: 360° min.
## General Specifications
· Insertion Loss: 1.75 dB max.
· Impedance: 50 Ω nominal
· VSWR: 2.0:1 max
· CW Power: 1 Watt max
· Screw Drive: 32 turns nominal, plus toggle switch
· Control Direction (Increasing Phase Shift): Clockwise
· Weight: 1.5 oz (42 g)
· Operating Temperature: -55°C to +85°C
## Design & Notes
· Utilizes a lumped element quadrature hybrid with L-C networks acting as sliding short circuits.
· Designed for high reliability.
· Screening available for specific applications.
· Tolerance on 3 place decimals ±.020(.51) except as noted.
· Dimensions in inches over millimeters.
| Part No. | PSM-4E-10B |
| Manufacturer | MERRIMAC |
| Size | 101 Kbytes |
| Pages | 1 page |
| Description | PHASE SHIFTERS, MANUAL |