Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VM32PA-16 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about VM32PA-16 Datasheet

  • # Example questions: ➢ How does the optional ac coupling affect the signal bandwidth, and what is the fixed frequency range offered?
    ➢ What physical connectors are required for interfacing with the input and output signals of the vm32pa board?
    ➢ What is the maximum input voltage this board can handle on each channel?

  • Part No.VM32PA-16
    ManufacturerFREQUENCYDEVICES
    Size224 Kbytes
    Pages2 pages
    DescriptionProgrammable Amplifier VME Board
    Datasheet Summary with AI

    # Model VM32PA - Programmable Amplifier VME Board

    ## Description

    ️· VMEbus amplifier board with software-programmable differential amplifiers.
    ️· Provides simultaneous access to 32 DC-coupled wideband signals.
    ️· Programmable gain: -12dB to +60dB in 6dB steps.
    ️· Signal bandwidth: 100 Hz to 100 kHz.
    ️· Configurable with 8, 16, or 32 channels.
    ️· Conforms to VME revision C.1 (A16/D16 Slave).
    ️· Options: AC-coupled input and/or differential output.

    ## Features/Benefits

    ️· 32 Channels provide a low-cost and versatile solution for amplification.
    ️· Three active read/write registers for programming and setup verification.
    ️· Excellent performance: Interchannel crosstalk <-100 dB, phase match 0.2°, gain accuracy ±0.1 dB.
    ️· High channel density maximizes chassis utilization.

    ## Applications

    ️· Sonar, navigation, aerospace
    ️· Engine test and simulation
    ️· Acoustic and vibration analysis
    ️· Satellite and telecommunications
    ️· Laboratory R&D
    ️· Automatic test equipment (ATE)
    ️· Industrial process control

    ## Specifications

    ️· Gain: Programmable from 0.25X to 1024X in factors of 2.
    ️· Gain Accuracy: ±0.1 dB at DC.
    ️· Signal Bandwidth: 100 kHz (gain ≥6dB), 500 kHz (gain <6dB).
    ️· Amplitude Match: ±0.1 dB at DC, linear to ±0.25 dB.
    ️· Phase Match: 0.2° typ., 1° max.
    ️· Noise Voltage: 20 nV/√Hz @ 1 kHz, G=1,000.
    ️· Distortion: -83dB @ 1 kHz (single ended) and -86dB (differential).
    ️· Input Impedance: 1 MΩ//22pF
    ️· Maximum Input Voltage: ± 15 V
    ️· Operating Temperature: 0°C to +70°C
    ️· Storage Temperature: -25°C to +85°C
    ️· Card Size: VMEbus 6U single slot (9.17 x 6.3 inches / 233 x 160 mm)
    ️· Input Channels: 32 Differential
    ️· Output Channels: 32 Single Ended (two groups of 16)
    ️· Weight: 1 LB (454 grams)

    # Model VM32PA - Programmable Amplifier VME Board

    ## Description

    ️· VMEbus amplifier board with software-programmable differential amplifiers.
    ️· Provides simultaneous access to 32 DC-coupled wideband signals.
    ️· Programmable gain: -12dB to +60dB in 6dB steps.
    ️· Signal bandwidth: 100 Hz to 100 kHz.
    ️· Configurable with 8, 16, or 32 channels.
    ️· Conforms to VME revision C.1 (A16/D16 Slave).
    ️· Options: AC-coupled input and/or differential output.

    ## Features/Benefits

    ️· 32 Channels provide a low-cost and versatile solution for amplification.
    ️· Three active read/write registers for programming and setup verification.
    ️· Excellent performance: Interchannel crosstalk <-100 dB, phase match 0.2°, gain accuracy ±0.1 dB.
    ️· High channel density maximizes chassis utilization.

    ## Applications

    ️· Sonar, navigation, aerospace
    ️· Engine test and simulation
    ️· Acoustic and vibration analysis
    ️· Satellite and telecommunications
    ️· Laboratory R&D
    ️· Automatic test equipment (ATE)
    ️· Industrial process control

    ## Specifications

    ️· Gain: Programmable from 0.25X to 1024X in factors of 2.
    ️· Gain Accuracy: ±0.1 dB at DC.
    ️· Signal Bandwidth: 100 kHz (gain ≥6dB), 500 kHz (gain <6dB).
    ️· Amplitude Match: ±0.1 dB at DC, linear to ±0.25 dB.
    ️· Phase Match: 0.2° typ., 1° max.
    ️· Noise Voltage: 20 nV/√Hz @ 1 kHz, G=1,000.
    ️· Distortion: -83dB @ 1 kHz (single ended) and -86dB (differential).
    ️· Input Impedance: 1 MΩ//22pF
    ️· Maximum Input Voltage: ± 15 V
    ️· Operating Temperature: 0°C to +70°C
    ️· Storage Temperature: -25°C to +85°C
    ️· Card Size: VMEbus 6U single slot (9.17 x 6.3 inches / 233 x 160 mm)
    ️· Input Channels: 32 Differential
    ️· Output Channels: 32 Single Ended (two groups of 16)
    ️· Weight: 1 LB (454 grams)

    Part No.VM32PA-16
    ManufacturerFREQUENCYDEVICES
    Size224 Kbytes
    Pages2 pages
    DescriptionProgrammable Amplifier VME Board