Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VM32FF Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about VM32FF Datasheet

  • # Example questions: ➢ What is the maximum input voltage this board can handle while remaining within its linear operating range?
    ➢ What are the available options for filter types and corner frequencies when configuring the vm32ff board?
    ➢ How does the board's channel to channel crosstalk specification change with frequency, and what frequency is the <-80 db specification measured at?

  • Part No.VM32FF
    ManufacturerFREQUENCYDEVICES
    Size150 Kbytes
    Pages2 pages
    DescriptionFixed Frequency VME Filter Board
    Datasheet Summary with AI

    # VM32FF: 32 Channel Fixed Frequency VME Filter Board

    ## Description

    · 32-channel VMEbus filter board
    · B-sized (6U) form factor
    · Receives up to 32 high-level differential signal inputs
    · Provides signal buffering and unity gain (optional customer gain)
    · Filter options: 2-pole D72/DP72, 4-pole D74/DP74, high-pass or low-pass
    · Fixed frequency from 1.0 Hz to 100.0 kHz

    ## Features & Benefits

    · Simultaneous access over 32 channels for amplification and filtering
    · Interchannel crosstalk <-80 dB
    · 2- and 4-pole Butterworth or Bessel transfer functions
    · High channel count density

    ## Applications

    · Industrial process control
    · Engine test and simulation
    · Acoustic/vibration analysis
    · Satellite/telecommunications
    · Automatic test equipment (ATE)
    · Aerospace/navigation/sonar
    · Automotive test cells

    ## Specifications

    Analog Input
    · Impedance: 1 GΩ//15pF
    · Maximum Input: ±10V pk linear
    · Over Voltage Protection: ±60 V
    · Common Mode Rejection: 75 dB min. @ 60 Hz

    Analog Output
    · Impedance: 0.1W typ., 1.0W max
    · Linear Operating Range: ±10V pk
    · Channel to Channel Crosstalk: <-80 dB @ 10 kHz
    · Maximum Current: ±2.0mA
    · Offset Voltage: ±10mV max.
    · Offset Temp. Coeff.: 20 mV/°C
    · Short Circuit Protection: Short to Ground
    · Peak Distortion @ 1 kHz, 3.54 Vrms: 80dBc max.
    · In-band Spectral Noise, Gain of X500: 230nV/ √ Hz

    Filter Characteristics
    · Cut-off Frequency (fc): 1 Hz to 100 kHz

    Gain
    · Nominal Gain: 1X, Accuracy ± 1.0%
    · Optional Gains: 10X, 100X, 1000X (contact factory for others)

    Power Supply
    · +12V and -12V from VME backplane, ±5%, 0.9A max each, no load
    · Analog ground isolation via jumper

    Environmental
    · Operating: 0°C to +70°C
    · Storage: -25°C to +85°C
    · Humidity: 0 - 95% non-condensing

    Mechanical
    · Card Size: VMEbus 6U single slot, 9.17 x 6.3 inches (233 x 160 mm)
    · Input Channels: 32 Differential, DC coupled (two groups of 16)
    · Output Channels: 32 Single Ended, DC coupled
    · Mating Connectors: Input - Female 62-pin D-sub, Output - Male 44-pin D-sub
    · Weight: 1.5 LB, (681 grams)

    Ordering Information
    · Available in 8, 16, or 32 channels.
    · Filter Type: D72, DP72, D74, DP74
    · Optional Gain: 10, 100, 1000

    # VM32FF: 32 Channel Fixed Frequency VME Filter Board

    ## Description

    · 32-channel VMEbus filter board
    · B-sized (6U) form factor
    · Receives up to 32 high-level differential signal inputs
    · Provides signal buffering and unity gain (optional customer gain)
    · Filter options: 2-pole D72/DP72, 4-pole D74/DP74, high-pass or low-pass
    · Fixed frequency from 1.0 Hz to 100.0 kHz

    ## Features & Benefits

    · Simultaneous access over 32 channels for amplification and filtering
    · Interchannel crosstalk <-80 dB
    · 2- and 4-pole Butterworth or Bessel transfer functions
    · High channel count density

    ## Applications

    · Industrial process control
    · Engine test and simulation
    · Acoustic/vibration analysis
    · Satellite/telecommunications
    · Automatic test equipment (ATE)
    · Aerospace/navigation/sonar
    · Automotive test cells

    ## Specifications

    Analog Input
    · Impedance: 1 GΩ//15pF
    · Maximum Input: ±10V pk linear
    · Over Voltage Protection: ±60 V
    · Common Mode Rejection: 75 dB min. @ 60 Hz

    Analog Output
    · Impedance: 0.1W typ., 1.0W max
    · Linear Operating Range: ±10V pk
    · Channel to Channel Crosstalk: <-80 dB @ 10 kHz
    · Maximum Current: ±2.0mA
    · Offset Voltage: ±10mV max.
    · Offset Temp. Coeff.: 20 mV/°C
    · Short Circuit Protection: Short to Ground
    · Peak Distortion @ 1 kHz, 3.54 Vrms: 80dBc max.
    · In-band Spectral Noise, Gain of X500: 230nV/ √ Hz

    Filter Characteristics
    · Cut-off Frequency (fc): 1 Hz to 100 kHz

    Gain
    · Nominal Gain: 1X, Accuracy ± 1.0%
    · Optional Gains: 10X, 100X, 1000X (contact factory for others)

    Power Supply
    · +12V and -12V from VME backplane, ±5%, 0.9A max each, no load
    · Analog ground isolation via jumper

    Environmental
    · Operating: 0°C to +70°C
    · Storage: -25°C to +85°C
    · Humidity: 0 - 95% non-condensing

    Mechanical
    · Card Size: VMEbus 6U single slot, 9.17 x 6.3 inches (233 x 160 mm)
    · Input Channels: 32 Differential, DC coupled (two groups of 16)
    · Output Channels: 32 Single Ended, DC coupled
    · Mating Connectors: Input - Female 62-pin D-sub, Output - Male 44-pin D-sub
    · Weight: 1.5 LB, (681 grams)

    Ordering Information
    · Available in 8, 16, or 32 channels.
    · Filter Type: D72, DP72, D74, DP74
    · Optional Gain: 10, 100, 1000

    Part No.VM32FF
    ManufacturerFREQUENCYDEVICES
    Size150 Kbytes
    Pages2 pages
    DescriptionFixed Frequency VME Filter Board