| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about VM2.0PAFF Datasheet
# Example questions:
➢ What is the range of programmable gain available on the vm0paff board before filtering?
➢ What is the operating temperature range for this vm0paff board?
➢ What type of connectors are used for the input and output signals on the vm0paff board?
# Model VM2.0PAFF
## Programmable Amplifiers with Fixed Frequency Filters >100 kHz to 2.0 MHz VME Board
Description
Frequency Devices’ Model VM2.0PAFF comprises a family of VMEbus amplifier/filter boards offering software programmable differential amplifiers combined with precision 4-pole Butterworth or Bessel linear analog filters. Boards provide simultaneous access to 32, DC-coupled wideband signals with programmable gain from –12dB to +36dB in 6dB steps and fixed frequency filters with corner frequencies from >100 kHz to 2.0 MHz. Boards may be configured with 8, 16, or 32 channels.
Features/Benefits:
# Model VM2.0PAFF
## Programmable Amplifiers with Fixed Frequency Filters >100 kHz to 2.0 MHz VME Board
Description
Frequency Devices’ Model VM2.0PAFF comprises a family of VMEbus amplifier/filter boards offering software programmable differential amplifiers combined with precision 4-pole Butterworth or Bessel linear analog filters. Boards provide simultaneous access to 32, DC-coupled wideband signals with programmable gain from –12dB to +36dB in 6dB steps and fixed frequency filters with corner frequencies from >100 kHz to 2.0 MHz. Boards may be configured with 8, 16, or 32 channels.
Features/Benefits:
| Part No. | VM2.0PAFF |
| Manufacturer | FREQUENCYDEVICES |
| Size | 795 Kbytes |
| Pages | 2 pages |
| Description | Programmable Amplifiers with Fixed Frequency Filters >100 kHz to 2.0 MHz VME Board |